Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97645A Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL97645A
Description  Boost VON Slice VCOM Reset
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97645A Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL97645A Datasheet HTML 1Page - Renesas Technology Corp ISL97645A Datasheet HTML 2Page - Renesas Technology Corp ISL97645A Datasheet HTML 3Page - Renesas Technology Corp ISL97645A Datasheet HTML 4Page - Renesas Technology Corp ISL97645A Datasheet HTML 5Page - Renesas Technology Corp ISL97645A Datasheet HTML 6Page - Renesas Technology Corp ISL97645A Datasheet HTML 7Page - Renesas Technology Corp ISL97645A Datasheet HTML 8Page - Renesas Technology Corp ISL97645A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
FN6353 Rev 1.00
Page 1 of 16
October 21, 2010
FN6353
Rev 1.00
October 21, 2010
ISL97645A
Boost + VON Slice + VCOM + Reset
DATASHEET
The ISL97645A represents an integrated DC/DC regulator
for monitor and notebook applications with screen sizes up
to 20”. The device integrates a boost converter for
generating AVDD, a VON slice circuit, and a high performance
VCOM amplifier.
The boost converter features a 2.6A FET and has user
programmable soft-start and compensation. With efficiencies
up to 92%, the AVDD is user selectable from 7V to 20V.
The VON slice circuit can control gate voltages up to 30V.
High and low levels are programmable, as well as discharge
rate and timing.
The supply monitor can be used to monitor the input voltage
to prevent low voltage operation.
The integrated VCOM features high speed and drive
capability. With 30MHz bandwidth and 50V/µs slew rate, the
VCOM amplifier is capable of driving 400mA peaks, and
100mA continuous output current.
Features
• 2.7V to 5.5V Input
• 2.6A Integrated Boost for Up to 20V AVDD
• Integrated VON Slice
• RESET signal generated by Supply Monitor
• 600kHz/1.2MHz fS
•VCOM Amplifier
-30MHz BW
-50V/µs SR
- 400mA Peak Output Current
• UV and OT Protection
•24 Ld 4x4 QFN
• Pb-Free (RoHS Compliant)
Applications
• LCD Monitors (15”+)
• Notebook Display (up to 16”)
Pinout
ISL97645A
(24 LD 4x4 QFN)
TOP VIEW
Ordering Information
PART
NUMBER
(Notes 1, 2, 3)
PART
MARKING
TEMP.
RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL97645AIRZ
976 45AIRZ -40 to +85 24 Ld 4x4 QFN L24.4x4D
NOTES:
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details
on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-
free material sets, molding compounds/die attach materials, and
100% matte tin plate plus anneal (e3 termination finish, which is
RoHS compliant and compatible with both SnPb and Pb-free
soldering operations). Intersil Pb-free products are MSL classified at
Pb-free peak reflow temperatures that meet or exceed the Pb-free
requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device
information page for ISL97645A. For more information on
MSL please see techbrief TB363.
GND
VGH_M
VFLK
VDPM
VDD1
VDD2
LX
VIN2
FREQ2
COMP
SS
RESET
1
2
3
4
5
6
18
17
16
15
14
13
24
23
22
21
20
19
78
9
10
11
12


Similar Part No. - ISL97645A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97645A INTERSIL-ISL97645A Datasheet
523Kb / 15P
   Boost VON Slice VCOM
ISL97645A INTERSIL-ISL97645A Datasheet
534Kb / 16P
   Boost VON Slice VCOM Reset
ISL97645AIRZ INTERSIL-ISL97645AIRZ Datasheet
523Kb / 15P
   Boost VON Slice VCOM
ISL97645AIRZ INTERSIL-ISL97645AIRZ Datasheet
534Kb / 16P
   Boost VON Slice VCOM Reset
ISL97645AIRZ-T INTERSIL-ISL97645AIRZ-T Datasheet
523Kb / 15P
   Boost VON Slice VCOM
More results

Similar Description - ISL97645A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97645A INTERSIL-ISL97645A_10 Datasheet
534Kb / 16P
   Boost VON Slice VCOM Reset
ISL97645 INTERSIL-ISL97645_07 Datasheet
439Kb / 14P
   Boost VON Slice VCOM
ISL97645 INTERSIL-ISL97645 Datasheet
539Kb / 14P
   Boost VON Slice VCOM
ISL97645A INTERSIL-ISL97645A Datasheet
523Kb / 15P
   Boost VON Slice VCOM
logo
Renesas Technology Corp
ISL97645 RENESAS-ISL97645 Datasheet
899Kb / 14P
   Boost VON Slice VCOM
December 14, 2007
ISL97644 RENESAS-ISL97644 Datasheet
855Kb / 15P
   Boost LDO VON Slice VCOM
logo
Intersil Corporation
ISL97644 INTERSIL-ISL97644_07 Datasheet
448Kb / 15P
   Boost LDO VON Slice VCOM
ISL97646 INTERSIL-ISL97646_07 Datasheet
453Kb / 15P
   Boost LDO VON Slice VCOM
ISL97644 INTERSIL-ISL97644 Datasheet
548Kb / 15P
   Boost LDO VON Slice VCOM
ISL97646 INTERSIL-ISL97646 Datasheet
446Kb / 15P
   Boost LDO VON Slice VCOM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com