Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97645A Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ISL97645A
Description  Boost VON Slice VCOM Reset
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97645A Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ISL97645A Datasheet HTML 8Page - Renesas Technology Corp ISL97645A Datasheet HTML 9Page - Renesas Technology Corp ISL97645A Datasheet HTML 10Page - Renesas Technology Corp ISL97645A Datasheet HTML 11Page - Renesas Technology Corp ISL97645A Datasheet HTML 12Page - Renesas Technology Corp ISL97645A Datasheet HTML 13Page - Renesas Technology Corp ISL97645A Datasheet HTML 14Page - Renesas Technology Corp ISL97645A Datasheet HTML 15Page - Renesas Technology Corp ISL97645A Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ISL97645A
FN6353 Rev 1.00
Page 14 of 16
October 21, 2010
Start-Up Sequence
When VIN exceeds VLOR and ENABLE reaches the VIH
threshold value, Boost converter starts up, and gate pulse
modulator circuit output holds until VDPM is charged to
1.215V. Note that there is a DC path in the boost converter
from the input to the output through the inductor and diode,
hence the input voltage will be seen at output with a forward
voltage drop of diode before the part is enabled. If this voltage
is not desired, the following circuit can be inserted between
input and inductor to disconnect the DC path when the part is
disabled.
.
VCOM Amplifier
The VCOM amplifier is designed to control the voltage on the
back plate of an LCD display. This plate is capacitively coupled
to the pixel drive voltage which alternately cycles positive and
negative at the line rate for the display. Thus the amplifier must
be capable of sourcing and sinking capacitive pulses of
current, which can occasionally be quite large (a few 100mA
for typical applications).
The ISL97645A VCOM amplifier's output current is limited to
400mA. This limit level, which is roughly the same for sourcing
and sinking, is included to maintain reliable operation of the
part. It does not necessarily prevent a large temperature rise if
the current is maintained. (In this case the whole chip may be
shut down by the thermal trip to protect functionality.) If the
display occasionally demands current pulses higher than this
limit, the reservoir capacitor will provide the excess and the
amplifier will top the reservoir capacitor back up once the pulse
has stopped. This will happen on the µs time scale in practical
systems and for pulses 2 or 3 times the current limit, the VCOM
voltage will have settled again before the next line is
processed.
Fault Protection
ISL97645A provides the overall fault protections including over
current protection and over-temperature protection.
An internal temperature sensor continuously monitors the die
temperature. In the event that die temperature exceeds the
thermal trip point, the device will shut down and disable itself.
The upper and lower trip points are typically set to +140°C and
+100°C respectively.
TABLE 6. VGH_M STATUS TABLE
VIN
VDPM
RESET
VGH
VGH_M
COMMENT
x
x
x
<2.5V
GROUND
Will be grounded if VIN is above
a logic threshold. Could occur at
power-up or power-down
>VLOR
<1.215V
x
>2.5V
GROUND
Start-up only condition: If either
VIN> VLOR or reset is H, but
VDPM < 1.215V, GND VGHM
x
<1.215V
High
>2.5V
GROUND
>VLOR
>1.215V
High
>2.5V
Switching
controlled by
VFLK
x
x
Low
>2.5V
VGH
Power-down state. Could occur
at power-up if part starts with
VGH > 2.5V
FIGURE 18. CIRCUIT TO DISCONNECT THE DC PATH OF
BOOST CONVERTER
INPUT
ENABLE
TO INDUCTOR


Similar Part No. - ISL97645A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97645A INTERSIL-ISL97645A Datasheet
523Kb / 15P
   Boost VON Slice VCOM
ISL97645A INTERSIL-ISL97645A Datasheet
534Kb / 16P
   Boost VON Slice VCOM Reset
ISL97645AIRZ INTERSIL-ISL97645AIRZ Datasheet
523Kb / 15P
   Boost VON Slice VCOM
ISL97645AIRZ INTERSIL-ISL97645AIRZ Datasheet
534Kb / 16P
   Boost VON Slice VCOM Reset
ISL97645AIRZ-T INTERSIL-ISL97645AIRZ-T Datasheet
523Kb / 15P
   Boost VON Slice VCOM
More results

Similar Description - ISL97645A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97645A INTERSIL-ISL97645A_10 Datasheet
534Kb / 16P
   Boost VON Slice VCOM Reset
ISL97645 INTERSIL-ISL97645_07 Datasheet
439Kb / 14P
   Boost VON Slice VCOM
ISL97645 INTERSIL-ISL97645 Datasheet
539Kb / 14P
   Boost VON Slice VCOM
ISL97645A INTERSIL-ISL97645A Datasheet
523Kb / 15P
   Boost VON Slice VCOM
logo
Renesas Technology Corp
ISL97645 RENESAS-ISL97645 Datasheet
899Kb / 14P
   Boost VON Slice VCOM
December 14, 2007
ISL97644 RENESAS-ISL97644 Datasheet
855Kb / 15P
   Boost LDO VON Slice VCOM
logo
Intersil Corporation
ISL97644 INTERSIL-ISL97644_07 Datasheet
448Kb / 15P
   Boost LDO VON Slice VCOM
ISL97646 INTERSIL-ISL97646_07 Datasheet
453Kb / 15P
   Boost LDO VON Slice VCOM
ISL97644 INTERSIL-ISL97644 Datasheet
548Kb / 15P
   Boost LDO VON Slice VCOM
ISL97646 INTERSIL-ISL97646 Datasheet
446Kb / 15P
   Boost LDO VON Slice VCOM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com