Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP50R07N2E4 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # FP50R07N2E4
Description  EconoPIM2 Modul mit Trench
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FP50R07N2E4 Datasheet(HTML) 5 Page - Infineon Technologies AG

  FP50R07N2E4 Datasheet HTML 1Page - Infineon Technologies AG FP50R07N2E4 Datasheet HTML 2Page - Infineon Technologies AG FP50R07N2E4 Datasheet HTML 3Page - Infineon Technologies AG FP50R07N2E4 Datasheet HTML 4Page - Infineon Technologies AG FP50R07N2E4 Datasheet HTML 5Page - Infineon Technologies AG FP50R07N2E4 Datasheet HTML 6Page - Infineon Technologies AG FP50R07N2E4 Datasheet HTML 7Page - Infineon Technologies AG FP50R07N2E4 Datasheet HTML 8Page - Infineon Technologies AG FP50R07N2E4 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Datasheet
5
V3.0
2017-06-22
FP50R07N2E4
Diode,Brems-Chopper/Diode,Brake-Chopper
HöchstzulässigeWerte/MaximumRatedValues
PeriodischeSpitzensperrspannung
Repetitivepeakreversevoltage
Tvj = 25°C
VRRM

650
 V
Dauergleichstrom
ContinuousDCforwardcurrent
IF

20
 A
PeriodischerSpitzenstrom
Repetitivepeakforwardcurrent
tP = 1 ms
IFRM

40
 A
Grenzlastintegral
I²t-value
VR = 0 V, tP = 10 ms, Tvj = 125°C
VR = 0 V, tP = 10 ms, Tvj = 150°C
I²t

49,0
45,0
 A²s
A²s
CharakteristischeWerte/CharacteristicValues
min.
typ.
max.
Durchlassspannung
Forwardvoltage
IF = 20 A, VGE = 0 V
IF = 20 A, VGE = 0 V
IF = 20 A, VGE = 0 V
VF
1,60
1,55
1,50
2,00
V
V
V
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
Rückstromspitze
Peakreverserecoverycurrent
IF = 20 A, - diF/dt = 1800 A/µs (Tvj=150°C)
VR = 300 V
IRM
34,0
38,0
40,0
A
A
A
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
Sperrverzögerungsladung
Recoveredcharge
IF = 20 A, - diF/dt = 1800 A/µs (Tvj=150°C)
VR = 300 V
Qr
1,00
1,75
2,20
µC
µC
µC
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
AbschaltenergieproPuls
Reverserecoveryenergy
IF = 20 A, - diF/dt = 1800 A/µs (Tvj=150°C)
VR = 300 V
Erec
0,21
0,37
0,47
mJ
mJ
mJ
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
Wärmewiderstand,ChipbisGehäuse
Thermalresistance,junctiontocase
proDiode/perdiode
RthJC
2,30
K/W
Wärmewiderstand,GehäusebisKühlkörper
Thermalresistance,casetoheatsink
proDiode/perdiode
λPaste=1W/(m·K)/λgrease=1W/(m·K)
RthCH
1,08
K/W
TemperaturimSchaltbetrieb
Temperatureunderswitchingconditions
Tvj op
-40
150
°C
NTC-Widerstand/NTC-Thermistor
CharakteristischeWerte/CharacteristicValues
min.
typ.
max.
Nennwiderstand
Ratedresistance
TNTC = 25°C
R25
5,00
k
AbweichungvonR100
DeviationofR100
TNTC = 100°C, R100 = 493
∆R/R
-5
5
%
Verlustleistung
Powerdissipation
TNTC = 25°C
P25
20,0
mW
B-Wert
B-value
R2 = R25 exp [B25/50(1/T2 - 1/(298,15 K))]
B25/50
3375
K
B-Wert
B-value
R2 = R25 exp [B25/80(1/T2 - 1/(298,15 K))]
B25/80
3411
K
B-Wert
B-value
R2 = R25 exp [B25/100(1/T2 - 1/(298,15 K))]
B25/100
3433
K
AngabengemäßgültigerApplicationNote.
Specificationaccordingtothevalidapplicationnote.


Similar Part No. - FP50R07N2E4

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FP50R07N2E4_B11 INFINEON-FP50R07N2E4_B11 Datasheet
777Kb / 12P
   EconoPIM2 Modul mit Trench
V3.0 2017-04-21
More results

Similar Description - FP50R07N2E4

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FP50R12KT4_B11 INFINEON-FP50R12KT4_B11_13 Datasheet
835Kb / 12P
   EconoPIM2 Modul mit Trench
2013-10-16 revision:3.0
FP75R07N2E4_B11 INFINEON-FP75R07N2E4_B11 Datasheet
839Kb / 12P
   EconoPIM2 Modul mit Trench
2014-07-23 revision:2.1
FP25R12KT4_B11 INFINEON-FP25R12KT4_B11 Datasheet
824Kb / 12P
   EconoPIM2 Modul mit Trench
2013-11-25 revision:2.0
FP75R07N2E4 INFINEON-FP75R07N2E4 Datasheet
752Kb / 12P
   EconoPIM2 Modul mit Trench
V3.0 2017-06-22
FP50R07N2E4_B11 INFINEON-FP50R07N2E4_B11 Datasheet
777Kb / 12P
   EconoPIM2 Modul mit Trench
V3.0 2017-04-21
FP50R12KT4 INFINEON-FP50R12KT4_13 Datasheet
645Kb / 11P
   EconoPIM2 Modul mit Trench
2013-11-04 revision:2.0
FP25R12KT4 INFINEON-FP25R12KT4_13 Datasheet
819Kb / 12P
   EconoPIM2 Modul mit Trench
2013-11-05 revision:3.0
FP35R12KT4 INFINEON-FP35R12KT4_13 Datasheet
652Kb / 11P
   EconoPIM2 Modul mit Trench
2013-11-04 revision:2.0
FP35R12KT4_B15 INFINEON-FP35R12KT4_B15_13 Datasheet
832Kb / 12P
   EconoPIM2 Modul mit Trench
2013-11-04 revision:2.0
FP40R12KE3 INFINEON-FP40R12KE3_13 Datasheet
562Kb / 11P
   EconoPIM2 Modul mit Trench
2013-10-02 revision:3.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com