Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97651 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL97651
Description  4-Channel Integrated LCD Supply
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97651 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL97651 Datasheet HTML 1Page - Renesas Technology Corp ISL97651 Datasheet HTML 2Page - Renesas Technology Corp ISL97651 Datasheet HTML 3Page - Renesas Technology Corp ISL97651 Datasheet HTML 4Page - Renesas Technology Corp ISL97651 Datasheet HTML 5Page - Renesas Technology Corp ISL97651 Datasheet HTML 6Page - Renesas Technology Corp ISL97651 Datasheet HTML 7Page - Renesas Technology Corp ISL97651 Datasheet HTML 8Page - Renesas Technology Corp ISL97651 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
FN7493 Rev 3.00
Page 1 of 20
April 24, 2009
FN7493
Rev 3.00
April 24, 2009
ISL97651
4-Channel Integrated LCD Supply
DATASHEET
The ISL97651 represents a high power, integrated LCD
supply IC targeted at large panel LCD displays. The
ISL97651 integrates a high power, 4.4A boost converter for
AVDD generation, an integrated VON charge pump, a VOFF
charge pump driver, VON slicing circuitry and a buck
regulator with 2A switch for logic generation.
The ISL97651 have been designed for ease of layout and
low BOM cost. Supply sequencing is integrated for both
AVDD -> VOFF -> VON and AVDD/VOFF -> VON sequences.
The TFT power sequence uses a separate enable to the
logic buck regulator for maximum flexibility.
Peak efficiencies are 90% for boost and 92% for buck while
operating from a 4V to 5.5V input supply. The current mode
buck offers superior line and load regulation. Available in the
36 Ld QFN package, the ISL97651 is specified for ambient
operation over the -40°C to +105°C temperature range.
Pinout
ISL97651
(36 LD TQFN)
TOP VIEW
Features
• 4V to 5.5V input supply
•AVDD boost up to 20V, with integrated 4.4A FET
• Integrated VON charge pump, up to 34VOUT
•VOFF charge pump driver, down to -18V
•VLOGIC buck down to 1.2V, with integrated 2A FET
• Automatic start-up sequencing
-AVDD -> VOFF -> VON or AVDD/VOFF -> VON
- Independent logic enable
•VON slicing
• Thermally enhanced thin QFN package (6mmx6mm)
• Pb-free (RoHS compliant)
Applications
• LCD monitors (15”+)
•LCD-TVs (40”+)
• Notebook displays (up to 16”)
• Industrial/medical LCD displays
THERMAL
PAD
27
26
25
24
23
22
21
1
2
3
4
5
6
7
VIN1
LX1
LX2
CB
LXL
VSUP
FBL
AGND
PGND1
PGND2
VINL
NOUT
PGND3
FBN
8
9
20
19
VREF
FBP
CM2
CTL
Ordering Information
PART NUMBER
(Notes 1, 2)
PART
MARKING
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL97651ARTZ-T
ISL976 51ARTZ 36 Ld 6x6 TQFN L36.6x6
ISL97651ARTZ-TK ISL976 51ARTZ 36 Ld 6x6 TQFN L36.6x6
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special
Pb-free material sets, molding compounds/die attach materials,
and 100% matte tin plate plus anneal (e3 termination finish,
which is RoHS compliant and compatible with both SnPb and
Pb-free soldering operations). Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or
exceed the Pb-free requirements of IPC/JEDEC J STD-020.
NOT RECOMMENDED FOR
NEW DESIGNS
RECOMMENDED REPLACE
MENT PART
ISL98603


Similar Part No. - ISL97651

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97651 INTERSIL-ISL97651 Datasheet
330Kb / 19P
   4-Channel Integrated LCD Supply
ISL97651ARTZ-T INTERSIL-ISL97651ARTZ-T Datasheet
330Kb / 19P
   4-Channel Integrated LCD Supply
ISL97651ARTZ-TK INTERSIL-ISL97651ARTZ-TK Datasheet
330Kb / 19P
   4-Channel Integrated LCD Supply
More results

Similar Description - ISL97651

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97650B INTERSIL-ISL97650B Datasheet
414Kb / 20P
   4-Channel Integrated LCD Supply
ISL97650 INTERSIL-ISL97650 Datasheet
337Kb / 20P
   4-Channel Integrated LCD Supply
ISL97650B INTERSIL-ISL97650B Datasheet
414Kb / 20P
   4-Channel Integrated LCD Supply
ISL97651 INTERSIL-ISL97651 Datasheet
330Kb / 19P
   4-Channel Integrated LCD Supply
logo
Renesas Technology Corp
ISL97650B RENESAS-ISL97650B Datasheet
921Kb / 20P
   4-Channel Integrated LCD Supply
logo
Intersil Corporation
ISL97650 INTERSIL-ISL97650_09 Datasheet
353Kb / 20P
   4-Channel Integrated LCD Supply
logo
Renesas Technology Corp
ISL97650 RENESAS-ISL97650 Datasheet
865Kb / 20P
   4-Channel Integrated LCD Supply
ISL98604 RENESAS-ISL98604 Datasheet
1Mb / 28P
   6-Channel Integrated LCD Supply
logo
Intersil Corporation
ISL97653A INTERSIL-ISL97653A Datasheet
752Kb / 18P
   5-Channel Integrated LCD Supply
ISL97653A INTERSIL-ISL97653A_08 Datasheet
530Kb / 18P
   5-Channel Integrated LCD Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com