Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97651 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ISL97651
Description  4-Channel Integrated LCD Supply
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97651 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ISL97651 Datasheet HTML 8Page - Renesas Technology Corp ISL97651 Datasheet HTML 9Page - Renesas Technology Corp ISL97651 Datasheet HTML 10Page - Renesas Technology Corp ISL97651 Datasheet HTML 11Page - Renesas Technology Corp ISL97651 Datasheet HTML 12Page - Renesas Technology Corp ISL97651 Datasheet HTML 13Page - Renesas Technology Corp ISL97651 Datasheet HTML 14Page - Renesas Technology Corp ISL97651 Datasheet HTML 15Page - Renesas Technology Corp ISL97651 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ISL97651
FN7493 Rev 3.00
Page 12 of 20
April 24, 2009
Some inductors are recommended in Table 3.
Rectifier Diode (Boost Converter)
A high-speed diode is necessary due to the high switching
frequency. Schottky diodes are recommended because of their
fast recovery time and low forward voltage. The reverse
voltage rating of this diode should be higher than the maximum
output voltage. The rectifier diode must meet the output current
and peak inductor current requirements. Table 4 shows some
recommendations for boost converter diode.
Output Capacitor
The output capacitor supplies the load directly and reduces the
ripple voltage at the output. Output ripple voltage consists of
two components: the voltage drop due to the inductor ripple
current flowing through the ESR of output capacitor, and the
charging and discharging of the output capacitor.
For low ESR ceramic capacitors, the output ripple is dominated
by the charging and discharging of the output capacitor. The
voltage rating of the output capacitor should be greater than
the maximum output voltage.
Note: Capacitors have a voltage coefficient that makes their
effective capacitance drop as the voltage across then
increases. COUT in Equation 6 assumes the effective value of
the capacitor at a particular voltage and not the manufacturer’s
stated value, measured at 0V.
Table 5 shows some selections of output capacitors.
PI Loop Compensation (Boost Converter)
The boost converter of ISL97651 can be compensated by a
RC network connected from CM1 pin to ground. C3 = 4.7nF
and R1 = 10k RC network is used in the demo board. A higher
resistor value can be used to lower the transient overshoot -
however, this may be at the expense of stability to the loop.
The stability can be examined by repeatedly changing the load
between 100mA and a max level that is likely to be used in the
system being used. The AVDD voltage should be examined
with an oscilloscope set to AC 100mV/div and the amount of
ringing observed when the load current changes. Reduce
excessive ringing by reducing the value of the resistor in series
with the CM1 pin capacitor.
Boost Converter Feedback Resistors and Capacitor
An RC network across feedback resistor R5 may be required
to optimize boost stability when AVDD voltage is set to less
than 12V. This network reduces the internal voltage feedback
used by the IC. This RC network sets a pole in the control loop.
This pole is set to approximately fp = 10kHz for COUT = 10µF
and fp = 4kHz for COUT = 30µF. Alternatively, adding a small
capacitor (20pF to 100pF) in parallel with R5 (i.e. R17 = short)
may help to reduce AVDD noise and improve regulation,
particularly if high value feedback resistors are used.
Cascaded MOSFET Application
An 20V N-channel MOSFET is integrated in the boost
regulator. For the applications where the output voltage is
greater than 20V, an external cascaded MOSFET is needed,
as shown in Figure 12. The voltage rating of the external
MOSFET should be greater than AVDD.
TABLE 3. BOOST INDUCTOR RECOMMENDATION
INDUCTOR
DIMENSIONS
(mm)
VENDOR
PART NUMBER
6.8µH/
4.6APEAK
12.95x9.4x5.21 Coilcraft
DO3316P-682ML
10µH/
5.5APEAK
10x10x5
Sumida
CDR10D48MNNP-100NC
5.2µH/
4.55APEAK
10x10.1x3.8
Cooper
Bussmann
CD1-5R2
TABLE 4. BOOST CONVERTER RECTIFIER DIODE
RECOMMENDATION
DIODE
VR/IAVG
RATING
PACKAGE
VENDOR
SS23
30V/2A
SMB
Fairchild
Semiconductor
MBRS340
40V/3A
SMC
International
Rectifier
SL23
30V/2A
SMB
Vishay
Semiconductor
VRIPPLE
ILPK ESR
VO VIN
VO
------------------------
IO
COUT
----------------
1
fs
----
+
=
(EQ. 6)
TABLE 5. BOOST OUTPUT CAPACITOR RECOMMENDATION
CAPACITOR
SIZE
VENDOR
PART NUMBER
10µF/25V
1210 TDK
C3225X7R1E106M
10µF/25V
1210 Murata
GRM32DR61E106K
R17
1
0.1 R5
-------------------------


1
R3
----------


1
=
(EQ. 7)
C18
1
2 3.142 fp R5

-------------------------------------------------------
=
(EQ. 8)


Similar Part No. - ISL97651

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97651 INTERSIL-ISL97651 Datasheet
330Kb / 19P
   4-Channel Integrated LCD Supply
ISL97651ARTZ-T INTERSIL-ISL97651ARTZ-T Datasheet
330Kb / 19P
   4-Channel Integrated LCD Supply
ISL97651ARTZ-TK INTERSIL-ISL97651ARTZ-TK Datasheet
330Kb / 19P
   4-Channel Integrated LCD Supply
More results

Similar Description - ISL97651

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97650B INTERSIL-ISL97650B Datasheet
414Kb / 20P
   4-Channel Integrated LCD Supply
ISL97650 INTERSIL-ISL97650 Datasheet
337Kb / 20P
   4-Channel Integrated LCD Supply
ISL97650B INTERSIL-ISL97650B Datasheet
414Kb / 20P
   4-Channel Integrated LCD Supply
ISL97651 INTERSIL-ISL97651 Datasheet
330Kb / 19P
   4-Channel Integrated LCD Supply
logo
Renesas Technology Corp
ISL97650B RENESAS-ISL97650B Datasheet
921Kb / 20P
   4-Channel Integrated LCD Supply
logo
Intersil Corporation
ISL97650 INTERSIL-ISL97650_09 Datasheet
353Kb / 20P
   4-Channel Integrated LCD Supply
logo
Renesas Technology Corp
ISL97650 RENESAS-ISL97650 Datasheet
865Kb / 20P
   4-Channel Integrated LCD Supply
ISL98604 RENESAS-ISL98604 Datasheet
1Mb / 28P
   6-Channel Integrated LCD Supply
logo
Intersil Corporation
ISL97653A INTERSIL-ISL97653A Datasheet
752Kb / 18P
   5-Channel Integrated LCD Supply
ISL97653A INTERSIL-ISL97653A_08 Datasheet
530Kb / 18P
   5-Channel Integrated LCD Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com