Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97653A Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ISL97653A
Description  5-Channel Integrated LCD Supply
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97653A Datasheet(HTML) 3 Page - Renesas Technology Corp

  ISL97653A Datasheet HTML 1Page - Renesas Technology Corp ISL97653A Datasheet HTML 2Page - Renesas Technology Corp ISL97653A Datasheet HTML 3Page - Renesas Technology Corp ISL97653A Datasheet HTML 4Page - Renesas Technology Corp ISL97653A Datasheet HTML 5Page - Renesas Technology Corp ISL97653A Datasheet HTML 6Page - Renesas Technology Corp ISL97653A Datasheet HTML 7Page - Renesas Technology Corp ISL97653A Datasheet HTML 8Page - Renesas Technology Corp ISL97653A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
ISL97653A
FN6367 Rev 3.00
Page 3 of 19
September 7, 2010
VBOOST
Boost Output Range
20
V
EFFBOOST
Boost Efficiency
VIN = 12V, VBOOST = 15V
90+
%
VFB
Boost Feedback Voltage
TA = +25°C
1.203
1.215
1.227
V
1.198
1.215
1.232
V
IBOOST
Boost FET Current Limit
3.7
4.4
5.1
A
rDS(ON)-BOOST
Switch ON-Resistance
93
200
m
VBOOST/VIN
Line Regulation - Boost
0.08
0.15
%
VBOOST/IOUT
Load Regulation - Boost
Load 100mA to 200mA
0.004
1
%
LOGIC BUCK
EFFBUCK
Buck Efficiency
VIN = 5V, VLOGIC = 3.3V
90+
%
IBUCK
Buck FET Current Limit
2.6
4.7
A
rDS(ON)-BUCK
Switch On Resistance
150
210
m
VLDO/IOUT
Load Regulation - Buck
Load 100mA to 500mA
0.5
1
%
VFL
Feedback Voltage
TA = +25°C
1.195
1.215
1.235
V
1.189
1.215
1.241
V
VON CHARGE PUMP
ILoad_PCP_min
External Load Driving Capability
VON = 24V (2X Charge Pump)
40
mA
VON = 28V (3X Charge Pump)
40
mA
VFBP
Feedback Voltage, ION = 1mA
TA = +25°C
1.195
1.215
1.235
V
1.189
1.215
1.241
V
rON (VSUP_SW)
ON Resistance of VSUP Input Switch
I(switch) = +40mA
10
17
rON (C1/2-)H
High-Side Driver ON-Resistance at
C1- and C2-
I(C1/2-) = +40mA
30
rON (C1/2-)L
Low-Side Driver ON-Resistance at
C1- and C2-
I(C1/2-) = -40mA
4
10
VON Load Reg
VON Output Load Regulation
ION = 10mA to 40mA
0.3
%
V(diode)
Internal Schottky Diode Forward Voltage
Drop
I(diode) = +40mA
700
800
mV
VOFF CHARGE PUMP
ILoad_NCP_min
External Load Driving Capability
SUPN > 13.5V VOFF = -8V
100
120
mA
VFBN
Feedback Voltage, IOFF = 10mA
TA = +25°C
0.173
0.203
0.233
V
0.171
0.203
0.235
V
rON (NOUT)H
High-Side Driver ON-Resistance at
NOUT
I(NOUT) = +60mA
10
rON (NOUT)L
Low-Side Driver ON-Resistance at
NOUT
I(NOUT) = -60mA
5
VOFF Load Reg
VOFF Output Load Reg
IOFF = 10mA to 100mA, TA = +25°C
2.4
%
LDO Controller
IDRVP
Sink Current
VFBP = 1.1V, VLDO_CTL = 10V
12
15
mA
Electrical Specifications
VIN = 12V, VBOOST = VSUPN = VSUPP = 15V, VON = 25V, VOFF = -8V, over-temperature from -40°C to
+105°C, unless otherwise stated. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 3)
TYP
MAX
(Note 3)
UNIT


Similar Part No. - ISL97653A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97653A INTERSIL-ISL97653A Datasheet
530Kb / 18P
   5-Channel Integrated LCD Supply
ISL97653A INTERSIL-ISL97653A Datasheet
752Kb / 18P
   5-Channel Integrated LCD Supply
ISL97653AIRZ INTERSIL-ISL97653AIRZ Datasheet
530Kb / 18P
   5-Channel Integrated LCD Supply
ISL97653AIRZ INTERSIL-ISL97653AIRZ Datasheet
752Kb / 18P
   5-Channel Integrated LCD Supply
ISL97653AIRZ-T INTERSIL-ISL97653AIRZ-T Datasheet
530Kb / 18P
   5-Channel Integrated LCD Supply
More results

Similar Description - ISL97653A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97653A INTERSIL-ISL97653A Datasheet
752Kb / 18P
   5-Channel Integrated LCD Supply
ISL97653A INTERSIL-ISL97653A_08 Datasheet
530Kb / 18P
   5-Channel Integrated LCD Supply
logo
Renesas Technology Corp
ISL97651 RENESAS-ISL97651 Datasheet
845Kb / 20P
   4-Channel Integrated LCD Supply
ISL98604 RENESAS-ISL98604 Datasheet
1Mb / 28P
   6-Channel Integrated LCD Supply
logo
Intersil Corporation
ISL97650B INTERSIL-ISL97650B Datasheet
414Kb / 20P
   4-Channel Integrated LCD Supply
ISL97650 INTERSIL-ISL97650 Datasheet
337Kb / 20P
   4-Channel Integrated LCD Supply
ISL97650B INTERSIL-ISL97650B Datasheet
414Kb / 20P
   4-Channel Integrated LCD Supply
ISL97651 INTERSIL-ISL97651 Datasheet
330Kb / 19P
   4-Channel Integrated LCD Supply
logo
Renesas Technology Corp
ISL97650B RENESAS-ISL97650B Datasheet
921Kb / 20P
   4-Channel Integrated LCD Supply
logo
Intersil Corporation
ISL97650 INTERSIL-ISL97650_09 Datasheet
353Kb / 20P
   4-Channel Integrated LCD Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com