Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97653A Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ISL97653A
Description  5-Channel Integrated LCD Supply
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97653A Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ISL97653A Datasheet HTML 7Page - Renesas Technology Corp ISL97653A Datasheet HTML 8Page - Renesas Technology Corp ISL97653A Datasheet HTML 9Page - Renesas Technology Corp ISL97653A Datasheet HTML 10Page - Renesas Technology Corp ISL97653A Datasheet HTML 11Page - Renesas Technology Corp ISL97653A Datasheet HTML 12Page - Renesas Technology Corp ISL97653A Datasheet HTML 13Page - Renesas Technology Corp ISL97653A Datasheet HTML 14Page - Renesas Technology Corp ISL97653A Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
ISL97653A
FN6367 Rev 3.00
Page 11 of 19
September 7, 2010
Application Information
AVDD Boost Converter
The AVDD boost converter features a fully integrated 4.4A
boost FET. The regulator uses a current mode PI control
scheme which provides good line regulation and good
transient response. It can operate in both discontinuous
conduction mode (DCM) at light loads and continuous mode
(CCM). In continuous current mode, current flows continuously
in the inductor during the entire switching cycle in steady state
operation. The voltage conversion ratio in continuous current
mode is given by Equation 1:
where D is the duty cycle of the switching MOSFET.
The boost soft-start function is digitally controlled within a fixed
10ms time frame during which the current limit is increased in
eight linear steps.
The boost converter uses a summing amplifier architecture for
voltage feedback, current feedback, and slope compensation.
A comparator looks at the peak inductor current cycle by cycle
and terminates the PWM cycle if the current limit is triggered.
Since this comparison is cycle based, the PWM output will be
released after the peak current goes below the current limit
threshold.
An external resistor divider is required to divide the output
voltage down to the nominal reference voltage. Current drawn
by the resistor network should be limited to maintain the overall
converter efficiency. The maximum value of the resistor
network is limited by the feedback input bias current and the
potential for noise being coupled into the feedback pin. A
resistor network in the order of 60k
 is recommended. The
boost converter output voltage is determined by Equation 2:
where R3 and R4 are in the “Typical Application Diagram” on
page 5. Unless otherwise stated, component variables referred
to in equations refer to the Typical Application Diagram.
The current through the MOSFET is limited to 4.4A peak. This
restricts the maximum output current (average) based on
Equation 3:
Where
IL is peak to peak inductor ripple current, and is set by
Equation 4. fs is the switching frequency (680kHz).
Table 1 gives typical values (worst case margins are
considered 10%, 3%, 20%, 10% and 15% on VIN, VO, L, FSW
and IOMAX):
Boost Converter Input Capacitor
An input capacitor is used to suppress the voltage ripple
injected into the boost converter. A ceramic capacitor with
capacitance larger than 10µF is recommended. The voltage
rating of input capacitor should be larger than the maximum
input voltage. Some capacitors are recommended in Table 2
for input capacitor.
Boost Inductor
The boost inductor is a critical part which influences the output
voltage ripple, transient response, and efficiency. Values of
3.3µH to 10µH are recommended to match the internal slope
compensation as well as to maintain a good transient response
performance. The inductor must be able to handle the average
and peak currents expressed in Equations 5 and 6:
Some inductors are recommended in Table 3.
Vboost
VIN
------------------
1
1D
-------------
=
(EQ. 1)
AVDD
R3 R4
+
R4
--------------------- VFBB
=
(EQ. 2)
IOMAX
ILMT
I
L
2
--------

 VIN
VO
---------
=
(EQ. 3)
I
L
VIN
L
---------
D
fS
-----
=
(EQ. 4)
TABLE 1. MAXIMUM OUTPUT CURRENT CALCULATION
VIN
(V)
VO
(V)
L
(µH)
IOMAX
(mA)
59
6.8
2215
512
6.8
1673
515
6.8
1344
12
15
6.8
3254
12
18
6.8
2670
TABLE 2. BOOST CONVERTER INPUT CAPACITOR
RECOMMENDATION
CAPACITOR
SIZE
VENDOR
PART NUMBER
10µF/25V
1210
TDK
C3225X7R1E106M
10µF/25V
1210
Murata
GRM32DR61E106K
TABLE 3. BOOST INDUCTOR RECOMMENDATION
INDUCTOR
DIMENSIONS
(mm)
VENDOR
PART NUMBER
10µH/
5.1APEAK
13x13x4.5
TDK
RLF12545T-100M5R1
5.9µH/
6APEAK
12.9X12.9X4 Sumida
CDEP12D38NP-5R9MB-120
ILAVG
IO
1D
-------------
=
(EQ. 5)
ILPK
ILAVG
I
L
2
--------
+
=
(EQ. 6)


Similar Part No. - ISL97653A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97653A INTERSIL-ISL97653A Datasheet
530Kb / 18P
   5-Channel Integrated LCD Supply
ISL97653A INTERSIL-ISL97653A Datasheet
752Kb / 18P
   5-Channel Integrated LCD Supply
ISL97653AIRZ INTERSIL-ISL97653AIRZ Datasheet
530Kb / 18P
   5-Channel Integrated LCD Supply
ISL97653AIRZ INTERSIL-ISL97653AIRZ Datasheet
752Kb / 18P
   5-Channel Integrated LCD Supply
ISL97653AIRZ-T INTERSIL-ISL97653AIRZ-T Datasheet
530Kb / 18P
   5-Channel Integrated LCD Supply
More results

Similar Description - ISL97653A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97653A INTERSIL-ISL97653A Datasheet
752Kb / 18P
   5-Channel Integrated LCD Supply
ISL97653A INTERSIL-ISL97653A_08 Datasheet
530Kb / 18P
   5-Channel Integrated LCD Supply
logo
Renesas Technology Corp
ISL97651 RENESAS-ISL97651 Datasheet
845Kb / 20P
   4-Channel Integrated LCD Supply
ISL98604 RENESAS-ISL98604 Datasheet
1Mb / 28P
   6-Channel Integrated LCD Supply
logo
Intersil Corporation
ISL97650B INTERSIL-ISL97650B Datasheet
414Kb / 20P
   4-Channel Integrated LCD Supply
ISL97650 INTERSIL-ISL97650 Datasheet
337Kb / 20P
   4-Channel Integrated LCD Supply
ISL97650B INTERSIL-ISL97650B Datasheet
414Kb / 20P
   4-Channel Integrated LCD Supply
ISL97651 INTERSIL-ISL97651 Datasheet
330Kb / 19P
   4-Channel Integrated LCD Supply
logo
Renesas Technology Corp
ISL97650B RENESAS-ISL97650B Datasheet
921Kb / 20P
   4-Channel Integrated LCD Supply
logo
Intersil Corporation
ISL97650 INTERSIL-ISL97650_09 Datasheet
353Kb / 20P
   4-Channel Integrated LCD Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com