Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97671A Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ISL97671A
Description  6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97671A Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ISL97671A Datasheet HTML 12Page - Renesas Technology Corp ISL97671A Datasheet HTML 13Page - Renesas Technology Corp ISL97671A Datasheet HTML 14Page - Renesas Technology Corp ISL97671A Datasheet HTML 15Page - Renesas Technology Corp ISL97671A Datasheet HTML 16Page - Renesas Technology Corp ISL97671A Datasheet HTML 17Page - Renesas Technology Corp ISL97671A Datasheet HTML 18Page - Renesas Technology Corp ISL97671A Datasheet HTML 19Page - Renesas Technology Corp ISL97671A Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
ISL97671A
FN7709 Rev.4.00
Page 16 of 28
Sep 14, 2017
TABLE 2. PROTECTIONS TABLE
CASE
FAILURE MODE
DETECTION MODE
FAILED CHANNEL ACTION
GOOD CHANNELS ACTION
VOUT
REGULATED BY
1
CHx Short-Circuit
Upper Over-Temperature
Protection limit (OTP) not
triggered and CHx < 7.5V
CHx ON and burns power.
Remaining channels normal
Highest VF of all
channels
2
CHx Short-Circuit
Upper OTP triggered but
CHx < 7.5V
All channels turn off until chip
cooled, then turn back on with
current reduced to 76%. Subsequent
OTP triggers will reduce IOUT further.
Same as CHx
Highest VF of
remaining
channels
3
CHx Short-Circuit
Upper OTP not triggered
but CHx > 7.5V
CHx disabled after 6 PWM cycle
time-outs.
Remaining channels normal
Highest VF of
remaining
channels
4
CHx Open Circuit with
infinite resistance
Upper OTP not triggered
and CHx < 7.5V
VOUT will ramp to OVP. CHx will time-
out after 6 PWM cycles and switch
off. VOUT will drop to normal level.
Remaining channels normal
Highest VF of
remaining
channels
5CHx LED Open Circuit
but has paralleled
Zener
Upper OTP not triggered
and CHx < 7.5V
CHx remains ON and has highest VF,
thus VOUT increases.
Remaining channels ON,
remaining channel FETs burn
power
VF of CHX
6CHx LED Open Circuit
but has paralleled
Zener
Upper OTP triggered but
CHx < 7.5V
All channels turn off until chip
cooled, then turn back on with
current reduced to 76%. Subsequent
OTP triggers will reduce IOUT further.
Same as CHx
VF of CHx
7CHx LED Open Circuit
but has paralleled
Zener
Upper OTP not triggered
but CHx > 7.5V
CHx remains ON and has highest VF,
thus VOUT increases.
VOUT increases, then CH-X
switches OFF after 6 PWM cycles.
This is an unwanted shut off and
can be prevented by setting OVP
at an appropriate level.
VF of CHx
8
Channel-to-Channel
VF too high
Lower OTP triggered but
CHx < 7.5V
Any channel below the target current will fault out after 6 PWM cycles.
Remaining channels driven with normal current.
Highest VF of
remaining
channels
9
Channel-to-Channel
VF too high
Upper OTP triggered but
CHx < 7.5V
All channels go off until chip cools and then come back on with current
reduced to 76%. Subsequent OTP triggers will reduce IOUT further.
Boost switch OFF
10
Output LED stack
voltage too high
VOUT > VOVP
Any channel that is below the target current will time-out after 6 PWM
cycles, and VOUT will return to the normal regulation voltage required for
other channels.
Highest VF of
remaining
channels
11
VOUT/LX shorted to
GND at start-up or
VOUT shorted in
operation
LX current and timing are
monitored.
OVP pins monitored for
excursions below 20% of
OVP threshold.
The chip is permanently shutdown 31ms after power-up if VOUT/Lx is
shorted to GND.


Similar Part No. - ISL97671A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97671A INTERSIL-ISL97671A Datasheet
1Mb / 28P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
ISL97671A INTERSIL-ISL97671A Datasheet
922Kb / 28P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
November 30, 2012
ISL97671AIRZ INTERSIL-ISL97671AIRZ Datasheet
1Mb / 28P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
ISL97671AIRZ INTERSIL-ISL97671AIRZ Datasheet
922Kb / 28P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
November 30, 2012
ISL97671AIRZ-EVALZ INTERSIL-ISL97671AIRZ-EVALZ Datasheet
1Mb / 28P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
More results

Similar Description - ISL97671A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL97671 RENESAS-ISL97671 Datasheet
1Mb / 27P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
Sep 7, 2017
logo
Intersil Corporation
ISL97671 INTERSIL-ISL97671_10 Datasheet
626Kb / 28P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
ISL97671A INTERSIL-ISL97671A Datasheet
1Mb / 28P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
ISL97671AIRZ INTERSIL-ISL97671AIRZ Datasheet
922Kb / 28P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
November 30, 2012
ISL97673 INTERSIL-ISL97673_10 Datasheet
578Kb / 27P
   6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
logo
Renesas Technology Corp
ISL97673 RENESAS-ISL97673 Datasheet
1Mb / 28P
   6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
Sep 19, 2017
logo
Intersil Corporation
ISL97673IRZ INTERSIL-ISL97673IRZ Datasheet
724Kb / 27P
   6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
October 5, 2012
logo
Renesas Technology Corp
ISL97676 RENESAS-ISL97676 Datasheet
1Mb / 19P
   6-Channel LED Driver with Phase Shift Control
Sep 12, 2017
logo
Intersil Corporation
ISL97676 INTERSIL-ISL97676 Datasheet
619Kb / 20P
   6-Channel LED Driver with Phase Shift Control
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
   LED Driver with PWM Dimming Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com