Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97672B Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ISL97672B
Description  6-Channel LED Driver with Ultra Low Dimming Capability
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97672B Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ISL97672B Datasheet HTML 8Page - Renesas Technology Corp ISL97672B Datasheet HTML 9Page - Renesas Technology Corp ISL97672B Datasheet HTML 10Page - Renesas Technology Corp ISL97672B Datasheet HTML 11Page - Renesas Technology Corp ISL97672B Datasheet HTML 12Page - Renesas Technology Corp ISL97672B Datasheet HTML 13Page - Renesas Technology Corp ISL97672B Datasheet HTML 14Page - Renesas Technology Corp ISL97672B Datasheet HTML 15Page - Renesas Technology Corp ISL97672B Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
ISL97672B
FN7995 Rev.3.00
Page 12 of 17
Sep 7, 2017
Component Selection
According to the inductor Voltage-Second Balance principle, the
change of inductor current during the switching regulator On
time is equal to the change of inductor current during the
switching regulator Off time. As shown in Equations 6 and 7,
since the voltage across an inductor is:
and
IL at On = IL at Off, therefore:
Where D is the switching duty cycle defined by the turn-on time
over the switching period. VD is a Schottky diode forward voltage
that can be neglected for approximation.
Rearranging the terms without accounting for VD gives the boost
ratio and duty cycle, respectively, as shown in Equations 8 and 9:
TABLE 1. PROTECTIONS TABLE
CASE
FAILURE MODE
DETECTION MODE
FAILED CHANNEL ACTION
GOOD CHANNEL ACTION
VOUT
REGULATED BY
1CHX short-circuit
Upper
Over-Temperature
Protection limit (OTP)
not triggered, and
VCHX < 7.5V
CHX ON and burns power.
Remaining channels normal
Highest VF of all
channels
2
CHX short-circuit
Upper OTP triggered,
but VCHX < 7.5V
All channels go off until chip cools,
and then come back on with current
reduced to 76%. Subsequent OTP
triggers further reduce IOUT.
Same as CHX
Highest VF of
remaining
channels
3
CHX short-circuit
Upper OTP not
triggered, but
CHX > 7.5V
CHX disabled after six PWM cycle
time-outs.
Remaining channels normal
Highest VF of
remaining
channels
4
CHX open circuit with
infinite resistance
Upper OTP not
triggered, and
CHX < 7.5V
VOUT ramps to OVP. CHX times out
after six PWM cycles and switches
off. VOUT drops to normal level.
Remaining channels normal
Highest VF of
remaining
channels
5CHX LED open circuit
but has paralleled
Zener
Upper OTP not
triggered, and
CHX < 7.5V
CHX remains ON and has highest VF;
thus, VOUT increases.
Remaining channels ON, remaining
channel FETs burn power
VF of CHX
6CHX LED open circuit
but has paralleled
Zener
Upper OTP triggered,
but CHX < 7.5V
All channels go off until chip cools,
and then come back on with current
reduced to 76%. Subsequent OTP
triggers further reduce IOUT.
Same as CHX
VF of CHX
7CHX LED open circuit
but has paralleled
Zener
Upper OTP not
triggered, but
CHX > 7.5V
CHX remains ON and has highest VF;
thus, VOUT increases.
VOUT increases, then CHX switches
OFF after six PWM cycles. This is an
unwanted shut off and can be
prevented by setting OVP at an
appropriate level.
VF of CHX
8
Channel-to-channel
VF too high
Lower OTP triggered,
but CHX < 7.5V
Any channel below the target current faults out after six PWM cycles.
Remaining channels are driven with normal current.
Highest VF of
remaining
channels
9
Channel-to-channel
VF too high
Upper OTP triggered,
but CHX < 7.5V
All channels go off until chip cools and then come back on with current
reduced to 75%. Subsequent OTP triggers further reduce IOUT.
Boost switches off
10
Output LED stack
voltage too high
VOUT > VOVP
Any channel that is below the target current times out after six PWM cycles,
and VOUT returns to normal regulation voltage required for other channels.
Highest VF of
remaining
channels
11
VOUT/LX shorted to
GND at start-up, or
VOUT shorted in
operation
LX current and timing
monitored.
OVP pins monitored
for excursions below
20% of OVP threshold.
Chip is permanently shut down 31ms after power-up if VOUT/LX is shorted to
GND.
I
L
VL
L
-------x
t
=
(EQ. 6)
V
I
0
 L
DtS
VO VD VI

=
L1
D
 t
S
(EQ. 7)
VO VI 11 D

=
(EQ. 8)
DVO
VI VO
=
(EQ. 9)


Similar Part No. - ISL97672B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97672B INTERSIL-ISL97672B Datasheet
504Kb / 18P
   6-Channel LED Driver with Ultra Low Dimming Capability
ISL97672B INTERSIL-ISL97672B Datasheet
727Kb / 16P
   6-Channel LED Driver with Ultra Low Dimming Capability
November 22, 2013
ISL97672BIRZ INTERSIL-ISL97672BIRZ Datasheet
504Kb / 18P
   6-Channel LED Driver with Ultra Low Dimming Capability
ISL97672BIRZ INTERSIL-ISL97672BIRZ Datasheet
727Kb / 16P
   6-Channel LED Driver with Ultra Low Dimming Capability
November 22, 2013
ISL97672BIRZ-EVAL INTERSIL-ISL97672BIRZ-EVAL Datasheet
504Kb / 18P
   6-Channel LED Driver with Ultra Low Dimming Capability
More results

Similar Description - ISL97672B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97672BIRZ INTERSIL-ISL97672BIRZ Datasheet
727Kb / 16P
   6-Channel LED Driver with Ultra Low Dimming Capability
November 22, 2013
ISL97672AIRZ INTERSIL-ISL97672AIRZ Datasheet
684Kb / 16P
   6-Channel LED Driver with Ultra Low Dimming Capability
November 22, 2013
ISL97672B INTERSIL-ISL97672B Datasheet
504Kb / 18P
   6-Channel LED Driver with Ultra Low Dimming Capability
ISL97672A INTERSIL-ISL97672A Datasheet
703Kb / 17P
   6-Channel LED Driver with Ultra Low Dimming Capability
ISL97672AIRZ-T INTERSIL-ISL97672AIRZ-T Datasheet
703Kb / 17P
   6-Channel LED Driver with Ultra Low Dimming Capability
logo
Renesas Technology Corp
ISL97672A RENESAS-ISL97672A Datasheet
1Mb / 17P
   6-Channel LED Driver with Ultra Low Dimming Capability
Sep 14, 2017
logo
ON Semiconductor
CAT3649 ONSEMI-CAT3649_14 Datasheet
303Kb / 13P
   6-Channel LED Driver with 32 Dimming Levels & PWM
August, 2014 ??Rev. 3
logo
Microchip Technology
MCP1633 MICROCHIP-MCP1633_V01 Datasheet
1Mb / 35P
   Low-Side PWM Controller with LED Dimming Capability
Revision B May 2021
MCP1633 MICROCHIP-MCP1633 Datasheet
1Mb / 31P
   Low-Side PWM Controller with LED Dimming Capability
05/14/19
logo
IXYS Corporation
LDS8866 IXYS-LDS8866 Datasheet
368Kb / 12P
   6-Channel Ultra Low Dropout LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com