Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97675 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ISL97675
Description  4-Channel LED Driver with Phase Shift Control
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97675 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ISL97675 Datasheet HTML 4Page - Renesas Technology Corp ISL97675 Datasheet HTML 5Page - Renesas Technology Corp ISL97675 Datasheet HTML 6Page - Renesas Technology Corp ISL97675 Datasheet HTML 7Page - Renesas Technology Corp ISL97675 Datasheet HTML 8Page - Renesas Technology Corp ISL97675 Datasheet HTML 9Page - Renesas Technology Corp ISL97675 Datasheet HTML 10Page - Renesas Technology Corp ISL97675 Datasheet HTML 11Page - Renesas Technology Corp ISL97675 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
ISL97675
FN7630 Rev.2.00
Page 8 of 21
Sep 13, 2017
FAULT DETECTION
VSC
Channel Short Circuit Threshold
3.15
3.6
4.3
V
VTEMP_ACC
Over-Temperature Threshold Accuracy
5
°C
VTEMP_SHDN
Over-Temperature Shutdown
150
°C
VOVPlo
Overvoltage Limit on OVP Pin
1.2
1.22
1.24
V
OVPFAULT
OVP Short Detection Fault Level
350
mV
IFAULT
Fault Pull-down Current
VIN = 12V
8
15
25
µA
VFAULT
Fault Clamp Voltage with Respect to VIN
VIN = 12, VIN - VFAULT
6
7
8.3
V
SWStart_thres
SW Start-Up Threshold
1.2
1.4
1.5
V
ISW_Startup
SW Start-Up Current
1
3.5
5
mA
NOTES:
8. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
9. At minimum VIN of 4.5V, the maximum output is limited by the VOUT specifications. Also at maximum VIN of 26V, the minimum VOUT is 28V but
minimum VOUT can be lower at lower VIN. In general, the VIN and VOUT relationship is bounded by DMAX and DMIN.
10. Varies within range specified by VHEADROOM_RANGE.
Electrical Specifications All specifications below are tested at T
A = +25°C; VIN = 12V, EN = 3.3V, RISET = 19.6k, unless otherwise noted.
Boldface limits apply over the operating temperature range, -40°C to +85°C.
(Continued)
SYMBOL
PARAMETER
CONDITION
MIN
(Note 8)TYP
MAX
(Note 8)UNIT


Similar Part No. - ISL97675

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97675 INTERSIL-ISL97675 Datasheet
550Kb / 20P
   4-Channel LED Driver with Phase Shift Control
ISL97675IRZ INTERSIL-ISL97675IRZ Datasheet
550Kb / 20P
   4-Channel LED Driver with Phase Shift Control
More results

Similar Description - ISL97675

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97675 INTERSIL-ISL97675 Datasheet
550Kb / 20P
   4-Channel LED Driver with Phase Shift Control
logo
Renesas Technology Corp
ISL97676 RENESAS-ISL97676 Datasheet
1Mb / 19P
   6-Channel LED Driver with Phase Shift Control
Sep 12, 2017
logo
Intersil Corporation
ISL97676 INTERSIL-ISL97676 Datasheet
619Kb / 20P
   6-Channel LED Driver with Phase Shift Control
ISL97687 INTERSIL-ISL97687 Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
ISL97687IRTZ INTERSIL-ISL97687IRTZ Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
November 13, 2013
ISL97687IBZ INTERSIL-ISL97687IBZ Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
ISL97687IRTZ-T INTERSIL-ISL97687IRTZ-T Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
logo
Renesas Technology Corp
ISL97687 RENESAS-ISL97687 Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
ISL97673 RENESAS-ISL97673 Datasheet
1Mb / 28P
   6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
Sep 19, 2017
logo
Intersil Corporation
ISL97673IRZ INTERSIL-ISL97673IRZ Datasheet
724Kb / 27P
   6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
October 5, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com