Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97698 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ISL97698
Description  High Efficiency 2-Channel White LED Driver for Smartphone Backlighting
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97698 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ISL97698 Datasheet HTML 4Page - Renesas Technology Corp ISL97698 Datasheet HTML 5Page - Renesas Technology Corp ISL97698 Datasheet HTML 6Page - Renesas Technology Corp ISL97698 Datasheet HTML 7Page - Renesas Technology Corp ISL97698 Datasheet HTML 8Page - Renesas Technology Corp ISL97698 Datasheet HTML 9Page - Renesas Technology Corp ISL97698 Datasheet HTML 10Page - Renesas Technology Corp ISL97698 Datasheet HTML 11Page - Renesas Technology Corp ISL97698 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
ISL97698
FN8417 Rev.1.00
Page 8 of 21
Sep 7, 2017
FIGURE 14. START-UP WAVEFORMS (100% BRIGHTNESS)
FIGURE 15. START-UP WAVEFORMS (50% BRIGHTNESS)
FIGURE 16. SHUTDOWN WAVEFORMS (100% BRIGHTNESS)
Typical Performance Curves T
A = +25°C, VIN = VIN_IO = EN = 3.7V, L = TDK VLF302510MT-10uH,
COUT = 3.3µF/25V, fSW = 850kHz, ILED = 25mA/string, 2P6S Configuration, default register settings, unless otherwise noted. (Continued)
VIN = 3.7V, 2P6S, PWMI DUTY CYCLE = 100%
VOUT = 10V/DIV
PWMI = 5V/DIV
CH0 Current = 20mA/DIV
Inductor Current = 200mA/DIV
Time = 4ms/DIV
VOUT = 10V/DIV
CH0 Current = 20mA/DIV
Time = 2ms/DIV
VIN = 3.7V, 2P6S, PWMI Duty Cycle = 50%
PWMI = 5V/DIV
Inductor Current = 200mA/DIV
VIN = 3.7V, 2P6S, PWMI Duty Cycle = 100%
VOUT = 10V/DIV
CH0 Current = 20mA/DIV
Time = 1ms/DIV
Inductor Current = 200mA/DIV
PWMI = 5V/DIV
VOUT = 10V/DIV
CH0 Current = 20mA/DIV
Time = 1ms/DIV
VIN = 3.7V, 2P6S, PWMI Duty Cycle = 50%
PWMI = 5V/DIV
Inductor Current = 200mA/DIV
FIGURE 17. SHUTDOWN WAVEFORMS (50% BRIGHTNESS)


Similar Part No. - ISL97698

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97698 INTERSIL-ISL97698 Datasheet
722Kb / 22P
   High Efficient 2-Channel White LED Driver for Smartphone Backlighting
September 5, 2013
ISL97698IIZ-T INTERSIL-ISL97698IIZ-T Datasheet
722Kb / 22P
   High Efficient 2-Channel White LED Driver for Smartphone Backlighting
September 5, 2013
More results

Similar Description - ISL97698

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97698IIZ-T INTERSIL-ISL97698IIZ-T Datasheet
722Kb / 22P
   High Efficient 2-Channel White LED Driver for Smartphone Backlighting
September 5, 2013
logo
Texas Instruments
TPS61199 TI-TPS61199 Datasheet
812Kb / 25P
[Old version datasheet]   White LED Driver for LCD Monitors Backlighting
logo
Monolithic Power System...
EV4700-S-00A MPS-EV4700-S-00A Datasheet
984Kb / 8P
   White LED Driver For TV Backlighting Applications
logo
Texas Instruments
TPS61199PWPR TI-TPS61199PWPR Datasheet
1Mb / 25P
[Old version datasheet]   White LED Driver for LCD Monitors Backlighting
logo
Monolithic Power System...
EV4012DS-00A MPS-EV4012DS-00A Datasheet
223Kb / 6P
   Boost White LED Driver For TV Backlighting Application
MP4601 MPS-MP4601 Datasheet
447Kb / 16P
   White LED Driver For Large Size TV Backlighting
logo
Global Mixed-mode Techn...
G5904 GMT-G5904 Datasheet
41Kb / 1P
   Four Channel High Efficiency White LED Driver
logo
ON Semiconductor
NCP5604A ONSEMI-NCP5604A Datasheet
359Kb / 15P
   High Efficiency White LED Driver
March, 2006 ??Rev. 0
logo
New Japan Radio
NJU6048 NJRC-NJU6048 Datasheet
163Kb / 13P
   High Efficiency White LED Driver
logo
ON Semiconductor
NCP5680 ONSEMI-NCP5680 Datasheet
985Kb / 27P
   High Efficiency White LED Driver
May, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com