Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV116T Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BAV116T
Description  ULTRA LOW LEAKAGE SURFACE MOUNT DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAV116T Datasheet(HTML) 3 Page - Diodes Incorporated

  BAV116T_16 Datasheet HTML 1Page - Diodes Incorporated BAV116T_16 Datasheet HTML 2Page - Diodes Incorporated BAV116T_16 Datasheet HTML 3Page - Diodes Incorporated BAV116T_16 Datasheet HTML 4Page - Diodes Incorporated BAV116T_16 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BAV116T
Document number: DS37989 Rev. 3 - 2
3 of 5
www.diodes.com
January 2016
© Diodes Incorporated
BAV116T
0
0
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
Figure 1 Power Derating Curve, Total Package
A
50
100
150
200
250
300
0 1
.
1
10
100
1000
0 100 200 300 400 500 600 700 800 900 10001100 1200
Figure 2 Typical Reverse Characteristics
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
F
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
T = -55°C
A
0.001
0.01
0.1
1
10
100
0
10
20
30
40
50
60
70
80
Figure 3 Typical Reverse Characteristics
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
T = -55°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
T = 25°C
A
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
5
10
15
20
25
30
35
40
V , DC REVERSE VOLTAGE (V)
R
Figure 4 Total Capacitance vs. Reverse Voltage
f = 1MHz
Note 5


Similar Part No. - BAV116T_16

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV116T DIODES-BAV116T Datasheet
56Kb / 3P
   SURFACE MOUNT LOW LEAKAGE DIODE
DS30258 Rev. 5 - 2
More results

Similar Description - BAV116T_16

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS116LP3 DIODES-BAS116LP3_15 Datasheet
180Kb / 4P
   ULTRA-SMALL SURFACE MOUNT LOW LEAKAGE DIODE
BAS116LP3 DIODES-BAS116LP3 Datasheet
100Kb / 4P
   ULTRA-SMALL SURFACE MOUNT LOW LEAKAGE DIODE
DLLFSD01LP3 DIODES-DLLFSD01LP3_15 Datasheet
412Kb / 5P
   ULTRA LOW LEAKAGE SURFACE MOUNT FAST SWITCHING DIODE
logo
Central Semiconductor C...
CMAD6001 CENTRAL-CMAD6001_15 Datasheet
346Kb / 2P
   SURFACE MOUNT ULTRA LOW LEAKAGE SILICON SWITCHING DIODE
logo
Diodes Incorporated
DLLFSD01LPH4 DIODES-DLLFSD01LPH4 Datasheet
437Kb / 5P
   ULTRA LOW LEAKAGE SURFACE MOUNT FAST SWITCHING DIODE
logo
Central Semiconductor C...
CMUDW6001 CENTRAL-CMUDW6001 Datasheet
546Kb / 2P
   SURFACE MOUNT ULTRA LOW LEAKAGE SILICON SWITCHING DIODE
CMDD6001 CENTRAL-CMDD6001_11 Datasheet
367Kb / 2P
   SURFACE MOUNT ULTRA LOW LEAKAGE SILICON SWITCHING DIODE
CMDD6001 CENTRAL-CMDD6001_15 Datasheet
367Kb / 2P
   SURFACE MOUNT ULTRA LOW LEAKAGE SILICON SWITCHING DIODE
logo
Diodes Incorporated
DLLFSD01LP3Q DIODES-DLLFSD01LP3Q Datasheet
575Kb / 5P
   ULTRA LOW LEAKAGE SURFACE MOUNT FAST SWITCHING DIODE
March 2022 Rev. 2 - 2
logo
Central Semiconductor C...
CMOD6001 CENTRAL-CMOD6001_11 Datasheet
494Kb / 2P
   SURFACE MOUNT ULTRA LOW LEAKAGE SILICON SWITCHING DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com