Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97702 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ISL97702
Description  Boost with Dual Reference Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97702 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ISL97702 Datasheet HTML 5Page - Renesas Technology Corp ISL97702 Datasheet HTML 6Page - Renesas Technology Corp ISL97702 Datasheet HTML 7Page - Renesas Technology Corp ISL97702 Datasheet HTML 8Page - Renesas Technology Corp ISL97702 Datasheet HTML 9Page - Renesas Technology Corp ISL97702 Datasheet HTML 10Page - Renesas Technology Corp ISL97702 Datasheet HTML 11Page - Renesas Technology Corp ISL97702 Datasheet HTML 12Page - Renesas Technology Corp ISL97702 Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
ISL97702
FN7462 Rev 0.00
Page 11 of 13
October 13, 2005
Typical Application
Typical applications are passive- or active-matrix organic light
emitting diode displays (PMOLED, AMOLED) in handheld
devices. Applications with low power or screen saver/ reduced
brightness modes are also directly supported.
Motivation: In the low power mode the OLED display
brightness (~pixel current) is reduced so that the display
drivers can operate with equally reduced power. Usually the
supply voltage is kept at the same level, although the pixel
voltage drops by several volts when the pixel current levels are
reduced. Here a further power reduction can be achieved if the
supply voltage for the display drivers is reduced according to
the pixel diode characteristic.
The ISL97702 allows selection between a nominal and a
reduced output voltage level in order to supply more effectively
OLED display drivers.
Components Selection
The input capacitance is normally 10µf~15µF and the output
capacitor is 3.3µf to 6.6µF. X5R or X7R type of ceramic
capacitor with correct voltage rating is recommended. The
output capacitor value will affect the output voltage ripple.
Higher value of the output capacitor, lower ripple of the output
voltage.
When choosing an inductor, make sure the inductor can
handle the average and peak currents given by following
formulas (80% efficiency assumed):
Where:
IL is the peak-to-peak inductor current ripple in Amperes
• L inductance in H
•fOSC switching frequency, typically 1.0MHz
Optimal combination of the boost inductor L and the output
capacitor Cout are listed in table:
Recommended Inductor and Ceramic capacitor manufactures
are listed in the following table:
PCB layout Considerations
The layout is very important for the converter to function
properly. To ensure the high pulse current in the power ground
does not interfere with the sensitive feedback signals, the
current loops (VIN-L1-LX-GND, and VIN-L1-VOUT-COUT-GND)
should be as short as possible. For the DFN package, there is
FIGURE 20. ISL97702 APPLICATION BOARD
GND
1
VDDOUT
2
VDD
3
NSYNC
4
FB0
5
FB1
6
SEL
7
NEN
8
VOUT
9
LX 10
U1
L1
6.8µH
C1
100n
C2
10µ
J1
VDD_IN
J2
GND_IN
J3
GND_OUT
J4
NSYNC
J5
J6
J7
VOUT
R1
390K
R2
OPEN
R3
OPEN
R4
OPEN
R5
26.1K
R6
39K
C3
OPEN
C4
OPEN
C5
OPEN
C8
100n
2
J1
2
J2
VDD
VDD
VDD
JP3
VDD
C6
1nF/50V
C7
3.3µF/50V
C9
4.7µ/10V
ISL97702
SEL
NEN
ILAVG
IOUT VOUT
0.8 VIN
----------------------------------
=
(EQ. 1)
ILPK
ILAVG
1
2
---
+
IL
=
(EQ. 2)
INDUCTOR (µH)
CAPACITOR (µF)
MIN
MAX
4.7
2.2
10
6.8
3.3
10
10
4.7
10
15
6.8
10
INDUCTOR
CERAMIC CAPACITOR
Sumida: www.sumida.com
Taiyo Yuden: www.t-yuden.com
TDK:
www.tdk.co.jp
AVX:
www.avxcorp.com
Toko:
www.tokoam.com
Murata:
www.murata.com
IL
VIN VOUT VIN

LVOUT fOSC

---------------------------------------------------
=
(EQ. 3)


Similar Part No. - ISL97702

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97702 INTERSIL-ISL97702 Datasheet
489Kb / 13P
   Boost with Dual Reference Outputs
ISL97702 INTERSIL-ISL97702 Datasheet
85Kb / 5P
   OLED Driver Demo Board
ISL97702IRZ INTERSIL-ISL97702IRZ Datasheet
489Kb / 13P
   Boost with Dual Reference Outputs
ISL97702IRZ-T13 INTERSIL-ISL97702IRZ-T13 Datasheet
489Kb / 13P
   Boost with Dual Reference Outputs
ISL97702IRZ-T7 INTERSIL-ISL97702IRZ-T7 Datasheet
489Kb / 13P
   Boost with Dual Reference Outputs
More results

Similar Description - ISL97702

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97702 INTERSIL-ISL97702 Datasheet
489Kb / 13P
   Boost with Dual Reference Outputs
logo
Analog Devices
ADCMP361 AD-ADCMP361_15 Datasheet
296Kb / 12P
   Comparator and Reference with Dual Polarity Outputs
REV. B
ADCMP361 AD-ADCMP361 Datasheet
115Kb / 13P
   Single Comparator with 400mV Reference and Dual Polarity Outputs
Rev. PrB
ADCMP361YRJZ AD-ADCMP361YRJZ Datasheet
294Kb / 12P
   Single 0.275% Comparator and Reference with Dual Polarity Outputs
REV. 0
ADCMP361 AD-ADCMP361_07 Datasheet
293Kb / 12P
   Single 0.275% Comparator and Reference with Dual Polarity Outputs
REV. 0
logo
STMicroelectronics
AN1894 STMICROELECTRONICS-AN1894 Datasheet
310Kb / 14P
   BUCK-BOOST CONVERTER REFERENCE BOARD
logo
Analog Devices
ADCMP670 AD-ADCMP670 Datasheet
121Kb / 14P
   Dual Comparators with 400mV Reference
Rev. PrB
logo
Sipex Corporation
SP7648 SIPEX-SP7648 Datasheet
236Kb / 12P
   Low Reference High Efficiency Boost Regulator
SP7648 SIPEX-SP7648_06 Datasheet
588Kb / 13P
   PackageLow Reference High efficiency Boost Regulator
logo
Anpec Electronics Corop...
APW7251 ANPEC-APW7251 Datasheet
244Kb / 18P
   Boost and Dual LDOs with POK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com