Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97801 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # ISL97801
Description  High Power LED Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97801 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button ISL97801 Datasheet HTML 12Page - Renesas Technology Corp ISL97801 Datasheet HTML 13Page - Renesas Technology Corp ISL97801 Datasheet HTML 14Page - Renesas Technology Corp ISL97801 Datasheet HTML 15Page - Renesas Technology Corp ISL97801 Datasheet HTML 16Page - Renesas Technology Corp ISL97801 Datasheet HTML 17Page - Renesas Technology Corp ISL97801 Datasheet HTML 18Page - Renesas Technology Corp ISL97801 Datasheet HTML 19Page - Renesas Technology Corp ISL97801 Datasheet HTML 20Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
ISL97801
FN6428 Rev 1.00
Page 18 of 20
April 2, 2007
Automotive Applications
The LED load and ISL97801 may be protected against load
dumps and other electrical faults in automotive supplies with a
minor addition to the standard application schematic:
• A reverse transient automotive-rated protection power
schottky must be added in series with the input supply
•A 500
 current limit resistor must be inserted in series with
the VBAT pin
• The fault protection NFET must be specified to handle 100V
VDS conditions.
The protection circuit is applicable to buck, boost, and
supply-return load applications.
A small reduction in efficiency is caused by the drop in the
power schottky.
Unless alternative transient protection is provided, minimum
BOM automotive applications must include the circuit
changes noted above.
Automotive Boost Application Diagram
Automotive Minimum BOM Boost Application Diagram
VIN
FAULT
VBAT
VDC
TEMP
TMAX
EN/PWM
MODE
LEVEL
BUCK/BOOSTN
VHI
SWD1
SWD2
SWS1
SWS2
ENL
FB
GND
TEMP
SENSOR
EN
VLEVEL (0V TO 2.5V)
VBAT
OVP
RLIM
500
FIGURE 39. AUTOMOTIVE BOOST MODE APPLICATION DIAGRAM
VIN
FAULT
VBAT
VDC
TEMP
TMAX
EN/PWM
MODE
LEVEL
BUCK/BOOSTN
VHI
SWD1
SWD2
SWS1
SWS2
ENL
FB
GND
EN
VLEVEL (0V TO 2.5V)
VBAT
OVP
FIGURE 40. AUTOMOTIVE MINIMUM BOM BOOST MODE APPLICATION


Similar Part No. - ISL97801

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97801 INTERSIL-ISL97801 Datasheet
705Kb / 19P
   High Power LED Driver
ISL97801ARZ INTERSIL-ISL97801ARZ Datasheet
705Kb / 19P
   High Power LED Driver
ISL97801ARZ-T INTERSIL-ISL97801ARZ-T Datasheet
705Kb / 19P
   High Power LED Driver
ISL97801ARZ-TK INTERSIL-ISL97801ARZ-TK Datasheet
705Kb / 19P
   High Power LED Driver
More results

Similar Description - ISL97801

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM2842 DIODES-PAM2842 Datasheet
503Kb / 17P
   HIGH POWER LED DRIVER
logo
Intersil Corporation
ISL78100 INTERSIL-ISL78100 Datasheet
713Kb / 19P
   High Power LED Driver
logo
Princeton Technology Co...
PT6904 PTC-PT6904 Datasheet
371Kb / 4P
   High Power LED Driver
PT6901 PTC-PT6901 Datasheet
230Kb / 4P
   High Power LED Driver
logo
Agamem Microelectronic ...
AA1716 AGAMEM-AA1716 Datasheet
45Kb / 1P
   HIGH POWER LED DRIVER
AA1702 AGAMEM-AA1702 Datasheet
46Kb / 1P
   HIGH POWER LED DRIVER
logo
Princeton Technology Co...
PT6901 PTC-PT6901_10 Datasheet
230Kb / 4P
   High Power LED Driver
logo
List of Unclassifed Man...
MLX10803 ETC2-MLX10803 Datasheet
462Kb / 25P
   High power LED driver
MLX10803 ETC2-MLX10803_06 Datasheet
461Kb / 25P
   High power LED driver
logo
IK Semicon Co., Ltd
IK2804 IKSEMICON-IK2804 Datasheet
590Kb / 12P
   HIGH-POWER LED DRIVER
IK2802 IKSEMICON-IK2802 Datasheet
597Kb / 12P
   HIGH-POWER LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com