Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFC20H Datasheet(PDF) 2 Page - Arch Electronics Corp.

Part # AFC20H
Description  Switching Power Module for PCB Mountable
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

AFC20H Datasheet(HTML) 2 Page - Arch Electronics Corp.

  AFC20H Datasheet HTML 1Page - Arch Electronics Corp. AFC20H Datasheet HTML 2Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VER : A_1
update : 2017.04.12
AC-DC ITE Power Module
AFC20H SERIES
20 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508 FAX: +886-2-26981319
-2-
NOTE
1. Ripple & Noise are measured at 20MHz of bandwidth with 0.1uF & 47uF parallel capacitor.
2. It's recommended Varistor 14S561K at L / N input side in parallel.
3. It’s recommended Fuse 250V/3.15A at L input side in series connection.
4. It's recommended 10R / 10φ thermistor at L input side in series connection.
5. Please refer to our PDF file "AC-DC Application" on our website: www.archcorp.com.tw
BLOCK DIAGRAM
DERATING
MECHANICAL DIMENSION
( Top View )
Maximum Torque 12{1.21} (kgf.cm{N.m})
PIN#
Single
1
AC IN (L)
2
AC IN (N)
3
+DC OUT
4
-DC OUT


Similar Part No. - AFC20H

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AFC20 ARCH-AFC20 Datasheet
507Kb / 5P
   AC-DC Power Module
AFC20-12S ARCH-AFC20-12S Datasheet
507Kb / 5P
   AC-DC Power Module
AFC20-12S ARCH-AFC20-12S Datasheet
386Kb / 3P
   AC-DC Power Module
AFC20-15S ARCH-AFC20-15S Datasheet
507Kb / 5P
   AC-DC Power Module
AFC20-15S ARCH-AFC20-15S Datasheet
386Kb / 3P
   AC-DC Power Module
More results

Similar Description - AFC20H

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AZC ARCH-AZC Datasheet
203Kb / 2P
   Switching Power Module for PCB Mountable
ABR300 ARCH-ABR300 Datasheet
253Kb / 3P
   Switching Power Module for PCB Mountable
ANCA-E1 ARCH-ANCA-E1_16 Datasheet
254Kb / 3P
   Switching Power Module for PCB Mountable
APCN ARCH-APCN_16 Datasheet
152Kb / 4P
   Switching Power Module for PCB Mountable
AFC20N ARCH-AFC20N_17 Datasheet
229Kb / 2P
   Switching Power Module for PCB Mountable
AHC_SERIES ARCH-AHC_SERIES Datasheet
491Kb / 5P
   Switching Power Module for PCB Mountable
AQC125 ARCH-AQC125 Datasheet
202Kb / 4P
   Switching Power Module for PCB Mountable
MFC15 ARCH-MFC15_16 Datasheet
233Kb / 3P
   Switching Power Module for PCB Mountable
APC-E1 ARCH-APC-E1_16 Datasheet
193Kb / 3P
   Switching Power Module for PCB Mountable
AQC100 ARCH-AQC100_16 Datasheet
259Kb / 5P
   Switching Power Module for PCB Mountable
AEC60_SERIES ARCH-AEC60_SERIES Datasheet
274Kb / 2P
   Switching Power Module for PCB Mountable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com