Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOD10 Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # AOD10
Description  Switching Power Module for PCB Mountable
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

AOD10 Datasheet(HTML) 1 Page - Arch Electronics Corp.

  AOD10 Datasheet HTML 1Page - Arch Electronics Corp. AOD10 Datasheet HTML 2Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VER : A_6
update : 2018.04.03
AC-DC ITE / Household Power Module
AOD10 SERIES
10 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508 FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated.
Model No.
( Single Output )
AOD10-5S
AOD10-12S
AOD10-15S
AOD10-24S
Max Output Wattage (W)
10W
Input
Voltage
90-264 VAC or 120-370 VDC ( N Connect +Vin ; L Connect –Vin )
Frequency (Hz)
47-440 Hz
Current (Full load)
230 mA max. (115 VAC) / 140 mA max. (230 VAC)
Inrush Current
30 A max. (115 VAC) / 60 A max. (230 VAC)
Leakage Current
0.25 mA max.
External Fuse (mandatory)
2 A slow blow type
External Varistor (mandatory)
10S471K
External Thermistor (recommended)
10R / 8φ
Output
Voltage (V.DC.)
5V
12V
15V
24V
Voltage Accuracy
±2%
Current (mA) max
2000
833
667
417
Line Regulation (LL-HL) (typ.)
±0.2%
Load Regulation (0-100%) (typ.)
±1%
±0.5%
Minimum Load
0%
Maximum Capacitive Load
3,500uF
700uF
390uF
180uF
Ripple & Noise (Vp-p) max
<150mV
<160mV
1% Vout
Efficiency (at 230VAC)
80%
84%
85%
85%
Hold-up Time (at 230VAC)
30 ms min.
Protection
Over Power Protection
Hiccup technique, auto-recovery
Over Voltage Protection
Zener diode clamp
Short Circuit Protection
Hiccup mode, indefinite (automatic recovery)
Isolation
Input-Output (V.AC)
3000V
Environment
Operating Temperature
-40°C…+70°C ( with derating )
Storage Temperature
-40°C…+85°C
Temperature Coefficient
±0.02%/°C
Humidity
95% RH
MTBF
>450,000 h @ 25°C (MIL-HDBK-217F)
Physical
Dimension (L x W x H)
1.46 x 1.08 x 0.79 Inches ( 37.0 x 27.5 x 20.0 mm ) Tolerance
0.5 mm
Case Material
Plastic resin (flammability to UL 94V-0)
Weight
35 g
Cooling Method
Free air convection
Safety
Agency Approvals
UL/cUL 60950-1&IEC/EN60950-1, TUV IEC/EN60335-1,CE
EMC
EMI (Conducted & Radiated Emission)
EN 55032 class B
EMS (Noise Immunity)
EN 55024
KEY FEATURES
Maximum No-Load Watts < 0.1W
Switching Power Module for PCB Mountable
Fully Encapsulated Plastic Case
Universal Input Range 90-264VAC, 47-440 Hz
Low Ripple and Noise
Isolation Class II
CE, CB and UL Approval
3-Year Product Warranty


Similar Part No. - AOD10

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD11S60 AOSMD-AOD11S60 Datasheet
400Kb / 7P
   600V 11A a MOS Power Transistor
logo
Inchange Semiconductor ...
AOD11S60 ISC-AOD11S60 Datasheet
308Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Alpha & Omega Semicondu...
AOD1N60 AOSMD-AOD1N60 Datasheet
151Kb / 6P
   1.3A, 600V N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AOD1N60 VBSEMI-AOD1N60 Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
logo
Inchange Semiconductor ...
AOD1N60 ISC-AOD1N60 Datasheet
310Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOD10

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AZC ARCH-AZC Datasheet
203Kb / 2P
   Switching Power Module for PCB Mountable
ABR300 ARCH-ABR300 Datasheet
253Kb / 3P
   Switching Power Module for PCB Mountable
ANCA-E1 ARCH-ANCA-E1_16 Datasheet
254Kb / 3P
   Switching Power Module for PCB Mountable
APCN ARCH-APCN_16 Datasheet
152Kb / 4P
   Switching Power Module for PCB Mountable
AFC20N ARCH-AFC20N_17 Datasheet
229Kb / 2P
   Switching Power Module for PCB Mountable
AHC_SERIES ARCH-AHC_SERIES Datasheet
491Kb / 5P
   Switching Power Module for PCB Mountable
AQC125 ARCH-AQC125 Datasheet
202Kb / 4P
   Switching Power Module for PCB Mountable
MFC15 ARCH-MFC15_16 Datasheet
233Kb / 3P
   Switching Power Module for PCB Mountable
APC-E1 ARCH-APC-E1_16 Datasheet
193Kb / 3P
   Switching Power Module for PCB Mountable
AQC100 ARCH-AQC100_16 Datasheet
259Kb / 5P
   Switching Power Module for PCB Mountable
AEC60_SERIES ARCH-AEC60_SERIES Datasheet
274Kb / 2P
   Switching Power Module for PCB Mountable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com