Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT24FC64WETE13REV-D Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT24FC64WETE13REV-D
Description  64K-Bit I2C Serial CMOS EEPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24FC64WETE13REV-D Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT24FC64WETE13REV-D Datasheet HTML 1Page - Catalyst Semiconductor CAT24FC64WETE13REV-D Datasheet HTML 2Page - Catalyst Semiconductor CAT24FC64WETE13REV-D Datasheet HTML 3Page - Catalyst Semiconductor CAT24FC64WETE13REV-D Datasheet HTML 4Page - Catalyst Semiconductor CAT24FC64WETE13REV-D Datasheet HTML 5Page - Catalyst Semiconductor CAT24FC64WETE13REV-D Datasheet HTML 6Page - Catalyst Semiconductor CAT24FC64WETE13REV-D Datasheet HTML 7Page - Catalyst Semiconductor CAT24FC64WETE13REV-D Datasheet HTML 8Page - Catalyst Semiconductor CAT24FC64WETE13REV-D Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CAT24FC64
3
Doc. No. 1046, Rev. G
Note:
(1) AC measurement conditions:
RL (connects to VCC): 0.3VCC to 0.7 VCC
Input rise and fall times: < 50ns
Input and output timing reference voltages: 0.5 VCC
(2) This parameter is tested initially and after a design or process change that affects the parameter.
(3) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.
The write cycle time is the time from a valid stop
condition of a write sequence to the end of the internal
program/erase cycle. During the write cycle, the bus
interface circuits are disabled, SDA is allowed to remain
high, and the device does not respond to its slave
address.
A.C. CHARACTERISTICS
VCC = +1.8V to +5.5V, unless otherwise specified
Output Load is 1 TTL Gate and 100pF
Read & Write Cycle Limits
Power-Up Timing (2)(3)
Symbol
Parameter
Min
Typ
Max
Units
tPUR
Power-Up to Read Operation
100
µs
tPUW
Power-Up to Write Operation
100
µs
l
o
b
m
y
Sr
e
t
e
m
a
r
a
PV
5
.
5
-
V
8
.
1
=
C
C
VV
5
.
5
-
V
5
.
2
=
C
C
V
n
i
Mx
a
Mn
i
Mx
a
Ms
t
i
n
U
F
L
C
S
y
c
n
e
u
q
e
r
F
k
c
o
l
C0
0
40
0
0
1z
H
k
t
A
A
d
n
a
t
u
O
a
t
a
D
A
D
S
o
t
w
o
L
L
C
S
t
u
O
K
C
A
5
0
.
09
.
05
0
.
05
.
0s
µ
t
F
U
B
)
2
(
e
r
o
f
e
B
e
e
r
F
e
b
t
s
u
M
s
u
B
e
h
t
e
m
i
T
t
r
a
t
S
n
a
C
n
o
i
s
s
i
m
s
n
a
r
T
w
e
N
a
3
.
15
.
0s
µ
t
A
T
S
:
D
H
e
m
i
T
d
l
o
H
n
o
i
t
i
d
n
o
C
t
r
a
t
S6
.
05
2
.
0s
µ
t
W
O
L
d
o
i
r
e
P
w
o
L
k
c
o
l
C3
.
16
.
0s
µ
t
H
G
I
H
d
o
i
r
e
P
h
g
i
H
k
c
o
l
C6
.
04
.
0s
µ
t
A
T
S
:
U
S
a
r
o
f
(
e
m
i
T
p
u
t
e
S
n
o
i
t
i
d
n
o
C
t
r
a
t
S
)
n
o
i
t
i
d
n
o
C
t
r
a
t
S
d
e
t
a
e
p
e
R
6
.
05
2
.
0s
µ
t
T
A
D
:
D
H
e
m
i
T
d
l
o
H
n
I
a
t
a
D0
0
s
n
t
T
A
D
:
U
S
e
m
i
T
p
u
t
e
S
n
I
a
t
a
D0
0
10
0
1s
n
t
R
)
2
(
e
m
i
T
e
s
i
R
L
C
S
d
n
a
A
D
S0
23
.
01
.
0s
µ
t
F
)
2
(
e
m
i
T
ll
a
F
L
C
S
d
n
a
A
D
S0
20
0
30
0
1s
n
t
O
T
S
:
U
S
e
m
i
T
p
u
t
e
S
n
o
i
t
i
d
n
o
C
p
o
t
S6
.
05
2
.
0s
µ
t
H
D
e
m
i
T
d
l
o
H
t
u
O
a
t
a
D0
50
5s
n
t
R
W
e
m
i
T
e
l
c
y
C
e
t
i
r
W5
5
s
m
t
P
S
)
L
C
S
,
A
D
S
(
n
o
i
s
s
s
e
r
p
p
u
S
t
u
p
n
I0
50
5s
n
t
P
W
;
U
S
e
m
i
T
p
u
t
e
S
P
W6
.
05
.
0s
µ
t
P
W
;
D
H
e
m
i
T
d
l
o
H
P
W3
.
18
.
0s
µ


Similar Part No. - CAT24FC64WETE13REV-D

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24FC64WETE13 CATALYST-CAT24FC64WETE13 Datasheet
629Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
More results

Similar Description - CAT24FC64WETE13REV-D

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC66 CATALYST-CAT24WC66 Datasheet
60Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24FC64 CATALYST-CAT24FC64_05 Datasheet
629Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24WC33 CATALYST-CAT24WC33_05 Datasheet
637Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32 CATALYST-CAT24WC32_05 Datasheet
456Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32WI CATALYST-CAT24WC32WI Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS EEPROM
logo
Microchip Technology
24LC64-I MICROCHIP-24LC64-I Datasheet
355Kb / 28P
   64K I2C Serial EEPROM
12/08/06
24LC64-I-ST MICROCHIP-24LC64-I-ST Datasheet
370Kb / 26P
   64K I2C??Serial EEPROM
07/28/03
24AA64 MICROCHIP-24AA64 Datasheet
355Kb / 28P
   64K I2C Serial EEPROM
12/08/06
24AA64T-IMC MICROCHIP-24AA64T-IMC Datasheet
1Mb / 44P
   64K I2C??Serial EEPROM
1997-2012
24AA64-SN MICROCHIP-24AA64-SN Datasheet
1Mb / 44P
   64K I2C??Serial EEPROM
1997-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com