Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT24FC64WETE13REV-D Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT24FC64WETE13REV-D
Description  64K-Bit I2C Serial CMOS EEPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24FC64WETE13REV-D Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT24FC64WETE13REV-D Datasheet HTML 1Page - Catalyst Semiconductor CAT24FC64WETE13REV-D Datasheet HTML 2Page - Catalyst Semiconductor CAT24FC64WETE13REV-D Datasheet HTML 3Page - Catalyst Semiconductor CAT24FC64WETE13REV-D Datasheet HTML 4Page - Catalyst Semiconductor CAT24FC64WETE13REV-D Datasheet HTML 5Page - Catalyst Semiconductor CAT24FC64WETE13REV-D Datasheet HTML 6Page - Catalyst Semiconductor CAT24FC64WETE13REV-D Datasheet HTML 7Page - Catalyst Semiconductor CAT24FC64WETE13REV-D Datasheet HTML 8Page - Catalyst Semiconductor CAT24FC64WETE13REV-D Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
PIN FUNCTIONS
Pin Name
Function
A0, A1, A2
Address Inputs
SDA
Serial Data/Address
SCL
Serial Clock
WP
Write Protect
VCC
+1.8V to +5.5V Power Supply
VSS
Ground
NC
No Connect
DESCRIPTION
The CAT24FC64 is a 64K-bit Serial CMOS EEPROM
internally organized as 8,192 words of 8 bits each.
Catalyst’s advanced CMOS technology substantially
reduces device power requirements. The CAT24FC64
* Catalyst Semiconductor is licensed by Philips Corporation to carry the I2C Bus Protocol.
features a 64-byte page write buffer. The device oper-
ates via the I2C bus serial interface and is available in 8-
pin DIP or 8-pin SOIC packages.
PIN CONFIGURATION
BLOCK DIAGRAM
CAT24FC64
64K-Bit I2C Serial CMOS EEPROM
I Fast mode I2C bus compatible*
I Max clock frequency:
- 400KHz for VCC=1.8V to 5.5V
- 1MHz for VCC=2.5V to 5.5V
I Schmitt trigger filtered inputs for noise suppression
I Low power CMOS technology
I 64-byte page write buffer
I Self-timed write cycle with auto-clear
FEATURES
DIP Package (P, L)
SOIC Package (J, W, K, X)
© 2004 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Doc. No. 1046, Rev. G
I Industrial and extended
temperature ranges
I 5 ms max write cycle time
I Write protect feature
– entire array protected when WP at V
IH
I 1,000,000 program/erase cycles
I 100 year data retention
I 8-pin DIP, 8-pin SOIC (JEDEC), 8-pin SOIC
(EIAJ), 8-pin TSSOP and TDFN packages
A1
A2
VSS
A1
A2
VCC
WP
SCL
SDA
1
2
3
4
8
7
6
5
A0
VCC
WP
SCL
SDA
1
2
3
4
8
7
6
5
VSS
A0
TDFN Package (RD2, ZD2)
1
2
3
4
8
7
6
5
A0
A1
A2
VSS
VCC
WP
SCL
SDA
(Top View)
DOUT
ACK
SENSE AMPS
SHIFT REGISTERS
CONTROL
LOGIC
WORD ADDRESS
BUFFERS
START/STOP
LOGIC
STATE COUNTERS
SLAVE
ADDRESS
COMPARATORS
EEPROM
128X512
VCC
EXTERNAL LOAD
COLUMN
DECODERS
XDEC
DATA IN STORAGE
HIGH VOLTAGE/
TIMING CONTROL
VSS
WP
SCL
SDA
128
512
A0
A1
A2
ALO
GEN FR
TM
LEAD FREE
A1
A2
A0
VCC
WP
SCL
SDA
1
2
3
4
8
7
6
5
VSS
TSSOP Package (U, Y)


Similar Part No. - CAT24FC64WETE13REV-D

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24FC64WETE13 CATALYST-CAT24FC64WETE13 Datasheet
629Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
More results

Similar Description - CAT24FC64WETE13REV-D

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC66 CATALYST-CAT24WC66 Datasheet
60Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24FC64 CATALYST-CAT24FC64_05 Datasheet
629Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24WC33 CATALYST-CAT24WC33_05 Datasheet
637Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32 CATALYST-CAT24WC32_05 Datasheet
456Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32WI CATALYST-CAT24WC32WI Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS EEPROM
logo
Microchip Technology
24LC64-I MICROCHIP-24LC64-I Datasheet
355Kb / 28P
   64K I2C Serial EEPROM
12/08/06
24LC64-I-ST MICROCHIP-24LC64-I-ST Datasheet
370Kb / 26P
   64K I2C??Serial EEPROM
07/28/03
24AA64 MICROCHIP-24AA64 Datasheet
355Kb / 28P
   64K I2C Serial EEPROM
12/08/06
24AA64T-IMC MICROCHIP-24AA64T-IMC Datasheet
1Mb / 44P
   64K I2C??Serial EEPROM
1997-2012
24AA64-SN MICROCHIP-24AA64-SN Datasheet
1Mb / 44P
   64K I2C??Serial EEPROM
1997-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com