Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD-310012PJ125 Datasheet(PDF) 4 Page - TDK Electronics

Part # ALD-310012PJ125
Description  DC-DC Converter for LC Panels with LED Backlights
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ALD-310012PJ125 Datasheet(HTML) 4 Page - TDK Electronics

  ALD-310012PJ125 Datasheet HTML 1Page - TDK Electronics ALD-310012PJ125 Datasheet HTML 2Page - TDK Electronics ALD-310012PJ125 Datasheet HTML 3Page - TDK Electronics ALD-310012PJ125 Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ALD-12
・All specifications are subject to change without notice.
Analog Modulated Light (ADIM) and PWM Modulated Light Combination Example
ALD
 Determines maximum value for output current in analog modulated light, to enable brightness control at that range, using PWM modulated light.
  <Modulated Light Example 1 (blue in diagram below)>
   Set output current value to 100%, in cases where PWM modulated light is desired at a modulated light range of 100% to 0%
  <Modulated Light Example 2 (red in diagram below)>
   Set output current value to 50%, in cases where PWM modulated light is desired at a modulated light range of 100% to 0%
PWM Modulated Light Voltage and Output Current Examples
Analog modulated light is the modulated light system for changing current amplitude. The benefits this system offer are that low
frequency noise hardly occurs because it does not have an intermittent action and input power source load is small because
input current variation is small. Conversely, because it changes the LED action point, chromaticity varies according to the
modulated light.
PWM modulated light is the system where intermittent actions are made at low frequency in the range of 100Hz to 1kHz, and
this on duty is varied to modulate light. Although this system leaves concern about low frequency noise and the demand for
excessive answering to accommodate input power source, it offers the benefit of small chromaticity variations according to
the modulated light because the LED action point does not change. PWM modulated light comes in two forms: a built-in PWM
modulated light system (this is inside the LED driver generating chopping and sawtooth waves, which are compared against
the external DC voltage to form a modulated light pulse) and an external PWM modulated light system (this directly applies the
pulse from outside to modulate light).
The ALD Series combines analog modulated light and PWM modulated light to enable the generation of modulated light that
suits your needs.
100
50
0
100
50
0


Similar Part No. - ALD-310012PJ125

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ALD-414012PJ126 TDK-ALD-414012PJ126 Datasheet
596Kb / 4P
   DC-DC Converter for LC Panels with LED Backlights
ALD-414012PJ133 TDK-ALD-414012PJ133 Datasheet
621Kb / 4P
   DC-DC Converter for LC Panels with LED Backlights
ALD-514012PJ134 TDK-ALD-514012PJ134 Datasheet
636Kb / 4P
   DC-DC Converter for LC Panels with LED Backlights
ALD-605012PD131 TDK-ALD-605012PD131 Datasheet
588Kb / 4P
   Constant Current DC-DC Convertor for LED
ALD-605012PS131 TDK-ALD-605012PS131 Datasheet
588Kb / 4P
   Constant Current DC-DC Convertor for LED
More results

Similar Description - ALD-310012PJ125

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ALD-514012PJ134 TDK-ALD-514012PJ134 Datasheet
636Kb / 4P
   DC-DC Converter for LC Panels with LED Backlights
ALD-414012PJ126 TDK-ALD-414012PJ126 Datasheet
596Kb / 4P
   DC-DC Converter for LC Panels with LED Backlights
ALD-414012PJ133 TDK-ALD-414012PJ133 Datasheet
621Kb / 4P
   DC-DC Converter for LC Panels with LED Backlights
logo
Linear Technology
LT1948 LINER-LT1948 Datasheet
211Kb / 4P
   DC/DC Converter for TFT-LCD Panels
logo
Linear Integrated Syste...
LT1948 LINEAR-LT1948 Datasheet
139Kb / 4P
   DC/DC Converter for TFT-LCD Panels
logo
Linear Technology
LT1948 LINER-LT1948_15 Datasheet
217Kb / 4P
   DC/DC Converter for TFT-LCD Panels
logo
Lowpower Semiconductor ...
LP6288 POWER-LP6288 Datasheet
639Kb / 24P
   Multi-Channel DC-DC Converter for LCD Panels
logo
Rohm
BD9415FS ROHM-BD9415FS Datasheet
2Mb / 34P
   White LED Driver for 4Ch Large LCD Panels (DC/DC converter type)
logo
Global Mixed-mode Techn...
G5529 GMT-G5529 Datasheet
105Kb / 1P
   Integrated Multi-Channel DC-DC Converter for TFT-LCD Panels
G5521 GMT-G5521 Datasheet
272Kb / 2P
   Integrated Multi-Channel DC-DC Converter for TFT-LCD Panels
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com