Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRMS-1H Datasheet(PDF) 1 Page - Mini-Circuits

Part # LRMS-1H
Description  Frequency Mixer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

LRMS-1H Datasheet(HTML) 1 Page - Mini-Circuits

  LRMS-1H Datasheet HTML 1Page - Mini-Circuits LRMS-1H Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1 of 2
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Level 17
(LO Power +17dBm)
2 to 500 MHz
Frequency Mixer
Surface Mount
Features
• low conversion loss, 6.25 dB typ.
• excellent L-R isolation, 44 dB typ.
Applications
• HF/VHF/UHF
• instrumentation
Electrical Schematic
Demo Board MCL P/N: TB-44+
Suggested PCB Layout (PL-083)
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
LO
1
RF
4
IF
5
GROUND
2,3,6
Outline Drawing
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
200mW
IF Current
40mA
Electrical Specifications
1 dB COMP.: +14 dBm typ.
LRMS-1H+
LRMS-1H
Frequency
(MHz)
Conversion
Loss
(dB)
Isolation
L-R
(dB)
Isolation
L-I
(dB)
VSWR
RF Port
(:1)
VSWR
LO Port
(:1)
RF
LO
LO
+17dBm
LO
+17dBm
LO
+17dBm
LO
+17dBm
LO
+17dBm
Typical Performance Data
REV. C
M151107
LRMS-1H
DJ/FL/CP/AM
150819
FREQUENCY
(MHz)
CONVERSION LOSS
(dB)
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
IP3
at center
band
(dBm)
LO/RF
IF
Mid-Band
m
Total
Range
Max.
L
M
U
L
M
U
f
L-fU
X
σ
Max.
Typ. Min. Typ. Min. Typ. Min. Typ. Min. Typ. Min. Typ. Min.
Typ.
2-500
DC-500
6.25 .034
7.0
8.5
55
44
44
25
33
20
50
34
45
25
37
22
25
L = low range [f
L to 10 fL]
M = mid range [10 f
L to fU/2]
U = upper range [f
U/2 to fU]
m= mid band [2f
L to fU/2]
2.00
32.00
6.78
79.29
69.19
1.33
1.77
4.00
34.00
6.60
72.35
63.39
1.20
1.75
5.00
35.00
6.57
71.51
62.98
1.15
1.82
10.00
40.00
6.55
65.84
61.30
1.14
1.82
20.00
50.00
6.48
59.50
58.68
1.13
1.75
35.20
65.20
6.36
51.64
53.67
1.14
1.75
50.00
80.00
6.53
51.61
53.63
1.14
1.76
85.00
55.00
6.47
45.13
48.67
1.15
1.74
100.00
70.00
6.48
44.98
48.52
1.17
1.71
134.80
104.80
6.32
41.19
46.50
1.19
1.69
184.60
154.60
6.35
38.78
44.90
1.22
1.65
200.00
170.00
6.40
38.62
44.42
1.23
1.62
234.40
204.40
6.30
36.44
41.20
1.24
1.63
250.00
220.00
6.22
36.14
41.01
1.26
1.62
284.20
254.20
6.22
35.11
38.57
1.30
1.58
334.00
304.00
6.18
33.38
37.07
1.34
1.54
383.80
353.80
6.11
32.33
33.77
1.39
1.51
433.60
403.60
6.16
32.22
31.10
1.44
1.45
483.40
453.40
6.45
31.29
29.09
1.47
1.41
500.00
470.00
6.45
30.80
28.30
1.49
1.39
PCB Land Pattern
Suggested Layout,
Tolerance to be within
±.002
A
B
C
D
E
F
G
.400
.31
.200
.10
.010
.100
.050
10.16
7.87
5.08
2.54
0.25
2.54
1.27
H
J
K
L
M
wt
.420
.120
.060
.100
.020
grams
10.67
3.05
1.52
2.54
0.51
0.55
Permanent damage may occur if any of these limits are exceeded.
CASE STYLE: QQQ130
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Available Tape and
Reel
at no extra cost
Reel Size
Devices/Reel
7”
10, 20, 50, 100, 200
13”
500


Similar Part No. - LRMS-1H

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LRMS-1HJ MINI-LRMS-1HJ Datasheet
379Kb / 2P
   Frequency Mixer
LRMS-1HJ++ MINI-LRMS-1HJ+ Datasheet
379Kb / 2P
   Frequency Mixer
More results

Similar Description - LRMS-1H

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
MBA-9 MINI-MBA-9 Datasheet
60Kb / 1P
   Frequency Mixer
ADE-1 MINI-ADE-1 Datasheet
231Kb / 2P
   Frequency Mixer
HJK-20VH MINI-HJK-20VH Datasheet
193Kb / 2P
   Frequency Mixer
ADE-92 MINI-ADE-92 Datasheet
608Kb / 3P
   Frequency Mixer
ADE-92MH MINI-ADE-92MH Datasheet
465Kb / 3P
   Frequency Mixer
ADE-10MH MINI-ADE-10MH Datasheet
47Kb / 1P
   Frequency Mixer
ADE-1LH MINI-ADE-1LH Datasheet
294Kb / 2P
   Frequency Mixer
SKY-60H MINI-SKY-60H Datasheet
284Kb / 2P
   Frequency Mixer
SRA-2 MINI-SRA-2 Datasheet
253Kb / 2P
   Frequency Mixer
SRA-3 MINI-SRA-3 Datasheet
221Kb / 2P
   Frequency Mixer
ADEX-10H MINI-ADEX-10H Datasheet
303Kb / 2P
   Frequency Mixer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com