Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1204 Datasheet(PDF) 3 Page - California Micro Devices Corp

Part # CM1204
Description  4-Channel ESD Array in CSP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1204 Datasheet(HTML) 3 Page - California Micro Devices Corp

  CM1204 Datasheet HTML 1Page - California Micro Devices Corp CM1204 Datasheet HTML 2Page - California Micro Devices Corp CM1204 Datasheet HTML 3Page - California Micro Devices Corp CM1204 Datasheet HTML 4Page - California Micro Devices Corp CM1204 Datasheet HTML 5Page - California Micro Devices Corp CM1204 Datasheet HTML 6Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
05/10/04
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
▲ Tel: 408.263.3214
▲ Fax: 408.263.7846
▲ www.calmicro.com
3
CM1204
Specifications
Note 1: TA=-40 to +85°C unless otherwise specified.
Note 2: ESD applied to input and output pins with respect to GND, one at a time.
Note 3: Unused pins are left open
Note 4: These parameters are guaranteed by design and characterization.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
RATING
UNITS
Storage Temperature Range
-65 to +150
°C
DC Package Power Rating
200
mW
STANDARD OPERATING CONDITIONS
PARAMETER
RATING
UNITS
Operating Temperature Range
-40 to +85
°C
ELECTRICAL OPERATING CHARACTERISTICS (SEE NOTE 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDIODE
Diode Reverse Breakdown Voltage
IDIODE = 10µA5.5
V
ILEAK
Diode Leakage Current
VIN=3.3V, TA=25°C
100
nA
VSIG
Signal Voltage
Positive Clamp
Negative Clamp
IDIODE = 10mA
5.6
-0.4
6.8
-0.8
9.0
-1.5
V
V
VESD
In-system ESD Withstand Voltage
a) Human Body Model, MIL-STD-883,
Method 3015
b) Contact Discharge per IEC 61000-4-2
Notes 2, 3 and 4
±30
±15
kV
kV
VCL
Clamping Voltage during ESD Discharge
MIL-STD-883 (Method 3015), 8kV
Positive Transients
Negative Transients
Notes 2, 3 and 4
+15
-8
V
V
CDIODE
Diode Capacitance
At 2.5VDC Reverse Bias,
1MHz, 30mVAC
22
27
32
pF


Similar Part No. - CM1204

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM1204 CML-CM1204 Datasheet
218Kb / 1P
   S-8 Double Contact Bayonet Base
logo
ON Semiconductor
CM1204 ONSEMI-CM1204 Datasheet
311Kb / 9P
   4-Channel ESD Array in CSP
April 2010 ??Rev. 3
logo
Visual Communications C...
CM1204 VCC-CM1204 Datasheet
31Kb / 1P
   Double Contact Bayonet Base
logo
ON Semiconductor
CM1204-03CP ONSEMI-CM1204-03CP Datasheet
311Kb / 9P
   4-Channel ESD Array in CSP
April 2010 ??Rev. 3
More results

Similar Description - CM1204

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1204 ONSEMI-CM1204 Datasheet
311Kb / 9P
   4-Channel ESD Array in CSP
April 2010 ??Rev. 3
CM1244 ONSEMI-CM1244 Datasheet
206Kb / 7P
   4-Channel ESD Array in CSP
April 2010 ??Rev. 3
CSPESD304 ONSEMI-CSPESD304 Datasheet
249Kb / 5P
   4-Channel ESD Array in CSP
May, 2011 ??Rev. 3
logo
California Micro Device...
CM1220 CALMIRCO-CM1220 Datasheet
199Kb / 6P
   4 and 8-Channel ESD Protection Arrays in CSP
logo
ON Semiconductor
CM1220 ONSEMI-CM1220 Datasheet
347Kb / 10P
   4 and 8-Channel ESD Protection Arrays in CSP
March 2010 ??Rev.2
CM1242-33CP ONSEMI-CM1242-33CP Datasheet
150Kb / 5P
   1-Channel ESD Protection Device in 0201 CSP
March 2010 ??Rev. 4
logo
California Micro Device...
CM1441 CALMIRCO-CM1441 Datasheet
615Kb / 8P
   4-Channel EMI Filter Array w/ ESD 4-channel ESD Array
CSPESD301 CALMIRCO-CSPESD301 Datasheet
430Kb / 7P
   1,2 and 3-Channel ESD Arrays in CSP
logo
ON Semiconductor
CM1242-07CP ONSEMI-CM1242-07CP Datasheet
150Kb / 5P
   1-Channel ESD Protection Device in 0201 CSP
April 2010 ??Rev. 1
logo
California Micro Device...
CM1203 CALMIRCO-CM1203 Datasheet
246Kb / 7P
   1, 2 and 3-Channel ESD Arrays in CSP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com