Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1204 Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # CM1204
Description  4-Channel ESD Array in CSP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1204 Datasheet(HTML) 1 Page - California Micro Devices Corp

  CM1204 Datasheet HTML 1Page - California Micro Devices Corp CM1204 Datasheet HTML 2Page - California Micro Devices Corp CM1204 Datasheet HTML 3Page - California Micro Devices Corp CM1204 Datasheet HTML 4Page - California Micro Devices Corp CM1204 Datasheet HTML 5Page - California Micro Devices Corp CM1204 Datasheet HTML 6Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
05/10/04
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
▲ Tel: 408.263.3214
▲ Fax: 408.263.7846 ▲ www.calmicro.com
1
CM1204
4-Channel ESD Array in CSP
Features
Functionally and pin compatible with CMD’s
CSPESD304
Optiguard
coated for improved reliability
Four channels of ESD protection
+
15kV ESD protection on each channel
(IEC 61000-4-2 Level 4, contact discharge)
+
30kV ESD protection on each channel (HBM)
Chip Scale Package features extremely low
lead inductance for optimum ESD protection
5-bump, 0.960mm X 1.330mm footprint
Chip Scale Package (CSP)
Lead-free version available
Applications
ESD protection for sensitive electronic equipment
I/O port and keypad and button circuitry
protection for portable devices
Wireless Handsets
Handheld PCs / PDAs
MP3 Players
Digital Camcorders
Notebooks
Desktop PCs
Product Description
The CM1204 is a quad ESD transient voltage supres-
sion diode array. Each diode provides a very high level
of protection for sensitive electronic components that
may be subjected to electrostatic discharge (ESD).
These diodes are designed and characterized to safely
dissipate ESD strikes of +15kV, exceeding the maxi-
mum requirement of the IEC 61000-4-2 international
standard. Using the MIL-STD-883 (Method 3015)
specification for Human Body Model (HBM) ESD, the
device provides protection for contact discharges to
greater than +30kV.
The CM1204 is particularly well suited for portable
electronics (e.g., cellular telephones, PDAs, notebook
computers) because of its small package format and
low weight.
The CM1204 features Optiguard
coating which
results in improved reliability at assembly. It is available
in a space-saving, low-profile chip scale package with
optional lead-free finishing.
Electrical Schematic
B2
ESD_1
GND
C1
C3
A1
A3
ESD_2 ESD_3 ESD_4


Similar Part No. - CM1204

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM1204 CML-CM1204 Datasheet
218Kb / 1P
   S-8 Double Contact Bayonet Base
logo
ON Semiconductor
CM1204 ONSEMI-CM1204 Datasheet
311Kb / 9P
   4-Channel ESD Array in CSP
April 2010 ??Rev. 3
logo
Visual Communications C...
CM1204 VCC-CM1204 Datasheet
31Kb / 1P
   Double Contact Bayonet Base
logo
ON Semiconductor
CM1204-03CP ONSEMI-CM1204-03CP Datasheet
311Kb / 9P
   4-Channel ESD Array in CSP
April 2010 ??Rev. 3
More results

Similar Description - CM1204

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1204 ONSEMI-CM1204 Datasheet
311Kb / 9P
   4-Channel ESD Array in CSP
April 2010 ??Rev. 3
CM1244 ONSEMI-CM1244 Datasheet
206Kb / 7P
   4-Channel ESD Array in CSP
April 2010 ??Rev. 3
CSPESD304 ONSEMI-CSPESD304 Datasheet
249Kb / 5P
   4-Channel ESD Array in CSP
May, 2011 ??Rev. 3
logo
California Micro Device...
CM1220 CALMIRCO-CM1220 Datasheet
199Kb / 6P
   4 and 8-Channel ESD Protection Arrays in CSP
logo
ON Semiconductor
CM1220 ONSEMI-CM1220 Datasheet
347Kb / 10P
   4 and 8-Channel ESD Protection Arrays in CSP
March 2010 ??Rev.2
CM1242-33CP ONSEMI-CM1242-33CP Datasheet
150Kb / 5P
   1-Channel ESD Protection Device in 0201 CSP
March 2010 ??Rev. 4
logo
California Micro Device...
CM1441 CALMIRCO-CM1441 Datasheet
615Kb / 8P
   4-Channel EMI Filter Array w/ ESD 4-channel ESD Array
CSPESD301 CALMIRCO-CSPESD301 Datasheet
430Kb / 7P
   1,2 and 3-Channel ESD Arrays in CSP
logo
ON Semiconductor
CM1242-07CP ONSEMI-CM1242-07CP Datasheet
150Kb / 5P
   1-Channel ESD Protection Device in 0201 CSP
April 2010 ??Rev. 1
logo
California Micro Device...
CM1203 CALMIRCO-CM1203 Datasheet
246Kb / 7P
   1, 2 and 3-Channel ESD Arrays in CSP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com