Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1425 Datasheet(PDF) 5 Page - California Micro Devices Corp

Part # CM1425
Description  4 Channel EMI Filter Array with ESD Protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1425 Datasheet(HTML) 5 Page - California Micro Devices Corp

  CM1425 Datasheet HTML 1Page - California Micro Devices Corp CM1425 Datasheet HTML 2Page - California Micro Devices Corp CM1425 Datasheet HTML 3Page - California Micro Devices Corp CM1425 Datasheet HTML 4Page - California Micro Devices Corp CM1425 Datasheet HTML 5Page - California Micro Devices Corp CM1425 Datasheet HTML 6Page - California Micro Devices Corp CM1425 Datasheet HTML 7Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
04/21/04
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
▲ Tel: 408.263.3214 ▲ Fax: 408.263.7846 ▲ www.calmicro.com
5
CM1425
PRELIMINARY
Application Information
Refer to Application Note AP-217, "The Chip Scale Package", for a detailed description of Chip Scale Packages
offered by California Micro Devices.
Figure 3. Recommended Non-Solder Mask Defined Pad Illustration
Figure 4. Eutectic (SnPb) Solder
Ball Reflow Profile
Figure 5. Lead-free (SnAgCu) Solder
Ball Reflow Profile
PRINTED CIRCUIT BOARD RECOMMENDATIONS
PARAMETER
VALUE
Pad Size on PCB
0.275mm
Pad Shape
Round
Pad Definition
Non-Solder Mask defined pads
Solder Mask Opening
0.325mm Round
Solder Stencil Thickness
0.125 - 0.150mm
Solder Stencil Aperture Opening (laser cut, 5% tapered walls)
0.330mm Round
Solder Flux Ratio
50/50 by volume
Solder Paste Type
No Clean
Pad Protective Finish
OSP (Entek Cu Plus 106A)
Tolerance — Edge To Corner Ball
+50
µm
Solder Ball Side Coplanarity
+20
µm
Maximum Dwell Time Above Liquidous
60 seconds
Soldering Maximum Temperature
260°C
Solder Mask Opening
0.325mm DIA.
Non-Solder Mask Defined Pad
0.275mm DIA.
Solder Stencil Opening
0.330mm DIA.
200
250
150
100
50
0
1:00.0
2:00.0
3:00.0
4:00.0
Time (minutes)


Similar Part No. - CM1425

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM1425 CML-CM1425 Datasheet
223Kb / 1P
   T-5 Wedge Base
logo
ON Semiconductor
CM1425 ONSEMI-CM1425 Datasheet
227Kb / 9P
   4-Channel EMI Filter Array with ESD Protection
April 2010 Rev. 2
logo
Visual Communications C...
CM1425 VCC-CM1425 Datasheet
28Kb / 1P
   Wedge Base Lens End
logo
ON Semiconductor
CM1425-01CP ONSEMI-CM1425-01CP Datasheet
227Kb / 9P
   4-Channel EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1425-01CS ONSEMI-CM1425-01CS Datasheet
227Kb / 9P
   4-Channel EMI Filter Array with ESD Protection
April 2010 Rev. 2
More results

Similar Description - CM1425

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1406 CALMIRCO-CM1406 Datasheet
514Kb / 7P
   4 Channel EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1443-04CP ONSEMI-CM1443-04CP Datasheet
270Kb / 11P
   4-Channel EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1425 ONSEMI-CM1425 Datasheet
227Kb / 9P
   4-Channel EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1410 ONSEMI-CM1410 Datasheet
354Kb / 10P
   4-Channel Headset EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1453-04CP ONSEMI-CM1453-04CP Datasheet
235Kb / 9P
   Praetorian 4-Channel EMI Filter Array with ESD Protection
April 2010 Rev. 2
logo
California Micro Device...
CSPEMI607 CALMIRCO-CSPEMI607 Datasheet
198Kb / 5P
   4-Channel LCD EMI Filter Array with ESD Protection plus 4-Channel of ESD Protection Array
logo
ON Semiconductor
NUF4105FC ONSEMI-NUF4105FC Datasheet
82Kb / 6P
   4 Channel EMI Pi-Filter Array with ESD Protection 4 ESD Diodes
November, 2004 ??Rev. 1
EMI9404 ONSEMI-EMI9404 Datasheet
208Kb / 5P
   4-Channel EMI Array with ESD Protection
January, 2013 ??Rev. 1
logo
Pan Jit International I...
PJ4254FN8C PANJIT-PJ4254FN8C Datasheet
220Kb / 4P
   EMI FILTER ARRAY WITH ESD PROTECTION
logo
California Micro Device...
CM1400-03 CALMIRCO-CM1400-03 Datasheet
623Kb / 10P
   6 Channel EMI Filter Array with ESD Protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com