Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM3014-30ST Datasheet(PDF) 3 Page - California Micro Devices Corp

Part # CM3014-30ST
Description  MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM3014-30ST Datasheet(HTML) 3 Page - California Micro Devices Corp

  CM3014-30ST Datasheet HTML 1Page - California Micro Devices Corp CM3014-30ST Datasheet HTML 2Page - California Micro Devices Corp CM3014-30ST Datasheet HTML 3Page - California Micro Devices Corp CM3014-30ST Datasheet HTML 4Page - California Micro Devices Corp CM3014-30ST Datasheet HTML 5Page - California Micro Devices Corp CM3014-30ST Datasheet HTML 6Page - California Micro Devices Corp CM3014-30ST Datasheet HTML 7Page - California Micro Devices Corp CM3014-30ST Datasheet HTML 8Page - California Micro Devices Corp CM3014-30ST Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
‹ 2002 California Micro Devices Corp. All rights reserved.
12/13/02
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
L Tel: 408.263.3214
L Fax: 408.263.7846
L www.calmicro.com
3
&0
6SHFLILFDWLRQV
1RWH  7KH &0 FRQWDLQV D WKHUPDO RYHUORDG FLUFXLW WKDW DXWRPDWLFDOO\ GLVDEOHV WKH GHYLFH WKHUHE\ SUHYHQWLQJ H[FHVVLYH MXQF
WLRQ WHPSHUDWXUH :KHQ WKH 627 SDFNDJH KRXVLQJ WKH GHYLFH LV PRXQWHG RQ D W\SLFDO PXOWLOD\HU ERDUG ZLWK PRGHUDWH
KHDW VSUHDGLQJ FRSSHU DUHD  VTXDUH LQFKHV ZLOO DOORZ XS WR : WR EH VDIHO\ GLVVLSDWHG 3OHDVH FRQVXOW ZLWK IDFWRU\
IRU WKHUPDO HYDOXDWLRQ DVVLVWDQFH
1RWH  &RQVXOW &$0' 7HFKQLFDO 6XSSRUW IRU SRZHU GLVVLSDWLRQ LQIRUPDWLRQ UHJDUGLQJ WKH &0 SDFNDJHG LQ WKH 627 SDFN
DJH
1RWH  6HH $SSOLFDWLRQ ,QIRUPDWLRQ VHFWLRQ IRU D UHFRPPHQGDWLRQ RQ WKH RXWSXW FDSDFLWRU
$%62/87( 0$;,080 5$7,1*6
3$5$0(7(5
5$7,1*
81,76
(6' 3URWHFWLRQ+%0

9
3LQ9ROWDJHV
,1 SLQ
(1 SLQ
287 SLQ 
>*1'  @WR > @
>*1'  @WR >9,1 @
>*1'  @WR >9,1 @
9
9
9
6WRUDJH 7HPSHUDWXUH 5DQJH
 WR 
ƒ&
2SHUDWLQJ 7HPSHUDWXUH5DQJH
$PELHQW
-XQFWLRQ
WR 
WR 
ƒ&
ƒ&
3RZHU 'LVVLSDWLRQ 1RWHV  
,QWHUQDOO\ /LPLWHG
:
67$1'$5' 23(5$7,1* &21',7,216
3$5$0(7(5
5$7,1*
81,76
9,1
 WR 
9
$PELHQW 2SHUDWLQJ 7HPSHUDWXUH 5DQJH
 WR 
ƒ&
/RDG &XUUHQW
WR 
P$
&287 1RWH
2XWSXW9ROWDJH 'HSHQGHQW
µF


Similar Part No. - CM3014-30ST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM3010 ETC1-CM3010 Datasheet
253Kb / 12P
   LoRaWAN??ACM
logo
Chicago Miniature Lamp,...
CM3011 CML-CM3011 Datasheet
220Kb / 1P
   S-8 Double Contact Bayonet Base
logo
Visual Communications C...
CM3011 VCC-CM3011 Datasheet
33Kb / 1P
   Contact Bayonet Base
logo
California Micro Device...
CM3015 CALMIRCO-CM3015 Datasheet
508Kb / 14P
   Micropower, 300mA Low Dropout CMOS Regulator
CM3015-00 CALMIRCO-CM3015-00 Datasheet
508Kb / 14P
   Micropower, 300mA Low Dropout CMOS Regulator
More results

Similar Description - CM3014-30ST

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP5951 NSC-LP5951 Datasheet
606Kb / 10P
   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
California Micro Device...
CMPWR163-33 CALMIRCO-CMPWR163-33 Datasheet
196Kb / 9P
   Micropower, 150mA / 3.3V Low Dropout CMOS Regulator
logo
Texas Instruments
LP5951 TI1-LP5951_14 Datasheet
1Mb / 26P
[Old version datasheet]   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
LP5951MG-1.8 TI1-LP5951MG-1.8 Datasheet
1Mb / 26P
[Old version datasheet]   LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
Union Semiconductor, In...
UM3730 UNIONSEMI-UM3730 Datasheet
542Kb / 11P
   150mA, Micropower, Low Dropout Linear Regulator
UM3730 UNIONSEMI-UM3730_15 Datasheet
546Kb / 11P
   150mA, Micropower, Low Dropout Linear Regulator
logo
National Semiconductor ...
LP3985 NSC-LP3985 Datasheet
570Kb / 17P
   Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
logo
Microsemi Corporation
LX8211 MICROSEMI-LX8211_07 Datasheet
298Kb / 9P
   150mA CMOS Low Dropout Regulator
LX8211 MICROSEMI-LX8211 Datasheet
318Kb / 9P
   150mA CMOS Low Dropout Regulator
logo
Asahi Kasei Microsystem...
AME8750 AKM-AME8750 Datasheet
150Kb / 15P
   Low-Dropout 150mA / 150mA Dual CMOS Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com