Selected language     English  ▼


CS61582-IQ5 Datasheet(PDF) 8 Page - Cirrus Logic

Part No. CS61582-IQ5
Description  DUAL T1/E1 LINE INTERFACE
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CIRRUS [Cirrus Logic]
Homepage  http://www.cirrus.com
Logo 

 8 page
background image
J-T C K
J-T M S
J-T D I
J-T D O
t cyc
t dv
t su
t h
Figure 4. JAG Switching Characteristics
SWITCHING CHARACTERISTICS - JTAG (TA = - 40 ° to 85 ° C;
TV+, RV+ = nominal
±0.3V; Inputs: Logic 0 = 0V, Logic 1 = RV+)
(See Figure 4)
Parameter
Symbol
Min
Typ
Max
Units
Cycle Time
tcyc
200
-
-
ns
J-TMS/J-TDI to J-TCK rising setup time
tsu
50
-
-
ns
J-TCK rising to J-TMS/J-TDI hold time
th
50
-
-
ns
J-TCK falling to J-TDO valid
tdv
-
-
50
ns
8
DS224PP1




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TS635DUAL WIDE BAND OPERATIONAL AMPLIFIER FOR ADSL LINE INTERFACE 1 2 3 4 5 MoreSTMicroelectronics
0553-0013-1JT1/CEPT Dual Line Interface Transformers 1 2 Bel Fuse Inc.
L9219ALow-Cost Line Interface with Reverse Battery and Dual Current Limit 1 2 3 4 5 MoreAgere Systems
TISPPBL3DUAL FORWARD-CONDUCTING P-GATE THYRISTORS FOR ERICSSON MICROELECTRONICS SUBSCRIBER LINE INTERFACE CIRCUITS SLIC 1 2 3 4 5 MoreBourns Electronic Solutions
APC78147Dual ADSL SMD Line Interface Hybrid 1 2 Bel Fuse Inc.
CS61583DUAL T1/E1 LINE INTERFACE 1 2 3 4 5 MoreCirrus Logic
IDT82V2082DUAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT 1 2 3 4 5 MoreIntegrated Device Technology
CS61584ADUAL T1/E1 LINE INTERFACE 1 2 3 4 5 MoreCirrus Logic
LXT331Dual T1/E1 Line Interface Unit 1 2 3 4 5 MoreLevel One
LXT332Dual T1/E1 Line Interface Unit with Crystal-less Attenuation 1 2 3 4 5 MoreLevel One

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl