Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEM16101H Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # DEM16101H
Description  LCD MODULE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DEM16101H Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button DEM16101H Datasheet HTML 5Page - List of Unclassifed Manufacturers DEM16101H Datasheet HTML 6Page - List of Unclassifed Manufacturers DEM16101H Datasheet HTML 7Page - List of Unclassifed Manufacturers DEM16101H Datasheet HTML 8Page - List of Unclassifed Manufacturers DEM16101H Datasheet HTML 9Page - List of Unclassifed Manufacturers DEM16101H Datasheet HTML 10Page - List of Unclassifed Manufacturers DEM16101H Datasheet HTML 11Page - List of Unclassifed Manufacturers DEM16101H Datasheet HTML 12Page - List of Unclassifed Manufacturers DEM16101H Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
DEM 16101 H
Product Specification
Version:5
7
8-2 AC Characteristics (VDD = 4.5V ~ 5.5V , Ta = -20 ~ +70°C)
8-2-1 Write mode (writing data from MPU to DEM 16101-Series)
Characteristic
Symbol
Min
Type
Max
Unit
Test PIN
E Cycle Time
tC
500
---
---
ns
E
E Rise Time
tR
---
---
20
ns
E
E Fall Time
tF
---
---
20
ns
E
E Pulse width (High,Low)
tW
230
---
---
ns
E
R/W and RS Set-up Time
tSU1
40
---
---
ns
R/W,RS
R/W and RS Hold Time
tH1
10
---
---
ns
R/W,RS
Data Set-up Time
tSU2
80
---
---
ns
DB0~DB7
Data Hold Time
tH2
10
---
---
ns
DB0~DB7


Similar Part No. - DEM16101H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DEM16101SYH ETC-DEM16101SYH Datasheet
203Kb / 15P
   DEM16101SYH
More results

Similar Description - DEM16101H

ManufacturerPart #DatasheetDescription
logo
HYES Optoelectronics, I...
HT5711LH-T HYES-HT5711LH-T Datasheet
777Kb / 22P
   LCD MODULE
logo
Sharp Corporation
LS027B7DH01 SHARP-LS027B7DH01 Datasheet
777Kb / 32P
   LCD Module
logo
List of Unclassifed Man...
MC-162-4 ETC1-MC-162-4 Datasheet
66Kb / 1P
   LCD MODULE
logo
OPTREX CORPORATION
DMC40457 OPTREX-DMC40457 Datasheet
166Kb / 15P
   LCD Module
logo
AZ Displays
AGM2464D AZDISPLAYS-AGM2464D Datasheet
545Kb / 14P
   LCD MODULE
AGM4832C AZDISPLAYS-AGM4832C Datasheet
430Kb / 14P
   LCD MODULE
logo
List of Unclassifed Man...
TM242ADA6 ETC-TM242ADA6 Datasheet
310Kb / 23P
   LCD MODULE
TM164ABA ETC-TM164ABA Datasheet
353Kb / 23P
   LCD MODULE
logo
Purdy Electronics Corpo...
AND3222MST2 PURDY-AND3222MST2 Datasheet
187Kb / 4P
   LCD Module
logo
AZ Displays
AGM1212C AZDISPLAYS-AGM1212C Datasheet
584Kb / 13P
   LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com