Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA12CP Datasheet(PDF) 2 Page - Protek Devices

Part # DA12CP
Description  STANDARD CAPACITANCE TVS ARRAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

DA12CP Datasheet(HTML) 2 Page - Protek Devices

  DA12CP Datasheet HTML 1Page - Protek Devices DA12CP Datasheet HTML 2Page - Protek Devices DA12CP Datasheet HTML 3Page - Protek Devices DA12CP Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.protekdevices.com
05001.R7 1/05
DA05N
thru
DA24CP
DEVICE CHARACTERISTICS
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
Operating Temperature
SYMBOL
VALUE
-55°C to 150°C°C
°C
-55°C to 150°C
UNITS
T
J
TSTG
PARAMETER
Storage Temperature
Peak Pulse Power (t
p = 8/20µs) - See Figure 1
P
PP
800
Watts
Forward Surge Rating (See Note 1)
Amps
10
IF
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUMBER
(See Note 1)
MINIMUM
BREAKDOWN
VOLTAGE
@ 1mA
V
(BR)
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@ I
P = 10A
V
C
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@8/20µs
VC @ IPP
TYPICAL
CAPACITANCE
@0V, 1 MHz
C
J
pF
DA05N
DA12N
DA15N
DA24N
DA05P
DA12P
DA15P
DA24P
DA05CN
DA12CN
DA15CN
DA24CN
DA05CP
DA12CP
DA15CP
DA24CP
6.0
13.3
16.7
26.7
6.0
13.3
16.7
26.7
6.0
13.3
16.7
26.7
6.0
13.3
16.7
26.7
12.5
26.0
33.0
52.1
12.5
26.0
33.0
52.1
12.5
26.0
33.0
52.1
12.5
26.0
33.0
52.1
24.6V @ 45A
32.9V @ 34A
37.7V @ 27A
48.5V @ 22A
24.6V @ 45A
32.9V @ 34A
37.7V @ 27A
48.5V @ 22A
24.6V @ 45A
32.9V @ 34A
37.7V @ 27A
48.5V @ 22A
24.6V @ 45A
32.9V @ 34A
37.7V @ 27A
48.5V @ 22A
880
440
400
275
880
440
400
275
500
385
300
200
500
385
300
200
MAXIMUM
LEAKAGE
CURRENT
@V
WM
I
D
µA
200
2
2
2
200
2
2
2
200
2
2
2
200
2
2
2
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
5.0
12.0
15.0
24.0
5.0
12.0
15.0
24.0
5.0
12.0
15.0
24.0
5.0
12.0
15.0
24.0
Note 1: The “C” suffix specifies a bidirectional device, such as DA05CN or DA12CP.


Similar Part No. - DA12CP

ManufacturerPart #DatasheetDescription
logo
Protek Devices
DA12CP PROTEC-DA12CP Datasheet
76Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
DA12CP PROTEC-DA12CP Datasheet
568Kb / 5P
   High powered multi-line tvs array
DA12CP PROTEC-DA12CP Datasheet
394Kb / 5P
   HIGH POWERED MULTI-LINE TVS ARRAY
More results

Similar Description - DA12CP

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SM20MT05C PROTEC-SM20MT05C Datasheet
176Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
CP05 PROTEC-CP05 Datasheet
109Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
PSMF05 PROTEC-PSMF05 Datasheet
96Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
DA05L PROTEC-DA05L_07 Datasheet
68Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
DA05N PROTEC-DA05N_07 Datasheet
76Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSMDA05C-4 PROTEC-PSMDA05C-4_07 Datasheet
71Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSMDA05C-8 PROTEC-PSMDA05C-8_07 Datasheet
73Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSMF05 PROTEC-PSMF05_07 Datasheet
85Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
logo
Pan Jit International I...
PJSOT05C-03 PANJIT-PJSOT05C-03 Datasheet
102Kb / 3P
   STANDARD CAPACITANCE TVS ARRAY
PJSOT05C-02 PANJIT-PJSOT05C-02_15 Datasheet
76Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
logo
Protek Devices
PSMS05 PROTEC-PSMS05 Datasheet
183Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com