Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

AZ-H1-R010-F1-K2-0.1-TK10 Datasheet(PDF) 1 Page - Isabellenhütte Heusler GmbH & Co. KG

Part No. AZ-H1-R010-F1-K2-0.1-TK10
Description  PRECISION RESISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISABELLENHUETTE [Isabellenhütte Heusler GmbH & Co. KG]
Direct Link  https://www.isabellenhuette.de/en/
Logo ISABELLENHUETTE - Isabellenhütte Heusler GmbH & Co. KG

AZ-H1-R010-F1-K2-0.1-TK10 Datasheet(HTML) 1 Page - Isabellenhütte Heusler GmbH & Co. KG

  AZ-H1-R010-F1-K2-0.1-TK10 Datasheet HTML 1Page - Isabellenhütte Heusler GmbH & Co. KG AZ-H1-R010-F1-K2-0.1-TK10 Datasheet HTML 2Page - Isabellenhütte Heusler GmbH & Co. KG AZ-H1-R010-F1-K2-0.1-TK10 Datasheet HTML 3Page - Isabellenhütte Heusler GmbH & Co. KG AZ-H1-R010-F1-K2-0.1-TK10 Datasheet HTML 4Page - Isabellenhütte Heusler GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1 /4
ISA-PLAN® // PrecISIoN reSIStorS
AZ-H
Isabellenhütte Heusler GmbH & co. KG // sales.components@isabellenhuette.de // Issue 24-June-2014 // current valid issue: see www.isabellenhuette.de
– Measurement equipment
– reference resistors in laboratories
– current sources
– Laboratory power supplies
– Up to 10 W permanent power
– Max. permanent current: 70 A (2 mohm)
– Very high precision of tolerance and tcr
– 4-terminal connection
– Low self-heating
– roHS 2011/65/eU compliant
Features
Applications
Technical data
resistance values *
Ohm
0.002 to 1
tolerance *
%
0.1 / 1
temperature coefficient (20-60 °C)
ppm/K
< 3 / 10
Applicable temperature range
°C
-55 to +140
Power rating
W
3 / 10 (on a heatsink)
thermal resistance to ambient (rth)
K/W
< 15
thermal resistance to aluminium substrat (rthi)
K/W
< 3
Dielectric withstanding voltage
V AC/DC
500
Inductance
nH
< 10
Stability (Nominal load) deviation after 2000h
tK = terminal temperature
< 0.1 % (tK= 80°C with heatsink),
< 0.2 % (tK= 95°C with heatsink)
* See all standard values on page 4


Similar Part No. - AZ-H1-R010-F1-K2-0.1-TK10

ManufacturerPart No.DatasheetDescription
Nuvotem Talema
Nuvotem Talema
AZ-0500 TALEMA-AZ-0500 Datasheet
316Kb / 2P
   Flying Lead Current Transformers
AZ-0750 TALEMA-AZ-0750 Datasheet
316Kb / 2P
   Flying Lead Current Transformers
AZ-1000 TALEMA-AZ-1000 Datasheet
316Kb / 2P
   Flying Lead Current Transformers
HuaXinAn Electronics CO.,LTD
HuaXinAn Electronics CO...
AZ-DM HUAXINAN-AZ-DM Datasheet
139Kb / 2P
   High reliability in dry circuit condition
TXC Corporation.
TXC Corporation.
AZ-SERIES TXC-AZ-SERIES Datasheet
968Kb / 1P
   Superior performance and stringent reliability in harsh environment.
More results

Similar Description - AZ-H1-R010-F1-K2-0.1-TK10

ManufacturerPart No.DatasheetDescription
Welwyn Components Limited
Welwyn Components Limit...
3812-10TGI WELWYN-3812-10TGI Datasheet
391Kb / 2P
   Precision Resistors Precision Resistors
RHOPOINT COMPONENTS
RHOPOINT COMPONENTS
A-H2 RHOPOINT-A-H2 Datasheet
68Kb / 2P
   Precision Resistors
SMH-B-R010-1.0 RHOPOINT-SMH-B-R010-1.0 Datasheet
139Kb / 3P
   Precision Resistors
Isabellenhütte Heusler GmbH & Co. KG
Isabellenhütte Heu...
BVB ISABELLENHUETTE-BVB Datasheet
1Mb / 4P
   PRECISION RESISTORS
BVH ISABELLENHUETTE-BVH Datasheet
504Kb / 4P
   Precision resistors
CMK ISABELLENHUETTE-CMK Datasheet
1Mb / 4P
   Precision resistors
CMS ISABELLENHUETTE-CMS Datasheet
1Mb / 4P
   Precision resistors
BVT ISABELLENHUETTE-BVT Datasheet
725Kb / 4P
   Precision resistors
SMT ISABELLENHUETTE-SMT Datasheet
1Mb / 5P
   Precision resistors
VLK ISABELLENHUETTE-VLK Datasheet
802Kb / 4P
   PRECISION RESISTORS
RHOPOINT COMPONENTS
RHOPOINT COMPONENTS
BVE-M-R0002 RHOPOINT-BVE-M-R0002 Datasheet
62Kb / 3P
   Precision Resistors
More results


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz