Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

AZ-H1 Datasheet(PDF) 3 Page - Isabellenhütte Heusler GmbH & Co. KG

Part No. AZ-H1
Description  PRECISION RESISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISABELLENHUETTE [Isabellenhütte Heusler GmbH & Co. KG]
Direct Link  https://www.isabellenhuette.de/en/
Logo ISABELLENHUETTE - Isabellenhütte Heusler GmbH & Co. KG

AZ-H1 Datasheet(HTML) 3 Page - Isabellenhütte Heusler GmbH & Co. KG

  AZ-H1 Datasheet HTML 1Page - Isabellenhütte Heusler GmbH & Co. KG AZ-H1 Datasheet HTML 2Page - Isabellenhütte Heusler GmbH & Co. KG AZ-H1 Datasheet HTML 3Page - Isabellenhütte Heusler GmbH & Co. KG AZ-H1 Datasheet HTML 4Page - Isabellenhütte Heusler GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3 /4
ISA-PLAN® // PrecISIoN reSIStorS
AZ-H
Isabellenhütte Heusler GmbH & co. KG // sales.components@isabellenhuette.de // Issue 24-June-2014 // current valid issue: see www.isabellenhuette.de
Temperature dependence of the electrical resistance
of AZ-H resistors (range ±10 ppm/K)
Power derating curve
Stability < 0.1 % heatsink mounted
Stability < 0.2 % heatsink mounted
Limiting curve
typical temperature dependence of a AZ-H resistor
P/PNom
dr/r20 [%]
Temperature [°C]
terminal temperature tK [°C]
0
0,25
0,5
0,75
1
1,25
0
20
40
60
80
100
120
140
160
180
-0,5
-0,4
-0,3
-0,2
-0,1
0,0
0,1
0,2
0,3
0,4
0,5
-40
-20
0
20
40
60
80
100
120
140
Maximum pulse energy respectively pulse power for permanent operation
0,0001
0,001
0,01
0,1
1
10
100
0,01
0,1
1
10
100
1000
10000
0,0001
0,001
0,01
0,1
1
10
100
this curve is only valid for the resistance value r005. the progression of the curve in the lower range could be different for other resistance values.
therefore a separate qualification should be made in thresholds.
Pulse width [s]


Similar Part No. - AZ-H1

ManufacturerPart No.DatasheetDescription
Nuvotem Talema
Nuvotem Talema
AZ-0500 TALEMA-AZ-0500 Datasheet
316Kb / 2P
   Flying Lead Current Transformers
AZ-0750 TALEMA-AZ-0750 Datasheet
316Kb / 2P
   Flying Lead Current Transformers
AZ-1000 TALEMA-AZ-1000 Datasheet
316Kb / 2P
   Flying Lead Current Transformers
HuaXinAn Electronics CO.,LTD
HuaXinAn Electronics CO...
AZ-DM HUAXINAN-AZ-DM Datasheet
139Kb / 2P
   High reliability in dry circuit condition
TXC Corporation.
TXC Corporation.
AZ-SERIES TXC-AZ-SERIES Datasheet
968Kb / 1P
   Superior performance and stringent reliability in harsh environment.
More results

Similar Description - AZ-H1

ManufacturerPart No.DatasheetDescription
Welwyn Components Limited
Welwyn Components Limit...
3812-10TGI WELWYN-3812-10TGI Datasheet
391Kb / 2P
   Precision Resistors Precision Resistors
RHOPOINT COMPONENTS
RHOPOINT COMPONENTS
A-H2 RHOPOINT-A-H2 Datasheet
68Kb / 2P
   Precision Resistors
SMH-B-R010-1.0 RHOPOINT-SMH-B-R010-1.0 Datasheet
139Kb / 3P
   Precision Resistors
Isabellenhütte Heusler GmbH & Co. KG
Isabellenhütte Heu...
BVB ISABELLENHUETTE-BVB Datasheet
1Mb / 4P
   PRECISION RESISTORS
BVH ISABELLENHUETTE-BVH Datasheet
504Kb / 4P
   Precision resistors
CMK ISABELLENHUETTE-CMK Datasheet
1Mb / 4P
   Precision resistors
CMS ISABELLENHUETTE-CMS Datasheet
1Mb / 4P
   Precision resistors
BVT ISABELLENHUETTE-BVT Datasheet
725Kb / 4P
   Precision resistors
SMT ISABELLENHUETTE-SMT Datasheet
1Mb / 5P
   Precision resistors
VLK ISABELLENHUETTE-VLK Datasheet
802Kb / 4P
   PRECISION RESISTORS
RHOPOINT COMPONENTS
RHOPOINT COMPONENTS
BVE-M-R0002 RHOPOINT-BVE-M-R0002 Datasheet
62Kb / 3P
   Precision Resistors
More results


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz