Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3MC-MA11 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # E3MC-MA11
Description  RGB Color Sensor
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

E3MC-MA11 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button E3MC-MA11 Datasheet HTML 4Page - List of Unclassifed Manufacturers E3MC-MA11 Datasheet HTML 5Page - List of Unclassifed Manufacturers E3MC-MA11 Datasheet HTML 6Page - List of Unclassifed Manufacturers E3MC-MA11 Datasheet HTML 7Page - List of Unclassifed Manufacturers E3MC-MA11 Datasheet HTML 8Page - List of Unclassifed Manufacturers E3MC-MA11 Datasheet HTML 9Page - List of Unclassifed Manufacturers E3MC-MA11 Datasheet HTML 10Page - List of Unclassifed Manufacturers E3MC-MA11 Datasheet HTML 11Page - List of Unclassifed Manufacturers E3MC-MA11 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
E3MC
E3MC
Nomenclature
Operation Indicator (Orange)
Illuminated when output is ON.
Under mode B (single-output
models), the indicator will be
illuminated when mode B is
active or when the mode selec-
tor is set to TEACH.
Bank Indicator (Green)
1-channel models. Displays
selected bank.
TEACH Button
Stores target color. On 4-channel
models, used to check the number
of channels that are indicated by
both the operation indicator and
channel indicator.
Detection Level Indicator (Green)
Displays similarity level between
registered and detectable colors.
Threshold Indicator (Red)
Displays threshold level.
SELECT UP Button, SELECT DOWN Button
Bank selection
Threshold adjustment
Mode Selector
Selects TEACH, ADJ, or RUN mode.
Function Switch (see details below)
Color discrimination mode selection
Response time selection
OFF-delay timer setting
Conformity/Non-conformity output selection
(See glossary—Light/Dark Operate)
 E3MC ALL MODELS
Tolerance #1
Tolerance #7
Channel Indicator (Orange)
4-channel models. Displays
selected channels. Illuminated
when the output of each channel
is ON.
Color Discrimination Mode Selection (Mode C is Recommended for Normal Applications)
Mode C: Color discrimination is performed according to R (red), G (green), and B (blue) ratio of the reflection light even
if the sensing objects fluctuate up and down within the rated sensing range.
Mode I: Color discrimination is performed according to RGB light intensity of reflection light. This mode ensures more
delicate color discrimination than mode C.
Response Time Selection
3 ms (6 ms): The E3MC can stably detect minute differences of color. Set the response time to 3 ms for usual
applications.
1 ms (2 ms): The E3MC will be in quick-response operation. Set the response time to 1 ms if high-speed response is
required.
OFF-delay Timer Setting
---:
No OFF-delay timer is set.
TMR: A 40-ms OFF-delay timer is set for control output.
Conformity/Non-conformity Output (See glossary—Light/Dark Operate)
=:
Output is ON when the detected color coincides with the registered color.
≠: Output is ON when the detected color does not coincide with the registered color.
1ms
(2 ms)
(6 ms)
3ms
Note: Figures shown in parentheses are for the 4-output models.
Function Switch
The following settings are possible in RUN or ADJ mode. (Each pin of the function switch is factory-set to the upper position.)
C
TMR


Similar Part No. - E3MC-MA11

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3M-V OMRON-E3M-V Datasheet
1Mb / 12P
   Mark Sensor
E3M-VG11 OMRON-E3M-VG11 Datasheet
1Mb / 12P
   Mark Sensor
E3M-VG12 OMRON-E3M-VG12 Datasheet
1Mb / 12P
   Mark Sensor
E3M-VG16 OMRON-E3M-VG16 Datasheet
630Kb / 7P
   Great for Irregularities and Lamination
E3M-VG16 OMRON-E3M-VG16 Datasheet
1Mb / 12P
   Mark Sensor
More results

Similar Description - E3MC-MA11

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
KPS-5130PD7C TO-GRACE-KPS-5130PD7C Datasheet
677Kb / 4P
   RGB Color Sensor
logo
Kingbright Corporation
APS5130PD7C-P22 KINGBRIGHT-APS5130PD7C-P22 Datasheet
206Kb / 4P
   RGB Color Sensor
logo
AVAGO TECHNOLOGIES LIMI...
HDJD-S822-QR999 AVAGO-HDJD-S822-QR999 Datasheet
274Kb / 11P
   RGB Color Sensor
logo
Everlight Electronics C...
CLS15-22C-L213B-TR8 EVERLIGHT-CLS15-22C-L213B-TR8_15 Datasheet
910Kb / 11P
   RGB Color Light Sensor
CLS15-22C-L213G-TR8 EVERLIGHT-CLS15-22C-L213G-TR8_15 Datasheet
910Kb / 11P
   RGB Color Light Sensor
CLS15-22C-L213R-TR8 EVERLIGHT-CLS15-22C-L213R-TR8_15 Datasheet
910Kb / 11P
   RGB Color Light Sensor
logo
Hamamatsu Corporation
S9702 HAMAMATSU-S9702 Datasheet
95Kb / 2P
   Si photodiode RGB color sensor
S6428-01 HAMAMATSU-S6428-01 Datasheet
109Kb / 2P
   Si photodiode RGB color sensor
logo
Everlight Electronics C...
CLS15-22C-L213R-TR8 EVERLIGHT-CLS15-22C-L213R-TR8 Datasheet
620Kb / 11P
   Surface - Mount RGB Color Sensor
logo
Hamamatsu Corporation
S9032-02 HAMAMATSU-S9032-02 Datasheet
69Kb / 2P
   Si photodiode RGB color sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com