Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3MC-MX41 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # E3MC-MX41
Description  RGB Color Sensor
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

E3MC-MX41 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  E3MC-MX41 Datasheet HTML 1Page - List of Unclassifed Manufacturers E3MC-MX41 Datasheet HTML 2Page - List of Unclassifed Manufacturers E3MC-MX41 Datasheet HTML 3Page - List of Unclassifed Manufacturers E3MC-MX41 Datasheet HTML 4Page - List of Unclassifed Manufacturers E3MC-MX41 Datasheet HTML 5Page - List of Unclassifed Manufacturers E3MC-MX41 Datasheet HTML 6Page - List of Unclassifed Manufacturers E3MC-MX41 Datasheet HTML 7Page - List of Unclassifed Manufacturers E3MC-MX41 Datasheet HTML 8Page - List of Unclassifed Manufacturers E3MC-MX41 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image

RGB Color Sensor
E3MC
RGB Color Sensor Detects Subtle
Color Differences—Most Advanced
Color Sensor In the Industry
 LED light source insures ease of
operation and long life
 No separate light source is required
 Remote control of color setting from PC
or PLC
 4-color memory
 4-output models available
 3 models: lensed, precision fiber-optic,
versatile standard fiber-optic
 IP66
 Rugged die-cast metal housing
Ordering Information
 RGB COLOR SENSOR
Type
Appearance
Sensing distance
Spot
diameter
No. of
outputs
Output
Part number
Lensed
0
50
100
12 mm
1
NPN
E3MC-A11
PNP
E3MC-A41
60
± 10 mm
4
NPN
E3MC-MA11
(See Note.)
PNP
E3MC-MA41
Precision
fiber-optic
type
3mm
1
NPN
E3MC-X11
type
0
50
100
PNP
E3MC-X41
The shape of the
amplifier section is
(See Note.)
20
± 4mm
4
NPN
E3MC-MX11
amplifier section is
thesameas for the
E3MC-(M)A
.
PNP
E3MC-MX41
General-
purpose
Standard sensing distance
Varies with
the recom-
1
NPN
E3MC-Y11
ur ose
fiber-optic
type
E32-CC200
(SeeNote2.)
5mm
the recom-
mended
fiber.
PNP
E3MC-Y41
ty e
E32 T16
(See Note 2.) fiber.
4
NPN
E3MC-MY11
E32-T16
200 mm
PNP
E3MC-MY41
Note:
Refer to the
Specifications section of this data sheet.


Similar Part No. - E3MC-MX41

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3M-V OMRON-E3M-V Datasheet
1Mb / 12P
   Mark Sensor
E3M-VG11 OMRON-E3M-VG11 Datasheet
1Mb / 12P
   Mark Sensor
E3M-VG12 OMRON-E3M-VG12 Datasheet
1Mb / 12P
   Mark Sensor
E3M-VG16 OMRON-E3M-VG16 Datasheet
630Kb / 7P
   Great for Irregularities and Lamination
E3M-VG16 OMRON-E3M-VG16 Datasheet
1Mb / 12P
   Mark Sensor
More results

Similar Description - E3MC-MX41

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
KPS-5130PD7C TO-GRACE-KPS-5130PD7C Datasheet
677Kb / 4P
   RGB Color Sensor
logo
Kingbright Corporation
APS5130PD7C-P22 KINGBRIGHT-APS5130PD7C-P22 Datasheet
206Kb / 4P
   RGB Color Sensor
logo
AVAGO TECHNOLOGIES LIMI...
HDJD-S822-QR999 AVAGO-HDJD-S822-QR999 Datasheet
274Kb / 11P
   RGB Color Sensor
logo
Everlight Electronics C...
CLS15-22C-L213B-TR8 EVERLIGHT-CLS15-22C-L213B-TR8_15 Datasheet
910Kb / 11P
   RGB Color Light Sensor
CLS15-22C-L213G-TR8 EVERLIGHT-CLS15-22C-L213G-TR8_15 Datasheet
910Kb / 11P
   RGB Color Light Sensor
CLS15-22C-L213R-TR8 EVERLIGHT-CLS15-22C-L213R-TR8_15 Datasheet
910Kb / 11P
   RGB Color Light Sensor
logo
Hamamatsu Corporation
S9702 HAMAMATSU-S9702 Datasheet
95Kb / 2P
   Si photodiode RGB color sensor
S6428-01 HAMAMATSU-S6428-01 Datasheet
109Kb / 2P
   Si photodiode RGB color sensor
logo
Everlight Electronics C...
CLS15-22C-L213R-TR8 EVERLIGHT-CLS15-22C-L213R-TR8 Datasheet
620Kb / 11P
   Surface - Mount RGB Color Sensor
logo
Hamamatsu Corporation
S9032-02 HAMAMATSU-S9032-02 Datasheet
69Kb / 2P
   Si photodiode RGB color sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com