Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELS-431GWA Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ELS-431GWA
Description  0.39 SINGLE DIGIT DISPLAYS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ELS-431GWA Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ELS-431GWA Datasheet HTML 1Page - List of Unclassifed Manufacturers ELS-431GWA Datasheet HTML 2Page - List of Unclassifed Manufacturers ELS-431GWA Datasheet HTML 3Page - List of Unclassifed Manufacturers ELS-431GWA Datasheet HTML 4Page - List of Unclassifed Manufacturers ELS-431GWA Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
0.39" Single Digit Displays
ELS-431GWA
█ Reliability test items and conditions:
NO
Item
Test Conditions
Test
Hours/Cycle
Sample Size
Ac/Re
1
Solder Heat
TEMP : 260℃ ± 5 ℃
5 SEC
76 PCS
0/1
H : +85℃ 30min
2
Temperature Cycle
5 min
50 CYCLE
76 PCS
0/1
L : -55℃ 30min
H : +100℃ 5min
3
Thermal Shock
10 sec
50 CYCLE
76 PCS
0/1
L : -10℃ 5min
4
High Temperature Storage
TEMP : 100℃
1000 HRS
76 PCS
0/1
5
Low Temperature Storage
TEMP : -55℃
1000 HRS
76 PCS
0/1
6
DC Operating Life
IF = 10 mA
1000 HRS
76 PCS
0/1
7
High Temperature / High
Humidity
85℃/85% RH
1000 HRS
76 PCS
0/1
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev. : 2
Page: 5 of 5
Device Number :CDDS-431-017
Prepared date:2004/06/18
Prepared by: Yanfang Gao


Similar Part No. - ELS-431GWA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELS-431SURWA EVERLIGHT-ELS-431SURWA Datasheet
149Kb / 5P
   0.39inch Single Digit Displays
ELS-431SURWA/S530-A3 EVERLIGHT-ELS-431SURWA/S530-A3 Datasheet
149Kb / 5P
   0.39inch Single Digit Displays
ELS-431USOWA EVERLIGHT-ELS-431USOWA Datasheet
120Kb / 6P
   0.39 Single Digit Displays
ELS-431USOWA/S530-A3 EVERLIGHT-ELS-431USOWA/S530-A3 Datasheet
120Kb / 6P
   0.39 Single Digit Displays
More results

Similar Description - ELS-431GWA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELS-432SURWA EVERLIGHT-ELS-432SURWA Datasheet
125Kb / 7P
   0.39 Single Digit Displays
ELS-432SYGWA EVERLIGHT-ELS-432SYGWA Datasheet
115Kb / 6P
   0.39 Single Digit Displays
ELS-431USOWA EVERLIGHT-ELS-431USOWA Datasheet
120Kb / 6P
   0.39 Single Digit Displays
ELS-432USOWA EVERLIGHT-ELS-432USOWA Datasheet
116Kb / 6P
   0.39 Single Digit Displays
ELSD-405SYGWA EVERLIGHT-ELSD-405SYGWA Datasheet
188Kb / 8P
   0.39 Single Digit SMD Displays
ELSS-406SYGWA EVERLIGHT-ELSS-406SYGWA Datasheet
168Kb / 8P
   0.39 Single Digit SMD Displays
ELSS-405SYGWA EVERLIGHT-ELSS-405SYGWA Datasheet
172Kb / 8P
   0.39 Single Digit SMD Displays
logo
Micro Electronics
MS144A MICRO-ELECTRONICS-MS144A Datasheet
61Kb / 2P
   0.39 SINGLE DIGIT NUMERIC DISPLAYS
MS139A MICRO-ELECTRONICS-MS139A Datasheet
63Kb / 2P
   0.39 SINGLE DIGIT NUMERIC DISPLAYS
logo
Everlight Electronics C...
ELS-432GWA EVERLIGHT-ELS-432GWA Datasheet
145Kb / 5P
   Technical Data Sheet 0.39 Single Digit Displays
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com