Electronic Components Datasheet Search |
|
FM430 Datasheet(PDF) 2 Page - Rectron Semiconductor |
|
FM430 Datasheet(HTML) 2 Page - Rectron Semiconductor |
2 / 3 page RATING AND CHARACTERISTIC CURVES ( FM420 THRU FM440 ) FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE LEAD TEMPERATURE, ( ) 6.0 5.0 4.0 3.0 2.0 1.0 0 0 25 50 75 100 125 150 Single Phase Half Wave 60Hz Resistive of Inductive LoadP.C.B Mounted on 0.4X0.4"(10X10mm) copper pad areas FIG. 5 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT NUMBER OF CYCLE AT 60Hz 1 2 5 10 20 50 100 120 105 90 75 60 45 30 15 TL = 75 8.3ms Single Half Sine-Wave (JEDEC Method) FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS INSTANTANEOUS FORWARD VOLTAGE, (V) TJ = 25 Pulse Width = 300uS 1% Duty Cycle 20 10 1.0 .1 .2 .3 .4 .5 .6 .7 .8 .9 FIG. 4 - TYPICAL JUNCTION CAPACITANCE REVERSE VOLTAGE, (V) 500 200 100 50 20 10 5 .1 .2 .5 1 2 5 10 20 40 TJ = 25 FIG. 2 - TYPICAL REVERSE CHARACTERISTICS PERCENT OF RATED PEAK REVERSE VOLTAGE, (%) 0 20 40 60 80 100 120 140 .001 .01 .1 1.0 10 TJ = 125 TJ = 25 TJ = 75 P.C.B Mounted on 0.4X0.4"(10X10mm) copper pad areas |
Similar Part No. - FM430 |
|
Similar Description - FM430 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |