Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

HMN1288D Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part No. HMN1288D
Description  Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HMN1288D Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  HMN1288D Datasheet HTML 1Page - List of Unclassifed Manufacturers HMN1288D Datasheet HTML 2Page - List of Unclassifed Manufacturers HMN1288D Datasheet HTML 3Page - List of Unclassifed Manufacturers HMN1288D Datasheet HTML 4Page - List of Unclassifed Manufacturers HMN1288D Datasheet HTML 5Page - List of Unclassifed Manufacturers HMN1288D Datasheet HTML 6Page - List of Unclassifed Manufacturers HMN1288D Datasheet HTML 7Page - List of Unclassifed Manufacturers HMN1288D Datasheet HTML 8Page - List of Unclassifed Manufacturers HMN1288D Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
HANBit
HMN1288D
URL : www.hbe.co.kr
4
HANBit Electronics Co.,Ltd
Rev. 1.0 (June, 2002)
DC ELECTRICAL CHARACTERISTICS (TA= TOPR, VCCmin £ VCC ≤ VCCmax )
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP.
MAX
UNIT
Input Leakage Current
VIN=VSS to VCC
ILI
-
-
±
1
mA
Output Leakage Current
/CE=VIH or /OE=VIH
or /WE=VIL
ILO
-
-
±
1
mA
Output high voltage
IOH=-1.0mA
VOH
2.4
-
-
V
Output low voltage
IOL= 2.1mA
VOL
-
-
0.4
V
Standby supply current
/CE=VIH
ISB
-
4
3
Standby supply current
/CE≥ VCC-0.2V,
0V≤ VIN≤ 0.2V,
or VIN≥ VCC-0.2V
ISB1
-
2.5
100
mA
Operating supply current
Min.cycle,duty=100%,
/CE=VIL, II/O=0㎃ ,
ICC
-
75
15
Power-fail-detect voltage
VPFD
4.30
4.37
4.50
V
Supply switch-over voltage
VSO
-
3
-
V
NOTE: Typical values indicate operation at TA = 25℃ .
CAPACITANCE (TA=25℃ , f=1MHz, VCC=5.0V)
DESCRIPTION
CONDITIONS
SYMBOL
MAX
MIN
UNIT
Input Capacitance
Input voltage = 0V
CIN
10
-
pF
Input/Output Capacitance
Output voltage = 0V
CI/O
10
-
pF
CHARACTERISTICS (Test Conditions)
PARAMETER
VALUE
Input pulse levels
0 to 3V
Input rise and fall times
5 ns
Input and output timing
reference levels
1.5V
( unless otherwise specified)
Output load
(including scope and jig)
See Figures 1and 2
1.9KΩ
5㎊
DOUT
DOUT
+5V
+5V
1KΩ
1KΩ
1.9KΩ
100㎊
Figure 1.
Output Load A
Figure 2.
Output Load B


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn