Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE6032 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE6032
Description  Silicon Power Rectifier Diode, 40 Amp
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE6032 Datasheet(HTML) 2 Page - NTE Electronics

  NTE6032 Datasheet HTML 1Page - NTE Electronics NTE6032 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Specifications:
Parameter
Symbol
Test Conditions
Rating
Unit
Maximum Average Forward Current
IF (AV)
180
° sinusoidal condition, TC = +75°C Max
40
A
Maximum Peak One–Cycle
IFSM
t = 10ms
Half sinewave current, rated VRRM
°
400
A
Non–Repetitive Surge Current
t = 8.3ms
reapplied, initial TJ = +125°C
420
A
t = 10ms
Half sinewave current, no voltage
°
475
A
t = 8.3ms
reapplied, initial TJ = +125°C
500
A
Maximum I2t for Fusing
I2t
t = 10ms
Rated VRRM reapplied, initial
°
800
A2s
t = 8.3ms
TJ = +125°C
730
A2s
Maximum I2t for Individual Device
t = 10ms
No voltage reapplied, initial
°
1150
A2s
Fusing
t = 8.3ms
TJ = +125°C
1050
A2s
Maximum I2
pt
I2
pt
t = 0.1 to 10ms, no voltage reapplied, Note 1
11500
A2
pt
Maximum Peak Forward Voltage
VFM
TJ = +25°C, IFM = 125A
1.95
V
Maximum Reverse Recovery Time
trr
TJ = +25°C, IF = 1A to VR = 30V, –dIF/dt = 100A/µs
350
ns
TJ = +25°C, IF = 125A, –dIF/dt = 25A/µs
1000
ns
Maximum Reverse Recovery Charge
QRR
TJ = +25°C, IF = 1A to VR = 30V, –dIF/dt = 100A/µs
3100
nC
TJ = +25°C, IF = 125A, –dIF/dt = 25A/µs
6000
nC
Note 1. I2t for time tx = I2pt • ptx.
1/4–28 UNF–2A
.450 (11.4) Max
.140 (3.65) Dia Max
.667 (16.9) Dia Max
.375 (9.55) Max
.687
(17.4)
Max
1.289
(32.7)
Max
.450
(11.4)
Max
.453
(11.5)
Max


Similar Part No. - NTE6032

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE6036 NTE-NTE6036 Datasheet
23Kb / 2P
   Silicon Power Rectifier Diode, 85 Amp
NTE6037 NTE-NTE6037 Datasheet
23Kb / 2P
   Silicon Power Rectifier Diode, 85 Amp
More results

Similar Description - NTE6032

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5906 NTE-NTE5906 Datasheet
26Kb / 3P
   Silicon Power Rectifier Diode, 40 Amp
NTE5995 NTE-NTE5995 Datasheet
34Kb / 3P
   NTE5906, NTE5907, NTE5980 thru NTE6005 Silicon Power Rectifier Diode, 40 Amp
NTE5850 NTE-NTE5850 Datasheet
24Kb / 2P
   Silicon Power Rectifier Diode, 6 Amp
NTE5962 NTE-NTE5962 Datasheet
19Kb / 2P
   Silicon Power Rectifier Diode, 25 Amp
NTE6036 NTE-NTE6036 Datasheet
23Kb / 2P
   Silicon Power Rectifier Diode, 85 Amp
NTE6128 NTE-NTE6128 Datasheet
18Kb / 2P
   Silicon Power Rectifier Diode, 430 Amp
NTE5844 NTE-NTE5844 Datasheet
24Kb / 2P
   Silicon Power Rectifier Diode, 20 Amp
NTE5940 NTE-NTE5940 Datasheet
24Kb / 3P
   Silicon Power Rectifier Diode, 15 Amp
NTE6129 NTE-NTE6129 Datasheet
21Kb / 2P
   Silicon Power Rectifier Diode, 700 Amp
NTE5826 NTE-NTE5826 Datasheet
18Kb / 2P
   Silicon Power Rectifier Diode, 50 Amp
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com