Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV20420 Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV20420
Description  Low Charge Injection 8-Channel High Voltage Analog Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV20420 Datasheet(HTML) 3 Page - Supertex, Inc

  HV20420 Datasheet HTML 1Page - Supertex, Inc HV20420 Datasheet HTML 2Page - Supertex, Inc HV20420 Datasheet HTML 3Page - Supertex, Inc HV20420 Datasheet HTML 4Page - Supertex, Inc HV20420 Datasheet HTML 5Page - Supertex, Inc HV20420 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
13-34
HV20420/HV20620
Time to Turn Off VSIG*tSIG(OFF)
0ns
Set Up Time Before LE Rises
tSD
150
150
150
ns
Time Width of LE
tWLE
150
150
150
ns
Clock Delay Time to Data Out
tDO
175
175
190
ns
Time Width of CL
tWCL
150
150
150
ns
Set Up Time Data to Clock
tSU
15
15
8.0
20
ns
Hold Time Data from Clock
tH
35
35
35
ns
Clock Freq
fCLK
5.0
5.0
5.0
MHz
50% duty cycle
fDATA = fCLK/2
Turn On Time
tON
5.0
5.0
5.0
µsV
SIG = VPP - 10V
Turn Off Time
tOFF
5.0
5.0
5.0
µsV
SIG = VPP - 10V
13
VPP = +50V
Maximum V
SIG Slew Rate
dv/dt
V
NN = -150V
13
V/ns
V
PP = +100V
V
NN = -100V
-30
-30
-33
-30
dB
f = 5.0 MHz,
Off Isolation
KO
1K
Ω//15pF load
-45
-45
-60
-45
dB
f = 5MHz,
50
Ω load
Switch Crosstalk
KCR
-60
-60
-70
-60
dB
f = 5MHz,
50
Ω load
Output Switch Isolation
I
ID
300
300
300
mA
300ns pulse width,
Diode Current
2.0% duty cycle
Off Capacitance SW to GND
C
SG(OFF)
5.0
17
5.0
12
17
5.0
17
pF
0V, 1MHz
On Capacitance SW to GND
C
SG(ON)
25
50
25
38
50
25
50
pF
0V, 1MHz
Output Voltage Spike
+V
SPK
150
V
PP = +100V
mV
VNN = -100V
-VSPK
150
RL = 50Ω
0
°C
+25
°C
+70
°C
Characteristics
Sym
min
max
min
typ
max
min
max
Units
Test Condition
*Time required for analog signal to turn off before output switch turns off.
Operating Conditions*
Symbol
Parameter
Value
VDD
Logic power supply voltage1,3
10.0V to 15.5 V
VPP
Positive high voltage supply1,3
50V to VNN+ 200V
VNN
Negative high voltage supply1,3
-100V to -150V
VIH
High-level input voltage
VDD -2V to VDD
VIL
Low-level input voltage
0V to 2.0V
VSIG
Analog signal voltage peak to peak2
VNN +10V to VPP -10V
TA
Operating free air-temperature
0
°C to 70°C
Notes:
1 Power up/down sequence is arbitrary except GND must be powered-up first and powered-down last.
2V
SIG must be VNN ≤ VSIG ≤ VPP or floating during power up/down transistion.
3 Rise and fall times of power supplies V
DD, VPP, and VNN should not be less than 1.0msec.
Electrical Characteristics
AC Characteristics (over operating conditions V
DD = 15V, unless otherwise noted)


Similar Part No. - HV20420

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
HV20-HV36 KEMET-HV20-HV36 Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
logo
ECM Electronics Limited...
HV200 ECM-HV200 Datasheet
124Kb / 1P
   High Voltage Coils
logo
GETAI ELECTRONICS DEVIC...
HV200F04 GETEDZ-HV200F04 Datasheet
66Kb / 1P
   High speed switching
HV200F04 GETEDZ-HV200F04 Datasheet
515Kb / 2P
   High Voltage Silicon Rectifier Diode
HV200F042CL2FD GETEDZ-HV200F042CL2FD Datasheet
66Kb / 1P
   4.0kV 200mA HIGH VOLTAGE DIODE
More results

Similar Description - HV20420

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC7220 IXYS-CPC7220_12 Datasheet
1Mb / 14P
   Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20220 SUTEX-HV20220 Datasheet
357Kb / 12P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV2203 SUTEX-HV2203 Datasheet
841Kb / 9P
   Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Clare, Inc.
CPC7220 CLARE-CPC7220 Datasheet
218Kb / 11P
   Low Charge Injection 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20320 SUTEX-HV20320_13 Datasheet
687Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switch
logo
IXYS Corporation
CPC7220 IXYS-CPC7220 Datasheet
260Kb / 11P
   Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV219 SUTEX-HV219_07 Datasheet
797Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV21716 SUTEX-HV21716 Datasheet
94Kb / 10P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV219 SUTEX-HV219 Datasheet
572Kb / 8P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV219 SUTEX-HV219_13 Datasheet
848Kb / 9P
   200V Low Charge Injection 8-Channel High Voltage Analog Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com