Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC42S16400A-6TI Datasheet(PDF) 7 Page - Integrated Circuit Solution Inc

Part # IC42S16400A-6TI
Description  1M x 16Bit x 4 Banks (64-MBIT) SDRAM
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC42S16400A-6TI Datasheet(HTML) 7 Page - Integrated Circuit Solution Inc

Back Button IC42S16400A-6TI Datasheet HTML 3Page - Integrated Circuit Solution Inc IC42S16400A-6TI Datasheet HTML 4Page - Integrated Circuit Solution Inc IC42S16400A-6TI Datasheet HTML 5Page - Integrated Circuit Solution Inc IC42S16400A-6TI Datasheet HTML 6Page - Integrated Circuit Solution Inc IC42S16400A-6TI Datasheet HTML 7Page - Integrated Circuit Solution Inc IC42S16400A-6TI Datasheet HTML 8Page - Integrated Circuit Solution Inc IC42S16400A-6TI Datasheet HTML 9Page - Integrated Circuit Solution Inc IC42S16400A-6TI Datasheet HTML 10Page - Integrated Circuit Solution Inc IC42S16400A-6TI Datasheet HTML 11Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 67 page
background image
IC42S16400A
Integrated Circuit Solution Inc.
7
DR039-0A 02/19/2004
AC TEST CONDITIONS
(At TA = 0 ~ 70°C, VDD = VDDQ = 3.3 ± 0.3V, VSS = VSSQ = 0V , unless otherwise noted)
Parameter
Rating
Unit
AC input Levels (VIH /VIL )
2.0 / 0.8
V
Input timing reference level /Output timing reference level
1.4
V
Input rise and fall time
1
ns
Output load condition
50
pF
VDDQ
VDDQ
VOUT
Device
Under
Test
50PF
Z = 50
Output Load Conditions


Similar Part No. - IC42S16400A-6TI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC42S16400 ICSI-IC42S16400 Datasheet
1Mb / 68P
   1M x 16Bit x 4 Banks (64-MBIT) SDRAM
IC42S16400-6BG ICSI-IC42S16400-6BG Datasheet
1Mb / 68P
   1M x 16Bit x 4 Banks (64-MBIT) SDRAM
IC42S16400-6BIG ICSI-IC42S16400-6BIG Datasheet
1Mb / 68P
   1M x 16Bit x 4 Banks (64-MBIT) SDRAM
IC42S16400-6T ICSI-IC42S16400-6T Datasheet
1Mb / 68P
   1M x 16Bit x 4 Banks (64-MBIT) SDRAM
IC42S16400-6TG ICSI-IC42S16400-6TG Datasheet
1Mb / 68P
   1M x 16Bit x 4 Banks (64-MBIT) SDRAM
More results

Similar Description - IC42S16400A-6TI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC42S16400 ICSI-IC42S16400 Datasheet
1Mb / 68P
   1M x 16Bit x 4 Banks (64-MBIT) SDRAM
IC42S16160 ICSI-IC42S16160 Datasheet
1Mb / 69P
   4M x 16Bit x 4 Banks (256-MBIT) SDRAM
logo
Samsung semiconductor
K4S641633H-RE SAMSUNG-K4S641633H-RE Datasheet
112Kb / 12P
   1M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4S64163LH SAMSUNG-K4S64163LH Datasheet
112Kb / 12P
   1M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M64163PK SAMSUNG-K4M64163PK Datasheet
115Kb / 12P
   1M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M64163PH SAMSUNG-K4M64163PH Datasheet
115Kb / 12P
   1M x 16Bit x 4 Banks Mobile SDRAM in 54CSP
K4S641632F SAMSUNG-K4S641632F Datasheet
133Kb / 11P
   64Mbit SDRAM 1M x 16Bit x 4 Banks Synchronous DRAM LVTTL
logo
Winbond
W982516AH WINBOND-W982516AH Datasheet
1Mb / 41P
   4M x 4 BANKS x 16BIT SDRAM
logo
Samsung semiconductor
K4S641632D SAMSUNG-K4S641632D Datasheet
115Kb / 11P
   64Mbit SDRAM 1M x 16Bit x 4 Banks Synchronous DRAM LVTTL
logo
Integrated Circuit Solu...
IC42S32400 ICSI-IC42S32400 Datasheet
899Kb / 62P
   1M x 32 Bit x 4 Banks (128-MBIT) SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com