Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC42S16400A-6BIG Datasheet(PDF) 6 Page - Integrated Circuit Solution Inc

Part # IC42S16400A-6BIG
Description  1M x 16Bit x 4 Banks (64-MBIT) SDRAM
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC42S16400A-6BIG Datasheet(HTML) 6 Page - Integrated Circuit Solution Inc

Back Button IC42S16400A-6BIG Datasheet HTML 2Page - Integrated Circuit Solution Inc IC42S16400A-6BIG Datasheet HTML 3Page - Integrated Circuit Solution Inc IC42S16400A-6BIG Datasheet HTML 4Page - Integrated Circuit Solution Inc IC42S16400A-6BIG Datasheet HTML 5Page - Integrated Circuit Solution Inc IC42S16400A-6BIG Datasheet HTML 6Page - Integrated Circuit Solution Inc IC42S16400A-6BIG Datasheet HTML 7Page - Integrated Circuit Solution Inc IC42S16400A-6BIG Datasheet HTML 8Page - Integrated Circuit Solution Inc IC42S16400A-6BIG Datasheet HTML 9Page - Integrated Circuit Solution Inc IC42S16400A-6BIG Datasheet HTML 10Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 67 page
background image
IC42S16400A
6
Integrated Circuit Solution Inc.
DR039-0A 02/19/2004
DC ELECTRICAL CHARACTERISTICS
(At TA = 0 ~ 70°C, VDD = VDDQ = 3.3 ± 0.3V, VSS = VSSQ = 0V , unless otherwise noted)
Symbol Parameter
Test Condition
Speed
Min.
Max.
Unit
ICC1(1)
Operating Current
One Bank active,
CAS latency = 3 -6(42S16400A) —
95
mA
Burst Length=1
-7(42S16400A) —
85
mA
tRC = tRC (min.)
tCLK = tCLK (min.)
ICC2P
Precharge Standby Current
CKE < VIL (MAX)tCK = 15 ns
-6
2
mA
(In Power-Down Mode)
-7
2
mA
ICC2PS
CKE < VIL (MAX)
CLK < VIL (MAX)-6
1
mA
-7
1
mA
ICC2N(2) Precharge Standby Current
CS > VCC -0.2V
tCK = 15 ns
-6
20
mA
(In Non Power-Down Mode)
CKE > VIH (MIN)-7
20
mA
ICC2NS
CS > VCC -0.2V
CKE < VIL (MAX)-6
15
mA
CKE > VIH (MIN) All input signals are stable. -7
15
mA
ICC3P
Active Standby Current
CKE < VIL (MAX)tCK = 10 ns
-6
7
mA
(In Power-Down Mode)
-7
7
mA
ICC3PS
CKE < VIL (MAX)
CLK < VIL (MAX)-6
5
mA
-7
5
mA
ICC3N(2) Active Standby Current
CS > VCC -0.2V
tCK = 15 ns
-6
30
mA
(In Non Power-Down Mode)
CKE > VIH (MIN)-7
30
mA
ICC3NS
CS > VCC -0.2V
CKE < VIL (MAX)-6
25
mA
CKE > VIH (MIN) All input signals are stable. -7
25
mA
ICC4
Operating Current
All Banks active
CAS latency = 3 -6(42S16400A) —
130
mA
(In Burst Mode)
Burst Length=1
-7(42S16400A) —
100
mA
tCK = tCK (MIN)
ICC5
Auto-Refresh Current
tRC = tRC (MIN)
-6
150
mA
tCLK = tCLK (MIN)
-7
130
mA
ICC6(3, 4)
Self-Refresh Current
CKE < 0.2V
-6
1
mA
-7
1
mA
IIL
Input Leakage Current
0V < VIN < VDD (MAX)–5
5
µA
(Inputs)
Pins not under test = 0V
IOL
Output Leakage Current
Output is disabled DQ# in H - Z.,
–5
5
µA
(I/O pins)
0V < VOUT < VDD (MAX)
VOH
High Level Output Voltage
IOUT = –2 mA
2.4
V
VOL
Low Level Output Voltage
IOUT = +2 mA
0.4
V
Notes:
1. ICC(max) is specified at the output open condition.
2. Input signals are changed one time during 30ns.


Similar Part No. - IC42S16400A-6BIG

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC42S16400 ICSI-IC42S16400 Datasheet
1Mb / 68P
   1M x 16Bit x 4 Banks (64-MBIT) SDRAM
IC42S16400-6BG ICSI-IC42S16400-6BG Datasheet
1Mb / 68P
   1M x 16Bit x 4 Banks (64-MBIT) SDRAM
IC42S16400-6BIG ICSI-IC42S16400-6BIG Datasheet
1Mb / 68P
   1M x 16Bit x 4 Banks (64-MBIT) SDRAM
IC42S16400-6T ICSI-IC42S16400-6T Datasheet
1Mb / 68P
   1M x 16Bit x 4 Banks (64-MBIT) SDRAM
IC42S16400-6TG ICSI-IC42S16400-6TG Datasheet
1Mb / 68P
   1M x 16Bit x 4 Banks (64-MBIT) SDRAM
More results

Similar Description - IC42S16400A-6BIG

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC42S16400 ICSI-IC42S16400 Datasheet
1Mb / 68P
   1M x 16Bit x 4 Banks (64-MBIT) SDRAM
IC42S16160 ICSI-IC42S16160 Datasheet
1Mb / 69P
   4M x 16Bit x 4 Banks (256-MBIT) SDRAM
logo
Samsung semiconductor
K4S641633H-RE SAMSUNG-K4S641633H-RE Datasheet
112Kb / 12P
   1M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4S64163LH SAMSUNG-K4S64163LH Datasheet
112Kb / 12P
   1M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M64163PK SAMSUNG-K4M64163PK Datasheet
115Kb / 12P
   1M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M64163PH SAMSUNG-K4M64163PH Datasheet
115Kb / 12P
   1M x 16Bit x 4 Banks Mobile SDRAM in 54CSP
K4S641632F SAMSUNG-K4S641632F Datasheet
133Kb / 11P
   64Mbit SDRAM 1M x 16Bit x 4 Banks Synchronous DRAM LVTTL
logo
Winbond
W982516AH WINBOND-W982516AH Datasheet
1Mb / 41P
   4M x 4 BANKS x 16BIT SDRAM
logo
Samsung semiconductor
K4S641632D SAMSUNG-K4S641632D Datasheet
115Kb / 11P
   64Mbit SDRAM 1M x 16Bit x 4 Banks Synchronous DRAM LVTTL
logo
Integrated Circuit Solu...
IC42S32400 ICSI-IC42S32400 Datasheet
899Kb / 62P
   1M x 32 Bit x 4 Banks (128-MBIT) SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com