Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC42S16400A-7TI Datasheet(PDF) 5 Page - Integrated Circuit Solution Inc

Part # IC42S16400A-7TI
Description  1M x 16Bit x 4 Banks (64-MBIT) SDRAM
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC42S16400A-7TI Datasheet(HTML) 5 Page - Integrated Circuit Solution Inc

  IC42S16400A-7TI Datasheet HTML 1Page - Integrated Circuit Solution Inc IC42S16400A-7TI Datasheet HTML 2Page - Integrated Circuit Solution Inc IC42S16400A-7TI Datasheet HTML 3Page - Integrated Circuit Solution Inc IC42S16400A-7TI Datasheet HTML 4Page - Integrated Circuit Solution Inc IC42S16400A-7TI Datasheet HTML 5Page - Integrated Circuit Solution Inc IC42S16400A-7TI Datasheet HTML 6Page - Integrated Circuit Solution Inc IC42S16400A-7TI Datasheet HTML 7Page - Integrated Circuit Solution Inc IC42S16400A-7TI Datasheet HTML 8Page - Integrated Circuit Solution Inc IC42S16400A-7TI Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 67 page
background image
IC42S16400A
Integrated Circuit Solution Inc.
5
DR039-0A 02/19/2004
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameters
Rating
Unit
VDD
Supply Voltage (with respect to VSS)
–0.5 to +4.6
V
VDDQ
Supply Voltage for Output (with respect to VSSQ)
–0.5 to +4.6
V
VI
Input Voltage (with respect to VSS)
–0.5 to VDD+0.5
V
VO
Output Voltage (with respect to VSSQ)
–1.0 to VDDQ+0.5
V
IO
Short circuit output current
50
mA
PD
Power Dissipation (TA = 25 °C)
1W
TOPT
Operating Temperature
0 to +70
°C
TSTG
Storage Temperature
–65 to +150
°C
Notes:
1. Exposing the device to stress above those listed in Absolute Maximum Ratings could cause permanent
damage. The device is not meant to be operated under conditions outside the limits described in the
operational section of this specification. Exposure to Absolute Maximum Rating conditions for extended
periods may affect device reliability.
DC RECOMMENDED OPERATING CONDITIONS
(At TA = 0 to +70°C unless otherwise noted)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
3.0
3.3
3.6
V
VDDQ
Supply Voltage for DQ
3.0
3.3
3.6
V
VIH
High Level Input Voltage (all Inputs)
2.0
VDD + 0.3
V
VIL
Low Level Input Voltage (all Inputs)
-0.3
+0.8
V
CAPACITANCE CHARACTERISTICS
(At TA = 0 ~ 70°C, VDD = VDDQ = 3.3 ± 0.3V, VSS = VSSQ = 0V , unless otherwise noted)
Symbol
Parameter
Min.
Max.
Unit
CIN
Input Capacitance, address & control pin
2.5
3.8
pF
CCLK
Input Capacitance, CLK pin
2.5
3.5
pF
CI/O
Data Input/Output Capacitance
4.0
6.5
pF


Similar Part No. - IC42S16400A-7TI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC42S16400 ICSI-IC42S16400 Datasheet
1Mb / 68P
   1M x 16Bit x 4 Banks (64-MBIT) SDRAM
IC42S16400-6BG ICSI-IC42S16400-6BG Datasheet
1Mb / 68P
   1M x 16Bit x 4 Banks (64-MBIT) SDRAM
IC42S16400-6BIG ICSI-IC42S16400-6BIG Datasheet
1Mb / 68P
   1M x 16Bit x 4 Banks (64-MBIT) SDRAM
IC42S16400-6T ICSI-IC42S16400-6T Datasheet
1Mb / 68P
   1M x 16Bit x 4 Banks (64-MBIT) SDRAM
IC42S16400-6TG ICSI-IC42S16400-6TG Datasheet
1Mb / 68P
   1M x 16Bit x 4 Banks (64-MBIT) SDRAM
More results

Similar Description - IC42S16400A-7TI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC42S16400 ICSI-IC42S16400 Datasheet
1Mb / 68P
   1M x 16Bit x 4 Banks (64-MBIT) SDRAM
IC42S16160 ICSI-IC42S16160 Datasheet
1Mb / 69P
   4M x 16Bit x 4 Banks (256-MBIT) SDRAM
logo
Samsung semiconductor
K4S641633H-RE SAMSUNG-K4S641633H-RE Datasheet
112Kb / 12P
   1M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4S64163LH SAMSUNG-K4S64163LH Datasheet
112Kb / 12P
   1M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M64163PK SAMSUNG-K4M64163PK Datasheet
115Kb / 12P
   1M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M64163PH SAMSUNG-K4M64163PH Datasheet
115Kb / 12P
   1M x 16Bit x 4 Banks Mobile SDRAM in 54CSP
K4S641632F SAMSUNG-K4S641632F Datasheet
133Kb / 11P
   64Mbit SDRAM 1M x 16Bit x 4 Banks Synchronous DRAM LVTTL
logo
Winbond
W982516AH WINBOND-W982516AH Datasheet
1Mb / 41P
   4M x 4 BANKS x 16BIT SDRAM
logo
Samsung semiconductor
K4S641632D SAMSUNG-K4S641632D Datasheet
115Kb / 11P
   64Mbit SDRAM 1M x 16Bit x 4 Banks Synchronous DRAM LVTTL
logo
Integrated Circuit Solu...
IC42S32400 ICSI-IC42S32400 Datasheet
899Kb / 62P
   1M x 32 Bit x 4 Banks (128-MBIT) SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com