Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8499IRZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL8499IRZ
Description  Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8499IRZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL8499IRZ Datasheet HTML 5Page - Intersil Corporation ISL8499IRZ Datasheet HTML 6Page - Intersil Corporation ISL8499IRZ Datasheet HTML 7Page - Intersil Corporation ISL8499IRZ Datasheet HTML 8Page - Intersil Corporation ISL8499IRZ Datasheet HTML 9Page - Intersil Corporation ISL8499IRZ Datasheet HTML 10Page - Intersil Corporation ISL8499IRZ Datasheet HTML 11Page - Intersil Corporation ISL8499IRZ Datasheet HTML 12Page - Intersil Corporation ISL8499IRZ Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
FN6111.0
January 27, 2005
FIGURE 13. CHARGE INJECTION vs SWITCH VOLTAGE
FIGURE 14. DIGITAL SWITCHING POINT vs SUPPLY VOLTAGE
FIGURE 15. TURN - ON TIME vs SUPPLY VOLTAGE
FIGURE 16. TURN - OFF TIME vs SUPPLY VOLTAGE
FIGURE 17. FREQUENCY RESPONSE
FIGURE 18. CROSSTALK AND OFF ISOLATION
Typical Performance Curves TA = 25°C, Unless Otherwise Specified (Continued)
00.511.522.5
3
VCOM (V)
-150
-100
-50
0
50
V+ = 1.8V
V+ = 3V
V+ (V)
1.522.5
3
3.544.5
VINH
VINL
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
V+ (V)
1
1.5
2
2.5
33.5
44.5
0
50
100
150
200
85
°C
-40
°C
25
°C
V+ (V)
1
1.5
2
2.5
3
3.5
4
4.5
0
50
100
150
200
85
°C
-40
°C
25
°C
FREQUENCY (MHz)
0
-20
GAIN
PHASE
V+ = 3V
0
20
40
60
80
100
1
10
100
600
VIN = 0.2VP-P to 2VP-P
RL = 50Ω
FREQUENCY (Hz)
1k
100k
1M
100M 500M
10k
10M
-110
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
110
10
20
30
40
50
60
70
80
90
100
ISOLATION
CROSSTALK
V+ = 3V
ISL8499


Similar Part No. - ISL8499IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8499IRZ INTERSIL-ISL8499IRZ Datasheet
329Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL8499IRZ INTERSIL-ISL8499IRZ Datasheet
452Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL8499IRZ INTERSIL-ISL8499IRZ Datasheet
454Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
February 5, 2008
logo
Renesas Technology Corp
ISL8499IRZ RENESAS-ISL8499IRZ Datasheet
774Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Intersil Corporation
ISL8499IRZ-T INTERSIL-ISL8499IRZ-T Datasheet
329Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
More results

Similar Description - ISL8499IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8499IR INTERSIL-ISL8499IR Datasheet
454Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
February 5, 2008
ISL84467IRTZ INTERSIL-ISL84467IRTZ Datasheet
345Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V,Single Supply, Quad SPDT (Dual DPDT) Analog Switch
July 23, 2008
ISL54056 INTERSIL-ISL54056_07 Datasheet
281Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL8499 INTERSIL-ISL8499_06 Datasheet
329Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL84467 INTERSIL-ISL84467 Datasheet
289Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL8499 INTERSIL-ISL8499_08 Datasheet
452Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Renesas Technology Corp
ISL54056 RENESAS-ISL54056 Datasheet
606Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Intersil Corporation
ISL54056 INTERSIL-ISL54056 Datasheet
280Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Renesas Technology Corp
ISL8499 RENESAS-ISL8499 Datasheet
774Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL84467 RENESAS-ISL84467 Datasheet
679Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com