Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K6R4008V1B-C10 Datasheet(PDF) 8 Page - Samsung semiconductor

Part # K6R4008V1B-C10
Description  CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6R4008V1B-C10 Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button K6R4008V1B-C10 Datasheet HTML 2Page - Samsung semiconductor K6R4008V1B-C10 Datasheet HTML 3Page - Samsung semiconductor K6R4008V1B-C10 Datasheet HTML 4Page - Samsung semiconductor K6R4008V1B-C10 Datasheet HTML 5Page - Samsung semiconductor K6R4008V1B-C10 Datasheet HTML 6Page - Samsung semiconductor K6R4008V1B-C10 Datasheet HTML 7Page - Samsung semiconductor K6R4008V1B-C10 Datasheet HTML 8Page - Samsung semiconductor K6R4008V1B-C10 Datasheet HTML 9Page - Samsung semiconductor K6R4008V1B-C10 Datasheet HTML 10Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
K6R4008V1B-C/B-L, K6R4008V1B-I/B-P
CMOS SRAM
PRELIMINARY
Rev 2.2
- 8 -
May 1999
NOTES(WRITE CYCLE)
1. All write cycle timing is referenced from the last valid address to the first transition address.
2. A write occurs during the overlap of a low CS and WE. A write begins at the latest transition CS going low and WE going low ;
A write ends at the earliest transition CS going high or WE going high. tWP is measured from the beginning of write to the end of
write.
3. tCW is measured from the later of CS going low to end of write.
4. tAS is measured from the address valid to the beginning of write.
5. tWR is measured from the end of write to the address change. tWR applied in case a write ends as CS or WE going high.
6. If OE, CS and WE are in the Read Mode during this period, the I/O pins are in the output low-Z state. Inputs of opposite phase
of the output must not be applied because bus contention can occur.
7. For common I/O applications, minimization or elimination of bus contention conditions is necessary during read and write cycle.
8. If CS goes low simultaneously with WE going or after WE going low, the outputs remain high impedance state.
9. Dout is the read data of the new address.
10. When CS is low : I/O pins are in the output state. The input signals in the opposite phase leading to the output should not be
applied.
FUNCTIONAL DESCRIPTION
* X means Don
t Care.
CS
WE
OE
Mode
I/O Pin
Supply Current
H
X
X*
Not Select
High-Z
ISB, ISB1
L
H
H
Output Disable
High-Z
ICC
L
H
L
Read
DOUT
ICC
L
L
X
Write
DIN
ICC
DATA RETENTION CHARACTERISTICS*(TA=0 to 70
°C)
* The above parameters are also guaranteed at industrial temperature range.
Data Retention Characteristic is for L-ver only.
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
VCC for Data Retention
VDR
CS
≥ VCC - 0.2V
2.0
-
3.6
V
Data Retention Current
IDR
VCC=3.0V, CS
≥VCC - 0.2V
VIN
≥VCC - 0.2V or VIN≤ 0.2V
-
-
1.0
mA
VCC = 2.0V, CS
≥VCC - 0.2V
VIN
≥VCC - 0.2V or VIN≤0.2V
-
-
0.7
mA
Data Retention Set-Up Time
tSDR
See Data Retention
Wave form(below)
0
-
-
ns
Recovery Time
tRDR
5
-
-
ms
DATA RETENTION WAVE FORM
VCC
3.0V
VIH
VDR
CS
GND
Data Retention Mode
CS
≥VCC - 0.2V
tSDR
tRDR
CS controlled


Similar Part No. - K6R4008V1B-C10

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R4008V1C-C SAMSUNG-K6R4008V1C-C Datasheet
139Kb / 9P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1C-C10 SAMSUNG-K6R4008V1C-C10 Datasheet
139Kb / 9P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1C-C12 SAMSUNG-K6R4008V1C-C12 Datasheet
139Kb / 9P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1C-C15 SAMSUNG-K6R4008V1C-C15 Datasheet
139Kb / 9P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1C-I SAMSUNG-K6R4008V1C-I Datasheet
139Kb / 9P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
More results

Similar Description - K6R4008V1B-C10

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6T4016C3C SAMSUNG-K6T4016C3C Datasheet
148Kb / 9P
   CMOS SRAM
KM6164002 SAMSUNG-KM6164002 Datasheet
167Kb / 9P
   CMOS SRAM
K6X8008T2B SAMSUNG-K6X8008T2B Datasheet
129Kb / 9P
   CMOS SRAM
logo
Hynix Semiconductor
HY62256A HYNIX-HY62256A Datasheet
820Kb / 9P
   32Kx8bit CMOS SRAM
HY62CT08081E HYNIX-HY62CT08081E Datasheet
186Kb / 12P
   32Kx8bit CMOS SRAM
logo
List of Unclassifed Man...
STK11C68-M ETC-STK11C68-M Datasheet
59Kb / 10P
   CMOS NV SRAM
logo
Hynix Semiconductor
HY628100A HYNIX-HY628100A Datasheet
128Kb / 9P
   128Kx8bit CMOS SRAM
HY62KT08081E HYNIX-HY62KT08081E Datasheet
192Kb / 12P
   32Kx8bit CMOS SRAM
HY62U8400A HYNIX-HY62U8400A Datasheet
180Kb / 11P
   512Kx8bit CMOS SRAM
HY62SF16406D HYNIX-HY62SF16406D Datasheet
194Kb / 11P
   256Kx16bit full CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com