Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6612CBZA Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL6612CBZA
Description  Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6612CBZA Datasheet(HTML) 2 Page - Intersil Corporation

  ISL6612CBZA Datasheet HTML 1Page - Intersil Corporation ISL6612CBZA Datasheet HTML 2Page - Intersil Corporation ISL6612CBZA Datasheet HTML 3Page - Intersil Corporation ISL6612CBZA Datasheet HTML 4Page - Intersil Corporation ISL6612CBZA Datasheet HTML 5Page - Intersil Corporation ISL6612CBZA Datasheet HTML 6Page - Intersil Corporation ISL6612CBZA Datasheet HTML 7Page - Intersil Corporation ISL6612CBZA Datasheet HTML 8Page - Intersil Corporation ISL6612CBZA Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
FN9153.5
July 25, 2005
Ordering Information
PART NUMBER
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
ISL6612CB
0 to 85
8 Ld SOIC
M8.15
ISL6612CBZ (Note)
0 to 85
8 Ld SOIC (Pb-Free)
M8.15
ISL6612CBZA (Note)
0 to 85
8 Ld SOIC (Pb-Free)
M8.15
ISL6612CR
0 to 85
10 Ld 3x3 DFN
L10.3x3
ISL6612CRZ (Note)
0 to 85
10 Ld 3x3 DFN (Pb-Free) L10.3x3
ISL6612ECB
0 to 85
8 Ld EPSOIC
M8.15B
ISL6612ECBZ (Note)
0 to 85
8 Ld EPSOIC (Pb-Free) M8.15B
ISL6612EIB
-40 to 85
8 Ld EPSOIC
M8.15B
ISL6612EIBZ (Note)
-40 to 85
8 Ld EPSOIC (Pb-Free) M8.15B
ISL6612IB
-40 to 85
8 Ld SOIC
M8.15
ISL6612IBZ (Note)
-40 to 85
8 Ld SOIC (Pb-Free)
M8.15
ISL6612IR
-40 to 85
10 Ld 3x3 DFN
L10.3x3
ISL6612IRZ (Note)
-40 to 85
10 Ld 3x3 DFN (Pb-Free) L10.3x3
ISL6613CB
0 to 85
8 Ld SOIC
M8.15
ISL6613CBZ (Note)
0 to 85
8 Ld SOIC (Pb-Free)
M8.15
ISL6613CR
0 to 85
10 Ld 3x3 DFN
L10.3x3
ISL6613CRZ (Note)
0 to 85
10 Ld 3x3 DFN (Pb-Free) L10.3x3
ISL6613ECB
0 to 85
8 Ld EPSOIC
M8.15B
ISL6613ECBZ (Note)
0 to 85
8 Ld EPSOIC (Pb-Free) M8.15B
ISL6613EIB
-40 to 85
8 Ld EPSOIC
M8.15B
ISL6613EIBZ (Note)
-40 to 85
8 Ld EPSOIC (Pb-Free) M8.15B
ISL6613IB
-40 to 85
8 Ld SOIC
M8.15
ISL6613IBZ (Note)
-40 to 85
8 Ld SOIC (Pb-Free)
M8.15
ISL6613IR
-40 to 85
10 Ld 3x3 DFN
L10.3x3
ISL6613IRZ (Note)
-40 to 85
10 Ld 3x3 DFN (Pb-Free) L10.3x3
Add “-T” suffix for tape and reel.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
Ordering Information (Continued)
PART NUMBER
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
Pinouts
ISL6612CB, ISL6613CB (SOIC)
ISL6612ECB, ISL6613ECB (EPSOIC)
TOP VIEW
ISL6612CR, ISL6613CR (10L 3x3 DFN)
TOP VIEW
UGATE
BOOT
PWM
GND
1
2
3
4
8
7
6
5
PHASE
PVCC
VCC
LGATE
GND
1
UGATE
BOOT
N/C
PWM
PHASE
PVCC
N/C
VCC
2
3
4
5
GND
10
9
8
7
6 LGATE
GND
ISL6612, ISL6613


Similar Part No. - ISL6612CBZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6612CBZA INTERSIL-ISL6612CBZA Datasheet
250Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6612CBZA RENESAS-ISL6612CBZA Datasheet
601Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Intersil Corporation
ISL6612CBZA(Note2) INTERSIL-ISL6612CBZA(Note2) Datasheet
363Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
June 15, 2010
logo
Renesas Technology Corp
ISL6612CBZA-T RENESAS-ISL6612CBZA-T Datasheet
601Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Intersil Corporation
ISL6612CBZA-T(Notes1,2) INTERSIL-ISL6612CBZA-T(Notes1,2) Datasheet
363Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
June 15, 2010
More results

Similar Description - ISL6612CBZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
PX3511A INTERSIL-PX3511A Datasheet
229Kb / 10P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6612CBZ(Note2) INTERSIL-ISL6612CBZ(Note2) Datasheet
363Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
June 15, 2010
ISL6594A INTERSIL-ISL6594A_06 Datasheet
247Kb / 10P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6594A INTERSIL-ISL6594A Datasheet
242Kb / 10P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6612 RENESAS-ISL6612 Datasheet
601Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6594A RENESAS-ISL6594A Datasheet
656Kb / 11P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Intersil Corporation
ISL6612 INTERSIL-ISL6612_07 Datasheet
250Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6594D INTERSIL-ISL6594D Datasheet
264Kb / 11P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6594D RENESAS-ISL6594D Datasheet
639Kb / 11P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Intersil Corporation
ISL6594DCBZ INTERSIL-ISL6594DCBZ Datasheet
299Kb / 11P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
December 3, 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com