Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L735-02AU Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # L735-02AU
Description  Infrared LED Lamp
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

L735-02AU Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  L735-02AU Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
epitex
Opto-Device & Custom LED
Φ5 MOLD LED LAMP L735-02AU
L735-02AU Infrared LED Lamp
L735-02AU is an AlGaAs LED mounted on a lead frame with a clear epoxy lens.
On forward bias it emits a spectral band of radiation, which peaks at 735nm.
♦Specifications
♦Outer dimension (Unit: mm)
♦Absolute Maximum Ratings
‡Pulse Forward Current condition: Duty=1% and Pulse Width=10us.
‡Soldering condition: Soldering condition must be completed within 3 seconds at 260°C
♦Electro-Optical Characteristics
‡Total Radiated Power is measured by Photodyne #500
‡Radiant Intensity is measured by Tektronix J-6512
1) Product Name
Infrared LED Lamp
2) Type No.
L735-02AU
3) Chip
(1) Chip Material
AlGaAs
(2) Peak Wavelength
735nm typ.
4) Package
(1) Type
Φ5mm clear molding
(2) Resin Material
Epoxy Resin
(3) Lead Frame
Soldered
Item
Symbol
Maximum Rated Value
Unit
Ambient Temperature
Power Dissipation
PD
200
mW
Ta=25°C
Forward Current
IF
75
mA
Ta=25°C
Pulse Forward Current
IFP
500
mA
Ta=25°C
Reverse Voltage
VR
5
V
Ta=25°C
Operating Temperature
TOPR
-30 ~ +85
°C
Storage Temperature
TSTG
-30 ~ +100
°C
Soldering Temperature
TSOL
260
°C
Item
Symbol
Condition
Minimum
Typical
Maximum
Unit
Forward Voltage
VF
IF=50mA
1.85
2.00
V
Reverse Current
IR
VR=5V
10
uA
Total Radiated Power
PO
IF=50mA
13.0
18.0
mW
Radiant Intensity
IE
IF=50mA
50
100
mW/sr
Peak Wavelength
λP
IF=50mA
720
735
750
nm
Half Width
∆λ
IF=50mA
30
nm
Viewing Half Angle
θ 1/2
IF=50mA
±5
deg.
Rise Time
tr
IF=50mA
80
ns
Fall Time
tf
IF=50mA
80
ns
EPITEX INC. : 4, Nishiaketa-Cho, Higashi-Kujyou, Minami-Ku, Kyoto, Japan
Tel.: ++81-75-682-2338
Fax: ++81-75-682-2267
e-mail: sales-dep@epitex.com
http://www.epitex.com


Similar Part No. - L735-02AU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L735-03AU ETC-L735-03AU Datasheet
106Kb / 1P
   Infrared LED Lamp
More results

Similar Description - L735-02AU

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LI521 SEOUL-LI521 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LR521 SEOUL-LR521_1 Datasheet
472Kb / 12P
   Infrared LAMP LED
logo
Roithner LaserTechnik G...
LED810-XXAU ROITHNER-LED810-XXAU Datasheet
1,004Kb / 9P
   Infrared LED Lamp
logo
Seoul Semiconductor
LI520C SEOUL-LI520C Datasheet
285Kb / 13P
   Infrared LAMP LED
logo
Roithner LaserTechnik G...
LED940 ROITHNER-LED940 Datasheet
899Kb / 6P
   Infrared LED Lamp
LED970-XX ROITHNER-LED970-XX Datasheet
82Kb / 2P
   Infrared LED Lamp
logo
List of Unclassifed Man...
LED740-01AU ETC2-LED740-01AU Datasheet
89Kb / 1P
   Infrared LED Lamp
logo
Roithner LaserTechnik G...
LED770-03AU ROITHNER-LED770-03AU Datasheet
66Kb / 1P
   Infrared LED Lamp
LED780_XXAU ROITHNER-LED780_XXAU Datasheet
184Kb / 1P
   infrared led lamp
LED840-04AU ROITHNER-LED840-04AU Datasheet
66Kb / 1P
   Infrared LED Lamp
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com