Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC151X01 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # LC151X01
Description  15.1 Title XGA TFT LCD
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LC151X01 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button LC151X01 Datasheet HTML 6Page - NXP Semiconductors LC151X01 Datasheet HTML 7Page - NXP Semiconductors LC151X01 Datasheet HTML 8Page - NXP Semiconductors LC151X01 Datasheet HTML 9Page - NXP Semiconductors LC151X01 Datasheet HTML 10Page - NXP Semiconductors LC151X01 Datasheet HTML 11Page - NXP Semiconductors LC151X01 Datasheet HTML 12Page - NXP Semiconductors LC151X01 Datasheet HTML 13Page - NXP Semiconductors LC151X01 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Product Specification
10 / 27
LC151X01
Liquid Crystal Display
Ver. 0.2
Mar.06. 2002
RED0
RED1
RED2
RED3
RED4
RED5
RED6
RED7
GREEN0
GREEN1
GREEN2
GREEN3
GREEN4
GREEN5
GREEN6
GREEN7
BLUE0
BLUE1
BLUE2
BLUE3
BLUE4
BLUE5
BLUE6
BLUE7
Hsync
Vsync
Data Enable
CLOCK
Host System
24 Bit
TxOUT0-
TxOUT0+
TxOUT1-
TxOUT1+
TxOUT2-
TxOUT3+
TxCLKOUT-
TxCLKOUT+
TxOUT3-
TxOUT3+
51
52
54
55
56
3
50
2
4
6
7
11
12
14
8
10
15
19
20
22
23
24
16
18
27
28
30
31
DS90C385
or Compatible
5
6
8
9
11
12
14
15
17
18
RxIN0-
RxIN0+
RxIN1-
RxIN1+
RxIN2-
RxIN2+
RxCLKIN-
RxCLKIN+
RxIN3-
RxIN3+
100
100
100
100
100
48
47
46
45
42
41
40
39
38
37
DF14H-20P-1.25H
Timing
Controller
Note : The LCD Module uses a 100Ohm resistor between positive and negative lines of each
receiver input.
LCD Module


Similar Part No. - LC151X01

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LC151 SEOUL-LC151 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LC151 SEOUL-LC151 Datasheet
360Kb / 13P
   CYAN LAMP LED
LC151 SEOUL-LC151 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC151 SEOUL-LC151 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC151 SEOUL-LC151 Datasheet
378Kb / 14P
   RED LAMP LED
More results

Similar Description - LC151X01

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
OPD-215A AAEON-OPD-215A Datasheet
270Kb / 2P
   15??TFT XGA LCD
OPD-215E AAEON-OPD-215E Datasheet
311Kb / 2P
   15??TFT XGA LCD
logo
List of Unclassifed Man...
M150XN07 ETC2-M150XN07_07 Datasheet
506Kb / 29P
   15.0??XGA Color TFT-LCD Module
logo
AU Optronics Corp.,
M150XN07V.2 AUO-M150XN07V.2 Datasheet
511Kb / 29P
   15.0inch XGA Color TFT-LCD Module
logo
Axiomtek Co., Ltd.
P6121 AXIOMTEK-P6121 Datasheet
271Kb / 2P
   12.1 XGA TFT LED backlight LCD
P6153LPR-AC-U AXIOMTEK-P6153LPR-AC-U Datasheet
322Kb / 3P
   15 XGA TFT Industrial LCD Monitor
logo
List of Unclassifed Man...
M150XN07 ETC-M150XN07 Datasheet
239Kb / 26P
   15.0??XGA Color TFT-LCD Module
logo
Axiomtek Co., Ltd.
P6101 AXIOMTEK-P6101 Datasheet
290Kb / 2P
   10.4 XGA TFT Industrial LCD Monitor
P6151 AXIOMTEK-P6151 Datasheet
184Kb / 2P
   15 TFT XGA LED backlight LCD
P6153LPR-AC-RS AXIOMTEK-P6153LPR-AC-RS Datasheet
322Kb / 3P
   15 XGA TFT Industrial LCD Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com