Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF-H28A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LF-H28A
Description  MAGNETICS MODULE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LF-H28A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LF-H28A Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mechanicals:
Schematics:
Electrical Specifications: @25℃
LANKom Electronics Co., Ltd.
10/100BASE-TX
MAGNETICS MODULE
連 康 電 子 股 份 有 限 公 司
03-09-22
LANKom Electronics Co., Ltd.
TEL: 886-2-6606-9777
FAX: 886-2-6606-9555
E-mail: sales@lankom.com.tw


Similar Part No. - LF-H28A

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
LF-H41S MICREL-LF-H41S Datasheet
678Kb / 54P
   10Base-T/100Base-TX Physical Layer Transceiver
logo
List of Unclassifed Man...
LF-H49P ETC-LF-H49P Datasheet
35Kb / 1P
   Magnetics Modules
LF-H52X ETC-LF-H52X Datasheet
29Kb / 1P
   10/100BASE-TX SINGLE PORT DIL PACKAGE MAGNETICS
LF-H60E ETC1-LF-H60E Datasheet
32Kb / 1P
   10/100BASE-TX SINGLE PORT MAGNETICS MODULE
More results

Similar Description - LF-H28A

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
X5585999BD-F BEL-X5585999BD-F Datasheet
766Kb / 2P
   1000BT MAGNETICS MODULE
X558-5999-BD-F BEL-X558-5999-BD-F Datasheet
766Kb / 2P
   1000BT MAGNETICS MODULE
S5585999BD-F BEL-S5585999BD-F Datasheet
766Kb / 2P
   1000BT MAGNETICS MODULE
logo
XFMRS Inc.
XFATM9B XFMRS-XFATM9B_15 Datasheet
48Kb / 1P
   10/100BASE MAGNETICS MODULE
XFATM9B2 XFMRS-XFATM9B2_15 Datasheet
49Kb / 1P
   10/100BASE MAGNETICS MODULE
XFATM9B5 XFMRS-XFATM9B5_15 Datasheet
61Kb / 1P
   10/100BASE MAGNETICS MODULE
logo
Rhombus Industries Inc.
T-17300 RHOMBUS-IND-T-17300 Datasheet
41Kb / 2P
   1000BASE - T MAGNETICS MODULE
logo
Bel Fuse Inc.
X558-5999-Z5-F BEL-X558-5999-Z5-F Datasheet
68Kb / 2P
   10/100BT MAGNETICS MODULE
S558-5999-AZ-F BEL-S558-5999-AZ-F Datasheet
58Kb / 2P
   10/100BT MAGNETICS MODULE
S5585999Z5-F BEL-S5585999Z5-F Datasheet
68Kb / 2P
   10/100BT MAGNETICS MODULE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com