Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL4001G Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LL4001G
Description  1.0 AMP Surface Mount Glass Passivated Silicon Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LL4001G Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LL4001G Datasheet HTML 1Page - List of Unclassifed Manufacturers LL4001G Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 375 -
RATINGS AND CHARACTERISTIC CURVES (LL4001G THRU LL4007G)
FIG.4- TYPICAL FORWARD CHARACTERISTICS
1.6
.4
.6
.8
1.0
1.2
1.4
0.01
.1
1.0
10
FORWARD VOLTAGE. (V)
FIG.1- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
1
4
2
6
8 10
20
100
40
80
60
10
50
0
30
20
40
NUMBER OF CYCLES AT 60Hz
FIG.3- TYPICAL JUNCTION CAPACITANCE
1
10
100
1.0
10
100
REVERSE VOLTAGE. (V)
FIG.2- MAXIMUM FORWARD CURRENT DERATING
CURVE
25
50
75
100
150
125
175
0
.25
.75
.50
1.00
1.25
1.50
AMBIENT TEMPERATURE. ( C)
o


Similar Part No. - LL4001G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
LL4001G TSC-LL4001G Datasheet
78Kb / 2P
   1.0 AMP Surface Mount Glass Passivated Silicon Rectifiers
LL4001G TSC-LL4001G Datasheet
239Kb / 2P
   1.0AMP Surface Mount Glass Plassivated Silicon Rectifiers
logo
SEMTECH ELECTRONICS LTD...
LL4001G SEMTECH_ELEC-LL4001G Datasheet
409Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIERS
logo
RFE international
LL4001G RFE-LL4001G Datasheet
123Kb / 1P
   SURFACE MOUNT: General Purpose, Fast Recovery, & Super Fast Recovery
logo
Shenzhen Luguang Electr...
LL4001G LUGUANG-LL4001G Datasheet
208Kb / 2P
   1.0AMP. Surface Mount Glass Plassivated Silicon Rectifiers
More results

Similar Description - LL4001G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
LL4001G TSC-LL4001G Datasheet
78Kb / 2P
   1.0 AMP Surface Mount Glass Passivated Silicon Rectifiers
LL4933G TSC-LL4933G Datasheet
67Kb / 2P
   1.0 AMP Surface Mount Glass Passivated Silicon Rectifiers
logo
WILLAS ELECTRONIC CORP
MD1F WILLAS-MD1F Datasheet
450Kb / 2P
   1.0 AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
logo
DIYI Electronic Technol...
S1AU DYELEC-S1AU Datasheet
1Mb / 2P
   1.0 AMP SURFACE MOUNT PASSIVATED RECTIFIERS
S1A DYELEC-S1A Datasheet
1Mb / 2P
   1.0 AMP SURFACE MOUNT PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
1T1G TSC-1T1G Datasheet
54Kb / 2P
   1.0 AMP. Glass Passivated Rectifiers
logo
Formosa MS
1N4001G FORMOSA-1N4001G Datasheet
32Kb / 2P
   1.0 AMP GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
1N4001G TSC-1N4001G Datasheet
59Kb / 2P
   1.0 AMP. Glass Passivated Rectifiers
logo
DIYI Electronic Technol...
1A1G DYELEC-1A1G Datasheet
650Kb / 2P
   1.0 AMP. Glass Passivated Rectifiers
1A1GU DYELEC-1A1GU Datasheet
652Kb / 2P
   1.0 AMP. Glass Passivated Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com