Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM7812A Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # LM7812A
Description  3-TERMINAL 1A POSITIVE VOLTAGE REGULATORS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM7812A Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button LM7812A Datasheet HTML 4Page - Fairchild Semiconductor LM7812A Datasheet HTML 5Page - Fairchild Semiconductor LM7812A Datasheet HTML 6Page - Fairchild Semiconductor LM7812A Datasheet HTML 7Page - Fairchild Semiconductor LM7812A Datasheet HTML 8Page - Fairchild Semiconductor LM7812A Datasheet HTML 9Page - Fairchild Semiconductor LM7812A Datasheet HTML 10Page - Fairchild Semiconductor LM7812A Datasheet HTML 11Page - Fairchild Semiconductor LM7812A Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LM78XX (KA78XX, MC78XX) FIXED VOLTAGE REGULATOR (POSITIVE)
LM7812/I/R/RI ELECTRICAL CHARACTERISTICS
(Refer to test circuit, TMIN <TJ <TMAX, IO=500mA, VI=19V, CI= 0.33
µF, C
O= 0.1.
µF, unless otherwise specified)
TMIN <TJ <TMAX
LM78XXI/RI: TMIN= - 40
°C, T
MAX = +125
°C
LM78XX/R: TMIN= 0
°C, T
MAX= +125
°C
* Load and line regulation are specified at constant, junction temperature. Change in VO due to heating effects must be taken
into account separately. Pulse testing with low duty is used.
LM7812I
LM7812
Min Typ
Max
Min Typ
Max
TJ =+25
°C
11.5
12
12.5
11.5
12
12.5
Output Voltage
VO
5.0mA
≤ I
O
≤1.0A, P
D
≤15W
VI = 14.5V to 27V
VI= 15.5V to 27V
11.4
12
12.6
11.4
12
12.6
V
VI = 14.5V to 30V
10
240
10
240
VI = 16V to 22V
3.0
120
3.0
120
IO = 5mA to 1.5A
11
240
11
240
IO = 250mA to 750mA
5.0
120
5.0
120
Quiescent Current
IQ
TJ =+25
°C
5.1
8
5.1
8
mA
IO = 5mA to 1.0A
0.1
0.5
0.1
0.5
Quiescent Current Change
∆I
Q
VI = 14.5V to 30V
0.5
1.0
mA
VI = 15V to 30V
1.0
Output Voltage Drift
∆V
O/
∆T IO = 5mA
0.5
-1
-1
mV/
°C
Output Noise Voltage
VN
f = 10Hz to 100Khz, TA =+25
°C
76
76
mV/VO
Ripple
Rejection
RR
f = 120Hz
VI = 15V to 25V
55
71
55
71
dB
Dropout Voltage
VD
IO = 1A, TJ=+25
°C
2
2
V
Output Resistance
RO
f = 1KHz
18
18
m
Short Circuit Current
ISC
VI = 35V, TA=+25
°C
230
230
mA
Peak Current
IPK
TJ = +25
°C
2.2
2.2
A
Unit
Line Regulation
∆V
O
∆V
O
TJ =+25
°C
TJ =+25
°C
Load Regulation
Characteristic
Symbol
Test Conditions
mV
mV


Similar Part No. - LM7812A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM7812A FAIRCHILD-LM7812A Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
LM7812ACT FAIRCHILD-LM7812ACT Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
LM7812ACT FAIRCHILD-LM7812ACT Datasheet
556Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
LM7812ACT FAIRCHILD-LM7812ACT Datasheet
1Mb / 28P
   3-Terminal 1A Positive Voltage Regulator
LM7812ACT FAIRCHILD-LM7812ACT Datasheet
850Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
More results

Similar Description - LM7812A

ManufacturerPart #DatasheetDescription
logo
Hangzhou Youwang Electr...
UTC78XX YOUWANG-UTC78XX Datasheet
5Mb / 8P
   3 TERMINAL 1A POSITIVE VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL78XX IKSEMICON-IL78XX Datasheet
1Mb / 21P
   POSITIVE VOLTAGE REGULATOR 3- TERMINAL 1A POSITIVE VOLTAGE REGULATORS IL78xx
logo
BCD Semiconductor Manuf...
AZ78XX BCDSEMI-AZ78XX_07 Datasheet
142Kb / 14P
   1A 3-TERMINAL POSITIVE LINEAR REGULATORS
logo
Texas Instruments
LM341-12 TI1-LM341-12 Datasheet
729Kb / 13P
[Old version datasheet]   3-Terminal Positive Voltage Regulators
logo
GTM CORPORATION
G3U78XXA GTM-G3U78XXA Datasheet
206Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GI78XX GTM-GI78XX Datasheet
201Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XX GTM-GJ78XX Datasheet
197Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XXA GTM-GJ78XXA Datasheet
168Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Bookly Micro electronic
BM7805 BOOKLY-BM7805 Datasheet
222Kb / 8P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
GTM CORPORATION
GE78XX GTM-GE78XX Datasheet
207Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com