Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

LM7812A Datasheet(HTML) 9 Page - Fairchild Semiconductor

Part No. LM7812A
Description  3-TERMINAL 1A POSITIVE VOLTAGE REGULATORS
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

LM7812A Datasheet(HTML) 9 Page - Fairchild Semiconductor

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 28 page
background image
LM78XX (KA78XX, MC78XX) FIXED VOLTAGE REGULATOR (POSITIVE)
LM7815/I/R/RI ELECTRICAL CHARACTERISTICS
(Refer to test circuit, TMIN<TJ<TMAX, IO =500mA, VI =23V, CI =0.33
µF, C
O =0.1
µF, unless otherwise specified)
* TMIN <TJ <TMAX
LM78XXI/RI: TMIN= - 40
°C, T
MAX = +125
°C
LM78XX/R: TMIN= 0
°C, T
MAX= +125
°C
* Load and line regulation are specified at constant, junction temperature. Change in VO due to heating effects must be taken
into account separately. Pulse testing with low duty is used.
LM7815I
LM7815
Min Typ
Max
Min
Typ
Max
TJ =+25
°C
14.4
15
15.6
14.4
15
15.6
Output Voltage
VO
5.0mA
≤ I
O
≤1.0A, P
D
≤15W
VI = 17.5V to 30V
VI= 18.5V to 30V
14.2
5
15
15.75 14.25
15
15.75
V
VI = 17.5V to 30V
11
300
11
300
VI = 20V to 26V
3
150
3
150
IO = 5mA to 1.5A
12
300
12
300
IO = 250mA to 750mA
4
150
4
150
Quiescent Current
IQ
TJ =+25
°C
5.2
8
5.2
8
mA
IO = 5mA to 1.0A
0.5
0.5
Quiescent Current Change
∆I
Q
VI = 17.5V to 30V
1.0
mA
VI = 18.5V to 30V
1.0
Output Voltage Drift
∆V
O/
∆T IO = 5mA
-1
-1
mV/
°C
Output Noise Voltage
VN
f = 10Hz to 100Khz, TA =+25
°C
90
90
µV/V
O
Ripple
Rejection
RR
f = 120Hz
VI = 18.5V to 28.5V
54
70
54
70
dB
Dropout Voltage
VD
IO = 1A, TJ=+25
°C
2
2
V
Output Resistance
RO
f = 1KHz
19
19
m
Short Circuit Current
ISC
VI = 35V, TA=+25
°C
250
250
mA
Peak Current
IPK
TJ =+25
°C
2.2
2.2
A
Unit
Line Regulation
∆V
O
∆V
O
TJ =+25
°C
TJ =+25
°C
Load Regulation
Characteristic
Symbol
Test Conditions
mV
mV


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM78L00LM78L00 Series 3-Terminal Positive Voltage Regulators 1 2 3 4 5 MoreNational Semiconductor (TI)
TA78L05F3-TERMINAL POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreToshiba Semiconductor
PJ78003-Terminal Fixed Voltage Positive Regulators 1 2 3 4 5 MoreList of Unclassifed Manufacturers
H78LXX3-TERMINAL POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreHi-Sincerity Mocroelectronics
H78XX3-TERMINAL POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreHi-Sincerity Mocroelectronics
PJ78L003-Terminal Low Current Positive Voltage Regulators 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AX78LXX3-Terminal Positive Voltage Regulators 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LM3413-Terminal Positive Voltage Regulators 1 2 3 4 5 MoreNational Semiconductor (TI)
AX78XX3-Terminal Positive Voltage Regulators 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn