Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

LM7812A Datasheet(HTML) 15 Page - Fairchild Semiconductor

Part No. LM7812A
Description  3-TERMINAL 1A POSITIVE VOLTAGE REGULATORS
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

LM7812A Datasheet(HTML) 15 Page - Fairchild Semiconductor

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 28 page
background image
LM78XX (KA78XX, MC78XX) FIXED VOLTAGE REGULATOR (POSITIVE)
LM7809A/RA ELECTRICAL CHARACTERISTICS
(Refer to the test circuits. TJ = 0 to +125
°C, I
O = 1A, V I = 15V, C I = 0.33
µF, C
O = 0.1
µF, unless otherwise specified)
* Load and line regulation are specified at constant, junction temperature. Change in VO due to heating effects must be taken
into account separately. Pulse testing with low duty is used.
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
TJ =+25
°C
8.82
9.0
9.18
Output Voltage
VO
IO = 5mA to 1A, PD
≤15W
VI = 11.2 to 24V
8.65
9.0
9.35
V
VI= 11.7 to 25V
IO = 500mA
6
90
Line Regulation
∆V
O
VI= 12.5 to 19V
4
45
mV
VI= 11.5V to 24V
6
90
VI= 12.5V to 19V
2
45
TJ =+25
°C
IO = 5mA to 1.0A
12
100
IO = 5mA to 1.0A
12
100
IO = 250 to 750mA
5
50
Quiescent Current
IQ
TJ =+25
°C
5.0
6.0
mA
VI = 11.7V to 25V, TJ=+25
°C
0.8
Quiescent Current Change
∆I
Q
VI = 12V to 25V, IO = 500mA
0.8
mA
IO = 5mA to 1.0A
0.5
Output Voltage Drift
IO = 5mA
-1.0
mV/
°C
Output Noise Voltage
VN
f = 10Hz to 100KHz
TA =+25
°C
10
Ripple Rejection
RR
f = 120Hz, IO = 500mA
VI = 12V to 22V
62
dB
Dropout Voltage
VD
IO = 1A, TJ =+25
°C
2.0
V
Output Resistance
RO
f = 1KHz
17
m
Short Circuit Current
ISC
VI= 35V, TA =+25
°C
250
mA
Peak Current
IPK
TJ=+25
°C
2.2
A
Load Regulation
∆V
O
TJ =+25
°C
∆V/∆T
µV/V
O
mV


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM78L00LM78L00 Series 3-Terminal Positive Voltage Regulators 1 2 3 4 5 MoreNational Semiconductor (TI)
TA78L05F3-TERMINAL POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreToshiba Semiconductor
PJ78003-Terminal Fixed Voltage Positive Regulators 1 2 3 4 5 MoreList of Unclassifed Manufacturers
H78LXX3-TERMINAL POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreHi-Sincerity Mocroelectronics
H78XX3-TERMINAL POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreHi-Sincerity Mocroelectronics
PJ78L003-Terminal Low Current Positive Voltage Regulators 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AX78LXX3-Terminal Positive Voltage Regulators 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LM3413-Terminal Positive Voltage Regulators 1 2 3 4 5 MoreNational Semiconductor (TI)
AX78XX3-Terminal Positive Voltage Regulators 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn