Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M670-669.3265 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # M670-669.3265
Description  VOLTAGE CONTROLLED SAW OSCILLATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M670-669.3265 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  M670-669.3265 Datasheet HTML 1Page - Integrated Circuit Systems M670-669.3265 Datasheet HTML 2Page - Integrated Circuit Systems M670-669.3265 Datasheet HTML 3Page - Integrated Circuit Systems M670-669.3265 Datasheet HTML 4Page - Integrated Circuit Systems M670-669.3265 Datasheet HTML 5Page - Integrated Circuit Systems M670-669.3265 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
M670 Datasheet Rev 12.1
4 of 6
Revised 09Apr2003
Integr ate d Circuit Systems , In c. ● Comm unication s Modules ● www.icst.com ● tel (508) 852-5400
Integrated
Circuit
Systems, Inc.
M670
VOLTAGE CONTROLLED SAW OSCILLATOR
Prod uct Data Sh eet
PARAMETER MEASUREMENT INFORMATION
Output Rise and Fall Time
Figure 3: Output Rise and Fall Time
Output Duty Cycle
Figure 4: Output Duty Cycle
TEST DATA
Broadband Jitter
Figure 5: Broadband Jitter
Linearity
Figure 6: Linearity
Output Waveform
Figure 7: Output Waveform
Phase Noise
Figure 8: Phase Noise
20%
80%
tR
20%
tF
80%
Clock
Outputs
VSWING
tPW
tPERIOD
(Output Pulse Width)
tPERIOD
tPW
odc =
nFOUT
FOUT


Similar Part No. - M670-669.3265

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
M67025E ATMEL-M67025E Datasheet
531Kb / 27P
   Rad. Tolerant High Speed 8 Kb x 16 Dual Port RAM
M67025E ATMEL-M67025E Datasheet
693Kb / 27P
   Rad. Tolerant High Speed 8 Kb x 16 Dual Port RAM
M67025E ATMEL-M67025E_07 Datasheet
693Kb / 27P
   Rad. Tolerant High Speed 8 Kb x 16 Dual Port RAM
M67025E ATMEL-M67025E_14 Datasheet
694Kb / 27P
   Separate Upper Byte and Lower Byte Control for Multiplexed Bus Compatibility
logo
HK TO-GRACE TECHNOLOGY ...
M670GS TO-GRACE-M670GS Datasheet
678Kb / 11P
   Package in 8mm tape on 7" diameter reels.
More results

Similar Description - M670-669.3265

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
M675 IDT-M675 Datasheet
111Kb / 6P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Integrated Circuit Syst...
M630 ICST-M630 Datasheet
87Kb / 1P
   VOLTAGE CONTROLLED SAW OSCILLATOR
M624 ICST-M624 Datasheet
52Kb / 1P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Vectron International, ...
VS700 VECTRON-VS700_09 Datasheet
840Kb / 7P
   Voltage Controlled SAW Oscillator
logo
SYNERGY MICROWAVE CORPO...
VCSO-OC12-1 SYNERGY-VCSO-OC12-1 Datasheet
419Kb / 3P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Vectron International, ...
VS-502 VECTRON-VS-502 Datasheet
202Kb / 8P
   Voltage Controlled SAW Oscillator
VS-501 VECTRON-VS-501_12 Datasheet
408Kb / 6P
   Voltage Controlled SAW Oscillator
VS-501 VECTRON-VS-501 Datasheet
205Kb / 5P
   Voltage Controlled SAW Oscillator
logo
SYNERGY MICROWAVE CORPO...
MSO1000-3 SYNERGY-MSO1000-3 Datasheet
326Kb / 4P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Integrated Circuit Syst...
M660-01 ICST-M660-01 Datasheet
552Kb / 3P
   Voltage Controlled SAW Oscillator
logo
API Technologies Corp
TOM9339 APITECH-TOM9339 Datasheet
58Kb / 1P
   Voltage Controlled SAW Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com